Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54BCT2240 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54BCT2240
Description  OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54BCT2240 Datasheet(HTML) 1 Page - Texas Instruments

  SN54BCT2240_15 Datasheet HTML 1Page - Texas Instruments SN54BCT2240_15 Datasheet HTML 2Page - Texas Instruments SN54BCT2240_15 Datasheet HTML 3Page - Texas Instruments SN54BCT2240_15 Datasheet HTML 4Page - Texas Instruments SN54BCT2240_15 Datasheet HTML 5Page - Texas Instruments SN54BCT2240_15 Datasheet HTML 6Page - Texas Instruments SN54BCT2240_15 Datasheet HTML 7Page - Texas Instruments SN54BCT2240_15 Datasheet HTML 8Page - Texas Instruments SN54BCT2240_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN54BCT2240, SN74BCT2240
OCTAL BUFFERS AND LINE/MOS DRIVERS
WITH 3-STATE OUTPUTS
SCBS030E − SEPTEMBER 1988 − REVISED MARCH 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Operating Voltage Range of 4.5 V to 5.5 V
D State-of-the-Art BiCMOS Design
Significantly Reduces ICCZ
D Output Ports Have Equivalent 33-Ω Series
Resistors, So No External Resistors Are
Required
D 3-State Outputs Drive Bus Lines or Buffer
Memory Address Registers
description/ordering information
These octal buffers and line drivers are designed
specifically to improve both the performance and
density of 3-state memory address drivers, clock
drivers,
and
bus-oriented
receivers
and
transmitters. Together with the SN74BCT2241
and the ’BCT2244 devices, these devices provide
the choice of selected combinations of inverting
and noninverting outputs, symmetrical active-low
output-enable (OE) inputs, and complementary
OE and OE inputs. These devices feature high
fan-out and improved fan-in.
The ’BCT2240 devices are organized as two 4-bit
line drivers with separate output-enable (OE)
inputs. When OE is low, the device passes data
from the A inputs to the Y outputs. When OE is
high, the outputs are in the high-impedance state.
To ensure the high-impedance state during power
up or power down, OE should be tied to VCC
through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of
the driver.
The outputs, which are designed to source or sink up to 12 mA, include 33-
Ω series resistors to reduce overshoot
and undershoot.
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube
SN74BCT2240N
SN74BCT2240N
SOIC
DW
Tube
SN74BCT2240DW
BCT2240
0
°C to 70°C
SOIC − DW
Tape and reel
SN74BCT2240DWR
BCT2240
0 C to 70 C
SOP − NS
Tape and reel
SN74BCT2240NSR
BCT2240
SSOP − DB
Tape and reel
SN74BCT2240DBR
BA240
CDIP − J
Tube
SNJ54BCT2240J
SNJ54BCT2240J
−55
°C to 125°C
CFP − W
Tube
SNJ54BCT2240W
SNJ54BCT2240W
LCCC − FK
Tube
SNJ54BCT2240FK
SNJ54BCT2240FK
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
1Y1
2A4
1Y2
2A3
1Y3
1A2
2Y3
1A3
2Y2
1A4
SN54BCT2240 . . . FK PACKAGE
(TOP VIEW)
SN54BCT2240 ...J OR W PACKAGE
SN74BCT2240 . . . DB, DW, N,OR NS PACKAGE
(TOP VIEW)
Copyright
© 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN54BCT2240_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT2240FK TI-SN54BCT2240FK Datasheet
74Kb / 5P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2240J TI-SN54BCT2240J Datasheet
74Kb / 5P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2240W TI-SN54BCT2240W Datasheet
74Kb / 5P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54BCT2240_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT2240 TI-SN54BCT2240 Datasheet
74Kb / 5P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2240A TI-SN54ABT2240A Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2244 TI-SN54ABT2244 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2240A TI1-SN54ABT2240A_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2244A TI-SN54ABT2244A Datasheet
117Kb / 8P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2244 TI-SN54BCT2244 Datasheet
492Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2244 TI-SN54BCT2244_08 Datasheet
664Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2241 TI-SN54ABT2241 Datasheet
116Kb / 7P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2244A TI1-SN54ABT2244A_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2244 TI1-SN54BCT2244_16 Datasheet
699Kb / 15P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com