Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3S12C128 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MC3S12C128
Description  16-Bit Microcontroller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC3S12C128 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MC3S12C128 Datasheet HTML 6Page - Motorola, Inc MC3S12C128 Datasheet HTML 7Page - Motorola, Inc MC3S12C128 Datasheet HTML 8Page - Motorola, Inc MC3S12C128 Datasheet HTML 9Page - Motorola, Inc MC3S12C128 Datasheet HTML 10Page - Motorola, Inc MC3S12C128 Datasheet HTML 11Page - Motorola, Inc MC3S12C128 Datasheet HTML 12Page - Motorola, Inc MC3S12C128 Datasheet HTML 13Page - Motorola, Inc MC3S12C128 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MOTOROLA
MC9S12C-Family
10
PRODUCT PROPOSAL, Rev. 3, 12-May-04
Figure 7 Pin Assignments in 80 QFP for MC9S12C-Family
!!! Pin-out is Subject to Change!!!
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
MC9S12C-Family
80 QFP
VRH
VDDA
PAD07/AN07
PAD06/AN06
PAD05/AN05
PAD04/AN04
PAD03/AN03
PAD02/AN02
PAD01/AN01
PAD00/AN00
VSS2
VDD2
PA7/ADDR15/DATA15
PA6/ADDR14/DATA14
PA5/ADDR13/DATA13
PA4/ADDR12/DATA12
PA3/ADDR11/DATA11
PA2/ADDR10/DATA10
PA1/ADDR9/DATA9
PA0/ADDR8/DATA8
PW3/KWP3/PP3
PW2/KWP2/PP2
PW1/KWP1/PP1
PW0/KWP0/PP0
PW0/IOC0/PT0
PW1/IOC1/PT1
PW2/IOC2/PT2
PW3/IOC3/PT3
VDD1
VSS1
PW4/IOC4/PT4
IOC5/PT5
IOC6/PT6
IOC7/PT7
MODC/TAGHI/BKGD
ADDR0/DATA0/PB0
ADDR1/DATA1/PB1
ADDR2/DATA2/PB2
ADDR3/DATA3/PB3
ADDR4/DATA4/PB4
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
Signals shown in Bold are not available on the 52 or 48 Pin Package
Signals shown in Bold Italic are available in the 52, but not the 48 Pin Package
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC3S12C128

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC3S12G128F0CFTR FREESCALE-MC3S12G128F0CFTR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
MC3S12G128F0CLCR FREESCALE-MC3S12G128F0CLCR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
MC3S12G128F0CLFR FREESCALE-MC3S12G128F0CLFR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
MC3S12G128F0CLHR FREESCALE-MC3S12G128F0CLHR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
MC3S12G128F0CLLR FREESCALE-MC3S12G128F0CLLR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
More results

Similar Description - MC3S12C128

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com