Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPLL2350DD-250k Datasheet(PDF) 1 Page - BOWEI Integrated Circuits CO.,LTD.

Part # MPLL2350DD-250k
Description  Phase locked synthesizer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWEI [BOWEI Integrated Circuits CO.,LTD.]
Direct Link  http://www.cn-bowei.com
Logo BOWEI - BOWEI Integrated Circuits CO.,LTD.

MPLL2350DD-250k Datasheet(HTML) 1 Page - BOWEI Integrated Circuits CO.,LTD.

  MPLL2350DD-250k Datasheet HTML 1Page - BOWEI Integrated Circuits CO.,LTD. MPLL2350DD-250k Datasheet HTML 2Page - BOWEI Integrated Circuits CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MPLL-D series
MPLL55AD-10k
50-60
2±2
10
<15
-30
-75
-110/-130
+5/5
+5/15
MPLL140AD-20k
135-145
0±2
20
<30
-20
-75
-113/-135
+5/5
+5/15
MPLL150AD-20k
145-155
0±2
20
<30
-20
-75
-113/-135
+5/5
+5/15
MPLL290AD-20k
285-295
0±2
20
<30
-20
-75
-113/-135
+5/5
+5/15
MPLL385BD-25k
380-390
0±2
25
<15
-15
-75
-111/-132
+5/7
+5/20
MPLL615BD-25k
610-620
0±2
25
<15
-15
-75
-111/-132
+5/7
+5/20
MPLL755BD-30k
730-780
0±2
30
<15
-15
-75
-108/-128
+5/20
MPLL836BD-30k
824-849
0±2
30
<15
-15
-75
-108/-128
+5/7
+5/20
MPLL881BD-30k
869-894
0±2
30
<15
-15
-75
-109/-129
+5/7
+5/20
MPLL1015BD-30k
990-1040
0±2
30
<15
-15
-75
-108/-128
+5/7
+5/20
MPLL1620BD-50k
1590-1650
0±2
50
<15
-15
-75
-102/-122
+5/28
MPLL1777BD-200k
1747-1807
2±2
200
<6
-15
-75
-90/-117
+5/7
+5/28
MPLL1810BD-50k
1780-1840
0±2
50
<15
-15
-75
-103/-123
+5/7
+5/28
MPLL2140BD-200k
2110-2170
2±2
200
<6
-15
-75
-90/-117
+5/7
+5/28
MPLL2280BD-50k
2240-2320
0±2
50
<15
-25
-75
-101/-121
+5/7
+5/28
MPLL2386BD-200k
2341-2431
3±2
200
<5
-25
-75
-92/-120
+5/7
+5/28
MPLL2650CD-200k
2600-2700
2±2
200
<5
-25
-75
-92/-117
+5/12
+5/28
MPLL2800CD-200k
2700-2900
2±2
200
<5
-25
-75
-92/-117
+5/12
+5/28
MPLL3250CD-250k
3200-3300
2±2
250
<5
-25
-75
-92/-117
+5/12
+5/30
MPLL3550ED-250k
3500-3600
2±2
250
<5
-25
-75
-90/-115 +3.3/17
+5/30
MPLL4450ED-500k
4400-4500
0±2
500
<5
-25
-75
-90/-113 +3.3/17
+5/35
MPLL5150ED-500k
5100-5200
0±2
500
<5
-25
-75
-85/-111 +3.3/17
+5/35
MPLL5800ED-1M
5750-5850
0±2
1000
<5
-25
-70
-85/-110 +3.3/17
+5/35
MPLL7200FD-500k
7160-7240
0±2
500
<5
-25
-70
-82/-108 +3.3/17
+5/35
+5/7
+5/7
MPLL105AD-20k
100-110
0±2
20
<30
-30
-75
-112/-133
+5/5
+5/15
MPLL749CD-200k
719-778
5±2
200
<0.45
-20
<-80
-90/-147
+3.3/13
+5/40
MPLL825CD-200k
805-844
5±2
200
<0.45
-20
<-80
-90/-147
+3.3/13
+5/40
MPLL1001CD-200k
976-1025
5±2
200
<0.45
-20
<-80
-90/-145
+3.3/13
+5/40
MPLL1066CD-200k
1046-1085
5±2
200
<0.45
-20
<-80
-90/-145
+3.3/13
+5/40
MPLL1537CD-200k
1499-1575
5±2
200
<0.45
-20
<-80
-85/-141
+3.3/13
+5/40
MPLL1635CD-200k
1597-1672
5±2
200
<0.45
-20
<-80
-85/-140
+3.3/13
+5/40
MPLL1669CD-200k
1639-1699
5±2
200
<0.45
-20
<-80
-85/-141
+3.3/13
+5/40
MPLL1752CD-200k
1722-1782
5±2
200
<0.45
-20
<-80
-85/-140
+3.3/13
+5/40
Tel:0311- 7091891/18
☆ Fax:0311-87091282 ☆ E-mail:cjian@cn-bowei.com
http://www.cn-bowei.com
8
87,83933088
BOWEI INTEGRATED CIRCUITS CO.,LTD.
Phase locked synthesizer
Features
l
l
l
Standard package 20.0*15.0*4.0mm
Low power supply +5V or +3V
Frequency 50~7500MHz, relative bandwidth up to 20%
MHz
dBm
dBc
dBc/Hz
2nd
kHz
mS
dBc
Vpll/Ipll Vvco/Ivco
V/mA
V/mA
Part number
Frequency
Power
output
Step
size
Switching
time
Harmonic
output
Spurious
output
Phase
noise
@10/100kHz
MHz
dBm
dBc
dBc/Hz
2nd
kHz
mS
dBc
Vpll/Ipll Vvco/Ivco
V/mA
V/mA
Part number
Frequency
Power
output
Step
size
Switching
time
Harmonic
output
Spurious
output
Phase
noise
@10/800kHz
64


Similar Part No. - MPLL2350DD-250k

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
MPLL2386CA-250k BOWEI-MPLL2386CA-250k Datasheet
124Kb / 1P
   Phase locked synthesizer
More results

Similar Description - MPLL2350DD-250k

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
MPLL-A BOWEI-MPLL-A Datasheet
124Kb / 1P
   Phase locked synthesizer
MPLL-C BOWEI-MPLL-C Datasheet
103Kb / 1P
   Phase locked synthesizer
MPLL-BW BOWEI-MPLL-BW Datasheet
127Kb / 1P
   Broadband phase locked synthesizer
HMPLL-L BOWEI-HMPLL-L Datasheet
89Kb / 1P
   Connectorized Phase Locked Synthesizer
logo
National Semiconductor ...
DS8907 NSC-DS8907 Datasheet
164Kb / 8P
   Phase-Locked Loop Frequency Synthesizer
logo
BOWEI Integrated Circui...
MPS-D BOWEI-MPS-D Datasheet
98Kb / 1P
   Fixed frequency phase locked synthesizer
MPLL10000E-250K BOWEI-MPLL10000E-250K Datasheet
141Kb / 1P
   SMT X band phase locked synthesizer
logo
Toshiba Semiconductor
TA7310P TOSHIBA-TA7310P Datasheet
6Mb / 9P
   FOR PHASE LOCKED LOOP FREQUENCY SYNTHESIZER.
logo
NEC
UPD2819C NEC-UPD2819C Datasheet
310Kb / 4P
   PHASE LOCKED LOOP FREQUENCY SYNTHESIZER CMOS LSI
logo
National Semiconductor ...
DS8906 NSC-DS8906 Datasheet
169Kb / 8P
   AM/FM Digital Phase-Locked Loop Synthesizer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com