Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM536353QRNLTQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM536353QRNLTQ1
Description  Step-Down DC-DC Converter
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM536353QRNLTQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM536353QRNLTQ1 Datasheet HTML 2Page - Texas Instruments LM536353QRNLTQ1 Datasheet HTML 3Page - Texas Instruments LM536353QRNLTQ1 Datasheet HTML 4Page - Texas Instruments LM536353QRNLTQ1 Datasheet HTML 5Page - Texas Instruments LM536353QRNLTQ1 Datasheet HTML 6Page - Texas Instruments LM536353QRNLTQ1 Datasheet HTML 7Page - Texas Instruments LM536353QRNLTQ1 Datasheet HTML 8Page - Texas Instruments LM536353QRNLTQ1 Datasheet HTML 9Page - Texas Instruments LM536353QRNLTQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
6
LM53625-Q1, LM53635-Q1
SNVSAA7A – DECEMBER 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM53625-Q1 LM53635-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
An extended input voltage range to 3.5 V is possible; see System Characteristics table. See Input UVLO for start-up conditions.
(2)
The output voltage must not be allowed to fall below zero volts during normal operation.
7.3 Recommended Operating Conditions
over the recommended operating junction temperature range of –40°C to +150°C (unless otherwise noted)
MIN
NOM
MAX
UNIT
Input voltage after start-up(1)
3.9
36
V
Output voltage for 3.3-V LM53625/35-Q1(2)
3.4
V
Output voltage for 5-V LM53625/35-Q1 (2)
5.2
V
Output adjustment for adjustable version of LM53625/35-Q1 (2)
3.3
10
V
Load current for LM53625-Q1, fixed output option and adjustable
2.5
A
Load current for LM53635-Q1, fixed output option and adjustable
3.5
A
Junction temperature for 1000-hour lifetime
–40
125
°C
Junction temperature for 408-hour lifetime
–40
150
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
LM53625/35-Q1
UNIT
RNL (VQFN)
22 PINS
RθJA
Junction-to-ambient thermal resistance
29.4
°C/W
RθJC
Junction-to-case (top) thermal resistance
14.2
°C/W
RθJB
Junction-to-board thermal resistance
5.4
°C/W
ψJT
Junction-to-top characterization parameter
1.2
°C/W
ψJB
Junction-to-board characterization parameter
5.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.4
°C/W


Similar Part No. - LM536353QRNLTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM536353QRNLTQ1 TI1-LM536353QRNLTQ1 Datasheet
102Kb / 7P
[Old version datasheet]   Automotive Step Down DC-DC Converter
LM536353QRNLTQ1 TI-LM536353QRNLTQ1 Datasheet
3Mb / 59P
[Old version datasheet]   LM53625/35-Q1, 2.5-A or 3.5-A, 36-V Synchronous, 2.1-MHz, Step-Down DC-DC Converter
REVISED JULY 2021
More results

Similar Description - LM536353QRNLTQ1

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX17505 MAXIM-MAX17505 Datasheet
826Kb / 18P
   Step-Down DC-DC Converter
Rev 0; 1/14
logo
Texas Instruments
TPS54040A TI1-TPS54040A_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com