Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM53625NQRNLRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM53625NQRNLRQ1
Description  Step-Down DC-DC Converter
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM53625NQRNLRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  LM53625NQRNLRQ1 Datasheet HTML 1Page - Texas Instruments LM53625NQRNLRQ1 Datasheet HTML 2Page - Texas Instruments LM53625NQRNLRQ1 Datasheet HTML 3Page - Texas Instruments LM53625NQRNLRQ1 Datasheet HTML 4Page - Texas Instruments LM53625NQRNLRQ1 Datasheet HTML 5Page - Texas Instruments LM53625NQRNLRQ1 Datasheet HTML 6Page - Texas Instruments LM53625NQRNLRQ1 Datasheet HTML 7Page - Texas Instruments LM53625NQRNLRQ1 Datasheet HTML 8Page - Texas Instruments LM53625NQRNLRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM53625-Q1, LM53635-Q1
SNVSAA7A – DECEMBER 2015 – REVISED MAY 2016
LM53625/35-Q1, 2.5-A or 3.5-A, 36-V Synchronous, 2.1-MHz, Step-Down DC-DC Converter
1
1 Features
1
AEC-Q100 Automotive Qualified:
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Range
Device HBM Classification Level 2
Device CDM Classification Level C6
–40°C to +150°C Junction Temperature Range
15-µA Quiescent Current at no Load (Typical) with
3.3-V Output
4 mm × 5 mm, 0.5-mm Pitch VQFN Package With
Wettable Flanks and 0.6-mm VIN Spacing
Low EMI and Switch Noise
Spread Spectrum Option
External Frequency Synchronization
RESET Output with Internal Filter and 3-ms
Release Timer
Pin-Selectable Forced PWM Mode
Built-In Compensation, Soft Start, Current Limit,
Thermal Shutdown, and UVLO
0.6-V Dropout at 3.5 A at 105°C TA
±1% Output Voltage Tolerance (–40°C to 125°C
TJ)
Available With Fixed 5-V, 3.3-V or Adjustable
Output
2 Applications
Automotive Telematics
Navigation Systems
In-Dash Instrumentation
Battery-Powered Applications
3 Description
The LM53625-Q1/LM53635-Q1 synchronous buck
regulator is optimized for automotive applications,
providing an output voltage of 5 V, 3.3 V, or an
adjustable output. Advanced high-speed circuitry
allows the LM53625-Q1/LM53635-Q1 to regulate
from an input of 18 V to an output of 3.3 V at a fixed
frequency of 2.1 MHz. Innovative architecture allows
this device to regulate a 3.3-V output from an input
voltage of only 3.55 V. All aspects of the LM53625-
Q1/LM53635-Q1 are optimized for automotive and
performance-driven industrial customers. An input
voltage range up to 36 V, with transient tolerance up
to 42 V, eases input surge protection design. The
automotive-qualified
Hotrod
QFN
package
with
wettable flanks reduces parasitic inductance and
resistance while increasing efficiency, minimizing
switch
node
ringing,
and
dramatically
lowering
electromagnetic interference (EMI). An open-drain
reset output, with built-in filtering and delay, provides
a true indication of system status. This feature
negates the requirement for an additional supervisory
component, saving cost and board space. Seamless
transition between PWM and PFM modes and low
quiescent current (only 15 µA for the 3.3 V option)
ensure
high
efficiency
and
superior
transient
responses at all loads.
Device Information(1)
DEVICE NAME
PACKAGE
BODY SIZE
LM53625-Q1
VQFN-HR (22)
5.00 mm × 4.00 mm
LM53635-Q1
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
Typical Automotive Layout (22 mm x 12.5 mm)


Similar Part No. - LM53625NQRNLRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM53625NQRNLRQ1 TI1-LM53625NQRNLRQ1 Datasheet
102Kb / 7P
[Old version datasheet]   Automotive Step Down DC-DC Converter
LM53625NQRNLRQ1 TI-LM53625NQRNLRQ1 Datasheet
3Mb / 59P
[Old version datasheet]   LM53625/35-Q1, 2.5-A or 3.5-A, 36-V Synchronous, 2.1-MHz, Step-Down DC-DC Converter
REVISED JULY 2021
More results

Similar Description - LM53625NQRNLRQ1

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX17505 MAXIM-MAX17505 Datasheet
826Kb / 18P
   Step-Down DC-DC Converter
Rev 0; 1/14
logo
Texas Instruments
TPS54040A TI1-TPS54040A_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com