Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54ALS29823 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN54ALS29823
Description  9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54ALS29823 Datasheet(HTML) 4 Page - Texas Instruments

  SN54ALS29823_15 Datasheet HTML 1Page - Texas Instruments SN54ALS29823_15 Datasheet HTML 2Page - Texas Instruments SN54ALS29823_15 Datasheet HTML 3Page - Texas Instruments SN54ALS29823_15 Datasheet HTML 4Page - Texas Instruments SN54ALS29823_15 Datasheet HTML 5Page - Texas Instruments SN54ALS29823_15 Datasheet HTML 6Page - Texas Instruments SN54ALS29823_15 Datasheet HTML 7Page - Texas Instruments SN54ALS29823_15 Datasheet HTML 8Page - Texas Instruments SN54ALS29823_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SN54ALS29823, SN74ALS29823
9-BIT BUS-INTERFACE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SDAS146B – JANUARY 1986 – REVISED JANUARY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics (see Figure 1)
PARAMETER
FROM
TO
TEST CONDITIONS
VCC = MIN to MAX†,
TA = MIN to MAX†
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
SN54ALS29823
UNIT
MIN
MAX
tPLH
CLK
An Q
C50 pF
2
11.5
ns
tPHL
CLK
Any Q
CL = 50 pF
2
11.5
ns
tPLH
CLK
An Q
C
300 pF
2
21
ns
tPHL
CLK
Any Q
CL = 300 pF
2
21
ns
tPHL
CLR
Any Q
CL = 50 pF
1
17.5
ns
tPZH
OE
An Q
C50 pF
1
17
ns
tPZL
OE
Any Q
CL = 50 pF
1
17
ns
tPZH
OE
An Q
C
300 pF
1
25
ns
tPZL
OE
Any Q
CL = 300 pF
1
29.5
ns
tPHZ
OE
An Q
C50 pF
1
16
ns
tPLZ
OE
Any Q
CL = 50 pF
1
14
ns
tPHZ
OE
Any Q
CL 5 pF
1
12
ns
tPLZ
OE
Any Q
CL = 5 pF
1
11
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to a disabled 3-state output
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN74ALS29823
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
SN74ALS29823
UNIT
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5
5.25
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–24
mA
IOL
Low-level output current
48
mA
t
Pulse duration
CLR low
5
ns
tw
Pulse duration
CLK high or low
5
ns
CLR inactive
5
tsu
Setup time before CLK
Data
2
ns
CLKEN high or low
6
th
Hold time after CLK
CLKEN
0
ns
th
Hold time after CLK
Data
2
ns
TA
Operating free-air temperature
0
25
70
°C


Similar Part No. - SN54ALS29823_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS29823JT TI-SN54ALS29823JT Datasheet
110Kb / 7P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54ALS29823_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS823A TI-SN54AS823A Datasheet
112Kb / 7P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT823 TI1-SN54ABT823_15 Datasheet
664Kb / 18P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS823A TI1-SN54AS823A_15 Datasheet
273Kb / 12P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT823 TI-SN54ABT823 Datasheet
109Kb / 7P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS29823 TI-SN54ALS29823 Datasheet
110Kb / 7P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS825A TI-SN54AS825A Datasheet
106Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16821 TI-SN54ABT16821 Datasheet
122Kb / 7P
[Old version datasheet]   20-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT821 TI-SN54ABT821 Datasheet
108Kb / 7P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS821A TI1-SN54AS821A_15 Datasheet
254Kb / 11P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ALS29825 TI1-SN74ALS29825 Datasheet
70Kb / 9P
[Old version datasheet]   8-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com