Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM53602AQPWPTQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM53602AQPWPTQ1
Description  Step-Down Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM53602AQPWPTQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM53602AQPWPTQ1 Datasheet HTML 2Page - Texas Instruments LM53602AQPWPTQ1 Datasheet HTML 3Page - Texas Instruments LM53602AQPWPTQ1 Datasheet HTML 4Page - Texas Instruments LM53602AQPWPTQ1 Datasheet HTML 5Page - Texas Instruments LM53602AQPWPTQ1 Datasheet HTML 6Page - Texas Instruments LM53602AQPWPTQ1 Datasheet HTML 7Page - Texas Instruments LM53602AQPWPTQ1 Datasheet HTML 8Page - Texas Instruments LM53602AQPWPTQ1 Datasheet HTML 9Page - Texas Instruments LM53602AQPWPTQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
LM53602-Q1, LM53603-Q1
SNVSA42B – JUNE 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM53602-Q1 LM53603-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
MIN and MAX limits are 100% production tested at 25°C. Limits over the operating temperature range are verified through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
This is the input voltage at which the device will start to operate ("rising"). The device will shutdown when the input voltage goes below
this value minus the hysteresis.
(3)
This is the current used by the device, open loop. It does not represent the total input current of the system when in regulation. See
"Isupply" in System Characteristics
(4)
The FB pin is set to 5.5 V for this test.
(5)
Below this voltage on the EN input, the device will shut down completely.
7.5 Electrical Characteristics
Limits apply to the recommended operating junction temperature range of –40°C to 150°C, unless otherwise noted. Minimum
and maximum limits are verified through test, design, or statistical correlation. Typical values represent the most likely
parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the following conditions
apply: VIN = 13.5 V.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP
MAX(1)
UNIT
VFB
Initial reference voltage accuracy
for 5 V and 3.3 V options
VIN = 3.8 V to 36 V, FPWM,
TJ = 25°C
–1%
1%
VIN = 3.8 V to 36 V, FPWM
–1.25%
1.25%
VREF
Reference voltage for ADJ option
VIN = 3.8 V to 36 V, FPWM,
TJ = 25°C
0.993
1
1.007
V
VIN = 3.8 V to 36 V, FPWM,
TJ = -40°C to 125°C
0.99
1
1.01
VIN-operate
Minimum input voltage to
operate(2)
Rising
3.2
3.95
V
Falling
2.9
3.55
Hysteresis, below
0.34
IQ
Operating quiescent current;
measured at VIN pin.(3)(4)
VBIAS = 5 V,
TJ = -40°C to 125°C
8
13
µA
ISD
Shutdown quiescent current;
measured at VIN pin.
EN
≤ 0.4 V, TJ = 25°C
1.7
µA
EN
≤ 0.4 V, TJ = 85°C
2.8
EN
≤ 0.4 V, TJ = 125°C
3.5
IB
Current into the BIAS pin(4)
VBIAS = 5 V, FPWM = 3.3 V
47
78
µA
IEN
Current into EN pin
VIN = VEN = 13.5 V
2.3
µA
RFB
Resistance from FB to AGND
5 V option
1.5
M
Ω
Resistance from FB to AGND
3.3 V option
1
M
Ω
IFB
Bias current into FB pin
ADJ option
10
nA
VRESET
RESET upper threshold voltage
Rising, % of nominal Vout
105%
107%
110%
RESET lower threshold voltage
Falling, % of nominal Vout
92%
94%
96.5%
RESET lower threshold voltage
with respect to output voltage
Falling, % actual Vout
94.5%
95.7%
VRESET-
Hyst
RESET hysteresis as a percent of
output voltage set point
1.5%
VMIN
Minimum input voltage for proper
RESET function
50 µA pull-up to RESET pin, VEN = 0 V,
TJ = 25°C
1.5
V
VOL
Low level RESET pin output
voltage
50 µA pull-up to RESET pin, Vin = 1.5
V, EN = 0 V
0.4
V
0.5 mA pull-up to RESET pin, Vin = 13.5
V, EN = 0 V
0.4
1 mA pull-up to RESET pin, Vin = 13.5
V, EN = 3.3 V
0.4
VEN
Enable input threshold voltage
Rising
1.7
2
V
Hysteresis, below
0.45
0.55
VEN-off
Enable input threshold for full
shutdown(5)
EN input voltage required for complete
shutdown of the regulator, falling.
0.8
V
VLOGIC
Logic input levels on FPWM and
SYNC pins
VIH
1.5
V
VIL
0.4
IHS
High side switch current limit
LM53603-Q1
4.5
6.2
A
LM53602-Q1
2.4
4.4


Similar Part No. - LM53602AQPWPTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM53602AMPWPR TI1-LM53602AMPWPR Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
LM53602AMPWPT TI1-LM53602AMPWPT Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
More results

Similar Description - LM53602AQPWPTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62170 TI1-TPS62170_15 Datasheet
1Mb / 34P
[Old version datasheet]   Step-Down Converters
logo
Maxim Integrated Produc...
MAX20002 MAXIM-MAX20002 Datasheet
550Kb / 18P
   Integrated Step-Down Converters
Rev 1; 5/14
logo
Microsemi Corporation
LX13088A MICROSEMI-LX13088A Datasheet
412Kb / 12P
   Dual 1A Step-Down Converters
logo
Maxim Integrated Produc...
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
   Step-Down DC-DC Converters
Rev 2; 12/13
logo
Microsemi Corporation
LX13088 MICROSEMI-LX13088 Datasheet
428Kb / 12P
   Dual 1A Step-Down Converters
logo
Maxim Integrated Produc...
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
   Step-Down DC-DC Converters
Rev 1; 10/13
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
MAX20010C MAXIM-MAX20010C Datasheet
803Kb / 23P
   Automotive Single 6A Step-Down Converters
Rev 6; 2/20
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
MAX16993 MAXIM-MAX16993_V01 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com