Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM536023QPWPTQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM536023QPWPTQ1
Description  Step-Down Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM536023QPWPTQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM536023QPWPTQ1 Datasheet HTML 6Page - Texas Instruments LM536023QPWPTQ1 Datasheet HTML 7Page - Texas Instruments LM536023QPWPTQ1 Datasheet HTML 8Page - Texas Instruments LM536023QPWPTQ1 Datasheet HTML 9Page - Texas Instruments LM536023QPWPTQ1 Datasheet HTML 10Page - Texas Instruments LM536023QPWPTQ1 Datasheet HTML 11Page - Texas Instruments LM536023QPWPTQ1 Datasheet HTML 12Page - Texas Instruments LM536023QPWPTQ1 Datasheet HTML 13Page - Texas Instruments LM536023QPWPTQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
+
-
+
-
CONTROL
LOGIC
DRIVER
HS CURRENT
SENSE
LS CURRENT
SENSE
OSCILLATOR
PWM
COMP.
ERROR
AMPLIFIER
MODE
LOGIC
RESET
CONTROL
SW
VIN
PGND
FB
EN
FPWM
INT. REG.
BIAS
BIAS
VCC
CBOOT
SYNC
AGND
*
*
* = Not used in -ADJ
RESET
1.0V
Reference
ENABLE
LOGIC
10
LM53602-Q1, LM53603-Q1
SNVSA42B – JUNE 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM53602-Q1 LM53603-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The LM5360x family of devices are synchronous current mode buck regulators designed specifically for the
automotive market. The regulator automatically switches between PWM and PFM depending on load. At heavy
loads the device operates in PWM at a switching frequency of 2.1 MHz. The regulator's oscillator can also be
synchronized to an external system clock. At input voltages above about 20 V, the switching frequency reduces
to maintain regulation during conditions of abnormally high battery voltage. At light loads the mode changes to
PFM, with diode emulation allowing DCM. This reduces input supply current and keeps the efficiency high. The
user can also choose to lock the mode in PWM (FPWM) so that the switching frequency remains constant
regardless of load.
A RESET flag is provided to indicate when the output voltage is near its regulation point. This feature includes
filtering and a delay before asserting. This helps to prevent false flag operation during output voltage transients.
Please note that, throughout this data sheet, references to the LM53603-Q1 apply equally to the LM53602-Q1.
The difference between the two devices is the maximum output current and specified MOSFET current limits.
8.2 Functional Block Diagram


Similar Part No. - LM536023QPWPTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM53602 TI1-LM53602 Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
LM53602AMPWPR TI1-LM53602AMPWPR Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
LM53602AMPWPT TI1-LM53602AMPWPT Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
More results

Similar Description - LM536023QPWPTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62170 TI1-TPS62170_15 Datasheet
1Mb / 34P
[Old version datasheet]   Step-Down Converters
logo
Maxim Integrated Produc...
MAX20002 MAXIM-MAX20002 Datasheet
550Kb / 18P
   Integrated Step-Down Converters
Rev 1; 5/14
logo
Microsemi Corporation
LX13088A MICROSEMI-LX13088A Datasheet
412Kb / 12P
   Dual 1A Step-Down Converters
logo
Maxim Integrated Produc...
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
   Step-Down DC-DC Converters
Rev 2; 12/13
logo
Microsemi Corporation
LX13088 MICROSEMI-LX13088 Datasheet
428Kb / 12P
   Dual 1A Step-Down Converters
logo
Maxim Integrated Produc...
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
   Step-Down DC-DC Converters
Rev 1; 10/13
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
MAX20010C MAXIM-MAX20010C Datasheet
803Kb / 23P
   Automotive Single 6A Step-Down Converters
Rev 6; 2/20
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
MAX16993 MAXIM-MAX16993_V01 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com