Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALS996 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALS996
Description  8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS996 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALS996 Datasheet HTML 1Page - Texas Instruments SN74ALS996 Datasheet HTML 2Page - Texas Instruments SN74ALS996 Datasheet HTML 3Page - Texas Instruments SN74ALS996 Datasheet HTML 4Page - Texas Instruments SN74ALS996 Datasheet HTML 5Page - Texas Instruments SN74ALS996 Datasheet HTML 6Page - Texas Instruments SN74ALS996 Datasheet HTML 7Page - Texas Instruments SN74ALS996 Datasheet HTML 8Page - Texas Instruments SN74ALS996 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN54ALS996 . . . JT PACKAGE
SN74ALS996 . . . DW OR NT PACKAGE
(TOP VIEW)
SN54ALS996 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
1D
2D
3D
4D
5D
6D
7D
8D
EN
RD
CLK
GND
VCC
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
OE
T/C
CLR
NC − No internal connection
32 1 28 27
12 13
5
6
7
8
9
10
11
25
24
23
22
21
20
19
3Q
4Q
5Q
NC
6Q
7Q
8Q
4D
5D
6D
NC
7D
8D
EN
426
14 15 16 17 18
SN54ALS996, SN74ALS996
8BIT DTYPE EDGETRIGGERED READBACK LATCHES
SDAS098B − OCTOBER 1984 − REVISED JANUARY 1995
Copyright
1995, Texas Instruments Incorporated
2−1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
3-State I/O-Type Read-Back Inputs
Bus-Structured Pinout
T/C Determines True or Complementary
Data at Q Outputs
Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Plastic
(NT) and Ceramic (JT) 300-mil DIPs
description
These 8-bit latches are designed specifically for
storing the contents of the input data bus and
providing the capability of reading back the stored
data onto the input data bus. The Q outputs are
designed with bus-driving capability.
The edge-triggered flip-flops enter the data on the
low-to-high transition of the clock (CLK) input
when the enable (EN) input is low. Data can be
read back onto the data inputs by taking the read
(RD) input low, in addition to having EN low. When
EN is high, both the read-back and write modes
are disabled. Transitions on EN should only be
made with CLK high to prevent false clocking.
The polarity of the Q outputs can be controlled by
the polarity (T/C) input. When T/C is high, Q is the
same as is stored in the flip-flops. When T/C is low,
the output data is inverted. The Q outputs can be
placed in the high-impedance state by taking the
output-enable (OE) input high. OE does not affect
the internal operation of the register. Old data can
be retained or new data can be entered while the
outputs are off.
A low level at the clear (CLR) input resets the
internal registers low. The clear function is
asynchronous and overrides all other register
functions.
The -1 version of the SN74ALS996 is identical to the standard version, except that the recommended maximum
IOL for the -1 version is increased to 48 mA. There is no -1 version of the SN54ALS996.
The SN54ALS996 is characterized for operation over the full military temperature range of −55
°C to 125°C. The
SN74ALS996 is characterized for operation from 0
°C to 70°C.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74ALS996

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS996 TI-SN74ALS996 Datasheet
133Kb / 9P
[Old version datasheet]   8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
SN74ALS996DW TI-SN74ALS996DW Datasheet
133Kb / 9P
[Old version datasheet]   8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
SN74ALS996NT TI-SN74ALS996NT Datasheet
133Kb / 9P
[Old version datasheet]   8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
More results

Similar Description - SN74ALS996

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS996 TI-SN54ALS996 Datasheet
133Kb / 9P
[Old version datasheet]   8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
SN74ALS666 TI-SN74ALS666 Datasheet
125Kb / 8P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
SN74ALS666 TI1-SN74ALS666_15 Datasheet
260Kb / 12P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
SN74ALS990 TI1-SN74ALS990_16 Datasheet
837Kb / 14P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SN74ALS990 TI-SN74ALS990 Datasheet
92Kb / 6P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
logo
National Semiconductor ...
DM74ALS996 NSC-DM74ALS996 Datasheet
225Kb / 5P
   Octal D-Type Edge-Triggered Readback Latches
logo
Texas Instruments
SN74ALS994 TI-SN74ALS994 Datasheet
102Kb / 7P
[Old version datasheet]   10-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SN74LS373 TI-SN74LS373_07 Datasheet
694Kb / 28P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN54BCT374 TI-SN54BCT374_07 Datasheet
565Kb / 17P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74S374 TI-SN74S374 Datasheet
242Kb / 10P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com