Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPS771A-12M Datasheet(PDF) 1 Page - BOWEI Integrated Circuits CO.,LTD.

Part # MPS771A-12M
Description  Fixed frequency synthesizer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWEI [BOWEI Integrated Circuits CO.,LTD.]
Direct Link  http://www.cn-bowei.com
Logo BOWEI - BOWEI Integrated Circuits CO.,LTD.

MPS771A-12M Datasheet(HTML) 1 Page - BOWEI Integrated Circuits CO.,LTD.

  MPS771A-12M Datasheet HTML 1Page - BOWEI Integrated Circuits CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MPS-A series
Pin No.
Function
Pin No.
Function
1
REFin
8
Vvco
3
LD
10
Vpll
6
RFout
GND
MPS330A -10M
330
2±1.5
-10
<-75
-113
+5/15
+5/20
MPS771A -12M
771
2±1.5
-10
<-75
-110
+5/15
+5/20
MPS1000A -20M
1030
2±1.5
-10
<-75
-108
+5/15
+5/20
MPS1575.42A -10.23M
1575.42
0±1.5
-12
<-75
-103
+5/15
+5/28
MPS1600A -100M
1600
3±1.5
-12
<-75
-105
+5/15
+5/28
MPS2180A - 40M
2180
0±1.5
-12
<-75
-100
+5/15
+5/28
MPS2246.508A -15M
2246.508
0±1.5
-12
<-70
-95
+5/15
+5/28
MPS2565.648A -15M
2565.648
0±1.5
-12
<-70
-95
+5/15
+5/28
MPS3150A -20M
3150
0±1.5
-15
<-70
-93
+5/20
+5/28
MPS3500A -100M
3500
0±1.5
-15
<-70
-93
+5/20
+5/30
MPS4100A -100M
4100
0±1.5
-15
<-70
-90
+5/20
+5/35
MPS4800A -100M
4800
0±1.5
-15
<-70
-88
+5/20
+5/35
MPS460A -12M
460
2±1.5
-10
<-75
-110
+5/15
+5/20
MPS2810A -20M
2810
0±1.5
-15
<-75
-93
+5/20
+5/28
@10kHz
MHz
dBm
dBc
dBc/Hz
2nd
dBc
Vpll/Ipll
Vvco/Ivco
V/mA
V/mA
Tel:0311- 7091891/18
☆ Fax:0311-87091282 ☆ E-mail:cjian@cn-bowei.com
http://www.cn-bowei.com
8
87,83933088
BOWEI INTEGRATED CIRCUITS CO.,LTD.
Fixed frequency synthesizer
l
l
l
l
Small size 12*12*4mm
Low power supply +5V
Frequency range 300~5000MHz
Dual fixed frequency output available, TTL control
Features
Part number
Frequency
Power
output
Harmonic
output
Spurious
output
Phase noise
Package information
l
Outline Drawing
l
Pin functions
Others
70


Similar Part No. - MPS771A-12M

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MPS70WGW ITT-MPS70WGW Datasheet
599Kb / 4P
   Magnetic Proximity Sensors
logo
C&K Components
MPS70WGW CK-COMPONENTS-MPS70WGW Datasheet
276Kb / 5P
   Magnetic Proximity Sensors
logo
Central Semiconductor C...
MPS712 CENTRAL-MPS712 Datasheet
71Kb / 2P
   PNP DARLINGTON TRANSISTOR
logo
BOWEI Integrated Circui...
MPS7200BT-20M-HQ BOWEI-MPS7200BT-20M-HQ Datasheet
104Kb / 1P
   Fixed frequency synthesizer (integrated TCXO)
MPS7200D-100M BOWEI-MPS7200D-100M Datasheet
98Kb / 1P
   Fixed frequency phase locked synthesizer
More results

Similar Description - MPS771A-12M

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
SFS1730A-LF ZCOMM-SFS1730A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS1730A-LF ZCOMM-SFS1730A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS2365A-LF ZCOMM-SFS2365A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS10000C-LF ZCOMM-SFS10000C-LF Datasheet
90Kb / 2P
   Fixed Frequency Synthesizer
SFS1720A-LF ZCOMM-SFS1720A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS9370Z-LF ZCOMM-SFS9370Z-LF Datasheet
90Kb / 2P
   Fixed Frequency Synthesizer
SFS1000C-LF ZCOMM-SFS1000C-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
logo
SYNERGY MICROWAVE CORPO...
FCPH1280-10 SYNERGY-FCPH1280-10 Datasheet
439Kb / 2P
   FIXED FREQUENCY SYNTHESIZER
FCPH3210-10 SYNERGY-FCPH3210-10 Datasheet
340Kb / 2P
   FIXED FREQUENCY SYNTHESIZER
logo
Z-Communications, Inc
SFS6900A-LF ZCOMM-SFS6900A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS0832C-LF ZCOMM-SFS0832C-LF Datasheet
76Kb / 2P
   Fixed Frequency Synthesizer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com