Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S12C128 Datasheet(PDF) 11 Page - Motorola, Inc

Part # MC9S12C128
Description  16-Bit Microcontroller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC9S12C128 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MC9S12C128 Datasheet HTML 7Page - Motorola, Inc MC9S12C128 Datasheet HTML 8Page - Motorola, Inc MC9S12C128 Datasheet HTML 9Page - Motorola, Inc MC9S12C128 Datasheet HTML 10Page - Motorola, Inc MC9S12C128 Datasheet HTML 11Page - Motorola, Inc MC9S12C128 Datasheet HTML 12Page - Motorola, Inc MC9S12C128 Datasheet HTML 13Page - Motorola, Inc MC9S12C128 Datasheet HTML 14Page - Motorola, Inc MC9S12C128 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MC9S12C-Family
MOTOROLA
PRODUCT PROPOSAL, Rev. 3, 12-May-04
11
Figure 8 Pin assignments 52 QFP for MC9S12C-Family
MC9S12C-Family
52 QFP
1
2
3
4
5
6
7
8
9
10
11
12
13
39
38
37
36
35
34
33
32
31
30
29
28
27
* Signals shown in Bold are not available on the 48 Pin Package
VRH
VDDA
PAD07/AN07
PAD06/AN06
PAD05/AN05
PAD04/AN04
PAD03/AN03
PAD02/AN02
PAD01/AN01
PAD00/AN00
PA2
PA1
PA0
PW3/KWP3/PP3
PW0/IOC0/PT0
PW1/IOC1/PT1
PW2/IOC2/PT2
PW3/IOC3/PT3
VDD1
VSS1
PW4/IOC4/PT4
IOC5/PT5
IOC6/PT6
IOC7/PT7
MODC/BKGD
PB4
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC9S12C128

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12C128CFA FREESCALE-MC9S12C128CFA Datasheet
3Mb / 680P
   Microcontrollers
MC9S12C128CFA FREESCALE-MC9S12C128CFA Datasheet
3Mb / 690P
   Reference Manual
MC9S12C128CFA FREESCALE-MC9S12C128CFA Datasheet
2Mb / 690P
   Reference Manual
MC9S12C128CFU FREESCALE-MC9S12C128CFU Datasheet
3Mb / 680P
   Microcontrollers
MC9S12C128CFU FREESCALE-MC9S12C128CFU Datasheet
3Mb / 690P
   Reference Manual
More results

Similar Description - MC9S12C128

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com