Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5101 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM5101
Description  High Voltage High Side and Low Side Gate Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5101 Datasheet(HTML) 4 Page - Texas Instruments

  LM5101 Datasheet HTML 1Page - Texas Instruments LM5101 Datasheet HTML 2Page - Texas Instruments LM5101 Datasheet HTML 3Page - Texas Instruments LM5101 Datasheet HTML 4Page - Texas Instruments LM5101 Datasheet HTML 5Page - Texas Instruments LM5101 Datasheet HTML 6Page - Texas Instruments LM5101 Datasheet HTML 7Page - Texas Instruments LM5101 Datasheet HTML 8Page - Texas Instruments LM5101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NRND
LM5100, LM5101
SNVS267C – MAY 2004 – REVISED MARCH 2005
www.ti.com
Absolute Maximum Ratings
(1) (2)
VDD to VSS
−0.3V to +18V
VHB to VHS
−0.3V to +18V
LI or HI Inputs
−0.3V to VDD +0.3V
LO Output
−0.3V to VDD +0.3V
HO Output
VHS −0.3V to VHB +0.3V
VHS to VSS
−1V to +100V
VHB to VSS
118V
Junction Temperature
+150°C
Storage Temperature Range
−55°C to +150°C
ESD Rating HBM(3)
2 kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin. 2 kV for all pins except Pin 2, Pin 3 and
Pin 4 which are rated at 500V.
Recommended Operating Conditions
VDD
+9V to +14V
HS
−1V to 100V
HB
VHS +8V to VHS +14V
HS Slew Rate
< 50 V/ns
Junction Temperature
−40°C to +125°C
Electrical Characteristics
Specifications in standard typeface are for TJ = +25°C, and those in boldface type apply over the full operating junction
temperature range. Unless otherwise specified, VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO .
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1)
Units
SUPPLY CURRENTS
IDD
VDD Quiescent Current
LI = HI = 0V (LM5100)
0.1
0.2
mA
LI = HI = 0V (LM5101)
0.25
0.4
IDDO
VDD Operating Current
f = 500 kHz
1.5
3
mA
IHB
Total HB Quiescent Current
LI = HI = 0V
0.06
0.2
mA
IHBO
Total HB Operating Current
f = 500 kHz
1.3
3
mA
IHBS
HB to VSS Current, Quiescent
VHS = VHB = 100V
0.05
10
µA
IHBSO
HB to VSS Current, Operating
f = 500 kHz
0.08
mA
INPUT PINS
VIL
Low Level Input Voltage Threshold
3
5.0
V
(LM5100)
VIL
Low Level Input Voltage Threshold
0.8
1.8
V
(LM5101)
VIH
High Level Input Voltage Threshold
5.5
8
V
(LM5100)
VIH
High Level Input Voltage Threshold
1.8
2.2
V
(LM5101)
VIHYS
Input Voltage Hysteresis (LM5100)
0.5
V
RI
Input Pulldown Resistance
100
200
500
k
UNDER VOLTAGE PROTECTION
VDDR
VDD Rising Threshold
6.0
6.9
7.4
V
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are guaranteed through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate TI’s Average Outgoing Quality Level (AOQL).
4
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM5100 LM5101


Similar Part No. - LM5101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5101 NSC-LM5101 Datasheet
350Kb / 12P
   High Voltage High Side and Low Side Gate Driver
LM5101A NSC-LM5101A Datasheet
812Kb / 15P
   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
Texas Instruments
LM5101A TI1-LM5101A Datasheet
596Kb / 20P
[Old version datasheet]   LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM5101AM TI1-LM5101AM Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM5101AM TI1-LM5101AM Datasheet
1Mb / 37P
[Old version datasheet]   High-Voltage, High-Side and Low-Side Gate Drivers
More results

Similar Description - LM5101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
   High Voltage High Side and Low Side Gate Driver
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD21814M DIODES-DGD21814M Datasheet
577Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2181M DIODES-DGD2181M Datasheet
576Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2005 DIODES-DGD2005 Datasheet
513Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2101M DIODES-DGD2101M Datasheet
1Mb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD21064M DIODES-DGD21064M Datasheet
617Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
logo
ON Semiconductor
NCV51511 ONSEMI-NCV51511 Datasheet
224Kb / 15P
   High-Frequency, High Side and Low Side Gate Driver
April, 2018 ??Rev. 0
logo
Diodes Incorporated
DGD0507A DIODES-DGD0507A Datasheet
596Kb / 11P
   HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com