Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX783REBX Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX783REBX
Description  Triple-Output Power-Supply Controller for Notebook Computers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX783REBX Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX783REBX Datasheet HTML 1Page - Maxim Integrated Products MAX783REBX Datasheet HTML 2Page - Maxim Integrated Products MAX783REBX Datasheet HTML 3Page - Maxim Integrated Products MAX783REBX Datasheet HTML 4Page - Maxim Integrated Products MAX783REBX Datasheet HTML 5Page - Maxim Integrated Products MAX783REBX Datasheet HTML 6Page - Maxim Integrated Products MAX783REBX Datasheet HTML 7Page - Maxim Integrated Products MAX783REBX Datasheet HTML 8Page - Maxim Integrated Products MAX783REBX Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Triple-Output Power-Supply Controller
for Notebook Computers
4
_______________________________________________________________________________________
Note 1: Output current is further limited by maximum allowable package power dissipation.
Note 2: Because the reference uses VL as its supply, the REF line regulation error is insignificant.
Note 3: The main switching outputs track the reference voltage. Loading the reference reduces the main outputs slightly according
to the closed-loop gain (AVCL) and the reference voltage load regulation error. AVCL for the +3.3V supply is unity gain.
AVCL for the +5V supply is 1.54.
50
1m
60
100
10
80
70
10m
1
90
100m
+5V OUTPUT CURRENT (A)
EFFICIENCY vs.
+5V OUTPUT CURRENT
V+ = 15V
N1-N4 = IRF7101
ON3 = LOW
F = 200kHz
V+ = 6V
50
1m
60
100
10
80
70
10m
1
90
100m
+3.3V OUTPUT CURRENT (A)
EFFICIENCY vs.
+3.3V OUTPUT CURRENT
V+ = 15V
N1-N4 = IRF7101
ON3 = ON5 = HIGH
F = 200kHz
V+ = 6V
500
0
05
20
MAXIMUM +15V VDD OUTPUT CURRENT vs.
SUPPLY VOLTAGE
100
200
SUPPLY VOLTAGE (V)
10
15
VDD > +13V
+3.3V REGULATING
+3.3V LOAD = 0A
+3.3V LOAD = 3A
300
400
QUIESCENT SUPPLY CURRENT vs.
SUPPLY VOLTAGE
0
1
2
13
14
0
6
12
18
24
30
SUPPLY VOLTAGE (V)
ON3 = ON5 = HIGH
STANDBY SUPPLY CURRENT vs.
SUPPLY VOLTAGE
0
0.5
1.0
1.5
2.0
2.5
0
6
12
18
24
30
ON3 = ON5 = 0V
SUPPLY VOLTAGE (V)
__________________________________________Typical Operating Characteristics
(Circuit of Figure 1, Transpower TTI5902 transformer, TA = +25°C, unless otherwise noted.)
PARAMETER
CONDITIONS
UNITS
DL3/DL5 Sink/Source Current
VOUT = 2V
1
A
DH3/DH5 Sink/Source Current
BST3-LX3 = BST5-LX5 = 4.5V, VOUT = 2V
1
A
DL3/DL5 On-Resistance
High or low
7
DH3/DH5 On-Resistance
High or low, BST3-LX3 = BST5-LX5 = 4.5V
7
MIN
TYP
MAX
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 15V, GND = PGND = 0V, IVL = IREF = 0mA, S
H
D
N
= ON3 = ON5 = 5V, other digital input levels are 0V or +5V,
TA = TMIN to TMAX, unless otherwise noted.)


Similar Part No. - MAX783REBX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX780 MAXIM-MAX780 Datasheet
134Kb / 12P
   Dual-Slot PCMCIA Analog Power Controller
Rev. 1; 8/93
MAX78000 MAXIM-MAX78000 Datasheet
428Kb / 47P
   Artificial Intelligence Microcontroller with Ultra-Low-Power Convolutional Neural Network Accelerator
2021
MAX78000EXG++ MAXIM-MAX78000EXG+ Datasheet
428Kb / 47P
   Artificial Intelligence Microcontroller with Ultra-Low-Power Convolutional Neural Network Accelerator
2021
MAX78000FTHR MAXIM-MAX78000FTHR Datasheet
1Mb / 16P
   MAX78000FTHR Application Platform
Rev 0; 11/20
MAX780AC/D MAXIM-MAX780AC/D Datasheet
134Kb / 12P
   Dual-Slot PCMCIA Analog Power Controller
Rev. 1; 8/93
More results

Similar Description - MAX783REBX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
   Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
logo
Renesas Technology Corp
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX786 MAXIM-MAX786 Datasheet
305Kb / 20P
   Dual-Output Power-Supply Controller for Notebook Computers
2; 4/97
logo
Intersil Corporation
ISL62381 INTERSIL-ISL62381_11 Datasheet
521Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62381 INTERSIL-ISL62381 Datasheet
472Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62381 RENESAS-ISL62381 Datasheet
1Mb / 24P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
   Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX1534 MAXIM-MAX1534 Datasheet
398Kb / 16P
   High-Efficiency, Triple-Output, Keep-Alive Power Supply for Notebook Computers
Rev 0; 10/02
logo
Renesas Technology Corp
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com