Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54FB2031 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN54FB2031
Description  9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54FB2031 Datasheet(HTML) 4 Page - Texas Instruments

  SN54FB2031 Datasheet HTML 1Page - Texas Instruments SN54FB2031 Datasheet HTML 2Page - Texas Instruments SN54FB2031 Datasheet HTML 3Page - Texas Instruments SN54FB2031 Datasheet HTML 4Page - Texas Instruments SN54FB2031 Datasheet HTML 5Page - Texas Instruments SN54FB2031 Datasheet HTML 6Page - Texas Instruments SN54FB2031 Datasheet HTML 7Page - Texas Instruments SN54FB2031 Datasheet HTML 8Page - Texas Instruments SN54FB2031 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SN74FB2031
9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SCBS176N – NOVEMBER 1991 – REVISED JUNE 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 2)
MIN
NOM
MAX
UNIT
VCC,
BIAS VCC,
BG VCC
Supply voltage
4.5
5
5.5
V
VIH
High level input voltage
B port
1.62
2.3
V
VIH
High-level input voltage
Except B port
2
V
VIL
Low level input voltage
B port
0.75
1.47
V
VIL
Low-level input voltage
Except B port
0.8
V
IOH
High-level output current
A port
–3
mA
IOL
Low level output current
A port
24
mA
IOL
Low-level output current
B port
100
mA
TA
Operating free-air temperature
0
70
°C
NOTE 2: To ensure proper device operation, all unused inputs must be terminated as follows: A and control inputs to VCC(5 V) or GND, and
B inputs to GND only. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
B port
VCC = 4.5 V,
II = –18 mA
–1.2
V
VIK
Except B port
VCC = 4.5 V,
II = –40 mA
–0.5
V
VOH
A port
VCC = 4.5 V,
IOH = –3 mA
2.5
3.3
V
A port
VCC = 4.5 V,
IOL = 24 mA
0.35
0.5
VOL
B
t
VCC =4 5V
IOL = 80 mA
0.75
1.1
V
B port
VCC = 4.5 V
IOL = 100 mA
1.15
II
Except B port
VCC = 5.5 V,
VI = 5.5 V
50
µA
IIH‡
Except B port
VCC = 5.5 V,
VI = 2.7 V
50
µA
I ‡
Except B port
VCC = 5.5 V,
VI = 0.5 V
–50
µA
IIL‡
B port
VCC = 5.5 V,
VI = 0.75 V
–100
µA
IOZH
A port
VCC = 2.1 V to 5.5 V,
VO = 2.7 V
50
µA
IOZL
A port
VCC = 2.1 V to 5.5 V,
VO = 0.5 V
–50
µA
IOZPU
A port
VCC = 0 to 2.1 V,
VO = 0.5 V to 2.7 V
50
µA
IOZPD
A port
VCC = 2.1 V to 0,
VO = 0.5 V to 2.7 V
–50
µA
IOH
B port
VCC = 0 to 5.5 V,
VO = 2.1 V
100
µA
IOS§
A port
VCC = 5.5 V,
VO = 0
–30
–150
mA
ICC
A port to B port
VCC =5 5V
IO =0
78
mA
ICC
B port to A port
VCC = 5.5 V,
IO = 0
78
mA
Ci
VI = 0.5 V or 2.5 V
4.5
pF
A port
VO = 0.5 V or 2.5 V
8.5
Cio
B port per
IEEE Std 1194.1-1991
VCC = 0 to 5.5 V
6
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ For I/O ports, the parameters IIH and IIL include the off-state output current.
§ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.


Similar Part No. - SN54FB2031

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F00 TI-SN54F00 Datasheet
469Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54F00 TI1-SN54F00 Datasheet
779Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54F00FK TI-SN54F00FK Datasheet
469Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54F00J TI-SN54F00J Datasheet
469Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54F00J TI1-SN54F00J Datasheet
779Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN54FB2031

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB2031 TI-SN74FB2031 Datasheet
112Kb / 8P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
logo
National Semiconductor ...
DS3883A NSC-DS3883A Datasheet
130Kb / 9P
   BTL 9-Bit Data Transceiver
DS3886A NSC-DS3886A Datasheet
187Kb / 11P
   BTL 9-Bit Latching Data Transceiver
logo
NXP Semiconductors
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
logo
Texas Instruments
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
DS38C86A TI1-DS38C86A Datasheet
203Kb / 12P
[Old version datasheet]   DS38C86A CMOS BTL 9-Bit Latching Data Transceiver
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com