Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74GTL2014 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74GTL2014
Description  4-Channel LVTTL to GTL Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74GTL2014 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74GTL2014 Datasheet HTML 4Page - Texas Instruments SN74GTL2014 Datasheet HTML 5Page - Texas Instruments SN74GTL2014 Datasheet HTML 6Page - Texas Instruments SN74GTL2014 Datasheet HTML 7Page - Texas Instruments SN74GTL2014 Datasheet HTML 8Page - Texas Instruments SN74GTL2014 Datasheet HTML 9Page - Texas Instruments SN74GTL2014 Datasheet HTML 10Page - Texas Instruments SN74GTL2014 Datasheet HTML 11Page - Texas Instruments SN74GTL2014 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
+
GTL2014
B0
B1
B2
B3
VREF
DIR
002aab139
A3
A2
A1
A0
+
+
+
SN74GTL2014
SCLS746A – FEBRUARY 2014 – REVISED OCTOBER 2014
www.ti.com
8 Detailed Description
8.1 Overview
The GTL2014 is a 4-channel translating transceiver designed for 3.3-V LVTTL system interface with a
GTL–/GTL/GTL+ bus, where GTL–/GTL/GTL+ refers to the reference voltage of the GTL bus and the
input/output voltage thresholds associated with it.
The direction pin allows the part to function as either a GTL-to-LVTTL sampling receiver or as a LVTTL-to-GTL
interface.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 5 V tolerance on LVTTL input
The GTL2014 LVTTL inputs (only) are tolerant up to 5.5 V and allows direct access to TTL or 5 V CMOS inputs.
The LVTTL outputs are not 5.5 V tolerant.
8.3.2 3.6 V tolerance on GTL Input/Output
The GTL2014 GTL inputs and outputs operate up to 3.6 V, allowing the device to be used in higher voltage
open-drain output applications.
8.3.3 Ultra-Low VREF and High Bandwidth
GTL2014’s VREF tracks down to 0.5 V for low voltage CPUs with excellent propagation delay performance. This
feature allows the GTL2014 to support high data rates with the GTL– bus.
8.4 Device Functional Modes
The GTL2014 performs translation in two directions. One direction is GTL–/GTL/GTL+ to LVTTL when DIR is tied
to GND. With appropriate VREF set up, the GTL input can be compliant with GTL–/GTL/GTL+. Another direction
is LVTTL to GTL–/GTL/GTL+ when DIR is tied to VCC. 3.6 V tolerance on the GTL output allows the GTL
outputs to pull up to any voltage level under 3.6 V.
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: SN74GTL2014


Similar Part No. - SN74GTL2014

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTL2010 TI1-SN74GTL2010 Datasheet
535Kb / 18P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010PW TI-SN74GTL2010PW Datasheet
149Kb / 15P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010PW TI-SN74GTL2010PW Datasheet
299Kb / 17P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010PW TI1-SN74GTL2010PW Datasheet
535Kb / 18P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010PWE4 TI-SN74GTL2010PWE4 Datasheet
149Kb / 15P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
More results

Similar Description - SN74GTL2014

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FXGL2014 ONSEMI-FXGL2014 Datasheet
1Mb / 14P
   4-Channel LVTTL to GTL Transceiver
September 2018 Rev. 2
logo
Pericom Semiconductor C...
PI4GTL2014 PERICOM-PI4GTL2014 Datasheet
376Kb / 10P
   4-bit LVTTL to GTL transceiver
logo
NXP Semiconductors
GTL2014 PHILIPS-GTL2014 Datasheet
85Kb / 15P
   4-bit LVTTL to GTL transceiver
Rev. 01-19 May 2005
logo
Nuvoton Technology Corp...
NCT5914W NUVOTON-NCT5914W Datasheet
344Kb / 13P
   4-bit LVTTL to GTL transceiver
logo
Texas Instruments
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
logo
NXP Semiconductors
GTL2018 NXP-GTL2018 Datasheet
94Kb / 14P
   8-bit LVTTL to GTL transceiver
Rev. 01-15 February 2007
GTL2012 NXP-GTL2012 Datasheet
98Kb / 14P
   2-bit LVTTL to GTL transceiver
Rev. 01-9 August 2007
logo
Texas Instruments
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com