Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74FB2033ARC Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74FB2033ARC
Description  8-BIT TTL/BTL REGISTERED TRANSCEIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74FB2033ARC Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74FB2033ARC Datasheet HTML 7Page - Texas Instruments SN74FB2033ARC Datasheet HTML 8Page - Texas Instruments SN74FB2033ARC Datasheet HTML 9Page - Texas Instruments SN74FB2033ARC Datasheet HTML 10Page - Texas Instruments SN74FB2033ARC Datasheet HTML 11Page - Texas Instruments SN74FB2033ARC Datasheet HTML 12Page - Texas Instruments SN74FB2033ARC Datasheet HTML 13Page - Texas Instruments SN74FB2033ARC Datasheet HTML 14Page - Texas Instruments SN74FB2033ARC Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
SN74FB2033A
8-BIT TTL/BTL REGISTERED TRANSCEIVER
SCBS174M – NOVEMBER 1991 – REVISED SEPTEMBER 2001
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT FOR A OUTPUTS
S1
500
500
From Output
Under Test
LOAD CIRCUIT FOR B OUTPUTS
2.1 V
9
CL = 30 pF
(see Note A)
Test
Point
th
tsu
tPHL
tPLH
Output
3 V
0 V
VOH
VOL
Data Input
Timing Input
3 V
0 V
0 V
tPHL
tPLH
2.1 V
1 V
VOH
VOL
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES (B TO A)
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES (A TO B)
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Output
Control
Output
Waveform 1
S1 at 7 V
(see Note B)
Output
Waveform 2
S1 at Open
(see Note B)
VOL
VOH
tPLZ
tPZH
tPZL
tPHZ
3.5 V
0 V
VOL + 0.3 V
VOH – 0.3 V
≈0 V
3 V
tw
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES (A PORT)
VOLTAGE WAVEFORMS
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
7 V
Open
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: TTL inputs: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns,
tf ≤ 2.5 ns; BTL inputs: PRR ≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
7 V
Open
1.5 V
1.5 V
1.5 V
3 V
0 V
1.5 V
1.5 V
Input
Input
1.5 V
1.5 V
1.55 V
1.55 V
Output
Input
1.5 V
1.5 V
1.55 V
1.55 V
1.5 V
1.5 V
1.5 V
1.5 V
3 V
2.1 V
1 V
VOHV
VOHP
VOLV
Figure 2. Load Circuits and Voltage Waveforms


Similar Part No. - SN74FB2033ARC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB2033ARC TI-SN74FB2033ARC Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCG3 TI1-SN74FB2033ARCG3 Datasheet
173Kb / 12P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCR TI-SN74FB2033ARCR Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results

Similar Description - SN74FB2033ARC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCG3 TI1-SN74FB2033ARCG3 Datasheet
173Kb / 12P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K_07 Datasheet
207Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033H TI-SN74FB2033H Datasheet
151Kb / 10P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
logo
NXP Semiconductors
FBL2033 PHILIPS-FBL2033 Datasheet
150Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru universal transceiver
1999 Apr 15
logo
Texas Instruments
CY5474FCT646T TI-CY5474FCT646T Datasheet
76Kb / 8P
[Old version datasheet]   8-Bit Registered Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com