Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ULCE48CA Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # ULCE48CA
Description  ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ULCE48CA Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  ULCE48CA Datasheet HTML 1Page - SUNMATE electronic Co., LTD ULCE48CA Datasheet HTML 2Page - SUNMATE electronic Co., LTD ULCE48CA Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 of 3
ULCE90CA
ULCE80CA
ULCE75CA
ULCE70CA
ULCE64CA
ULCE60CA
ULCE58CA
ULCE54CA
ULCE51CA
ULCE48CA
ULCE45CA
Reverse
Maximum
Maximum
Maximum
Maximum
W orking
Max. Inverse
Peak Inverse
Breakdown Voltage @ It
Stand-off
Reverse
Clamping
Reverse
Junction
Inverse
Blocking
Blocking
Voltage
Leakage
Voltage
Current
Capacitance
Blocking
Current
Voltage
@ VRWM
@ IRSM
@ 0 Volt
Voltage
@ VW IB
VBR (V)
It
VRWM
IR
VRSM
IRSM
VW IB
IIB
VPIB
Min.
Max.
(mA)
(V)
(
µA)
(V)
(A)
pF
(V)
mA
(V)
50.0
61.1
1.0
45
5.0
80.3
18.7
35
150
1.0
200
ULCE45A
50.0
55.3
1.0
45
5.0
72.7
20.6
35
150
1.0
200
53.3
65.1
1.0
48
5.0
85.5
17.5
35
150
1.0
200
ULCE48A
53.3
58.9
1.0
48
5.0
77.4
19.4
35
150
1.0
200
56.7
69.3
1.0
51
5.0
91.1
16.5
35
150
1.0
200
ULCE51A
56.7
62.7
1.0
51
5.0
82.4
18.2
35
150
1.0
200
60.0
73.3
1.0
54
5.0
96.3
15.6
35
150
1.0
200
ULCE54A
60.0
66.3
1.0
54
5.0
87.1
17.2
35
150
1.0
200
64.4
78.7
1.0
58
5.0
103
14.6
35
150
1.0
200
ULCE58A
64.4
71.2
1.0
58
5.0
93.6
16
35
150
1.0
200
66.7
81.5
1.0
60
5.0
107
14
35
150
1.0
200
ULCE60A
66.7
73.7
1.0
60
5.0
96.8
15.5
35
150
1.0
200
71.1
86.9
1.0
64
5.0
114
13.2
35
150
1.0
200
ULCE64A
71.1
78.6
1.0
64
5.0
103
14.6
35
150
1.0
200
77.8
95.1
1.0
70
5.0
125
12.0
35
150
1.0
200
ULCE70A
77.8
86.0
1.0
70
5.0
113
13.3
35
150
1.0
200
83.3
102
1.0
75
5.0
134
11.2
35
150
1.0
200
ULCE75A
83.3
92.1
1.0
75
5.0
121
12.4
35
150
1.0
200
88.7
108
1.0
80
5.0
142
10.6
35
150
1.0
200
ULCE80A
88.7
98.0
1.0
80
5.0
129
11.6
35
150
1.0
200
100
122
1.0
90
5.0
160
9.4
35
300
1.0
200
ULCE90A
100
111
1.0
90
5.0
146
10.3
35
300
1.0
200
FIG.1 - PEAK PULSE POWER RATING CURVE
FIG.2 - PULSE DERATING CURVE
FIG.3 - PULSE WAVEFORM
TYPE
100
10
0.1
1.0
tp, PULSE W IDTH
0.1
µs
1.0
µs
10
µs
100
µs
10ms
1.0ms
80
60
40
20
120
0
100
0
25
75
50
100
125
150
175
Peak Power
(single Pulse)
Average Power
Lead Lengths
0.375"(9.5mm)
TL, LEAD TEMPERATURE (
°C)
50
100
0
Tf = 10
µs
Peak Value
IRMS
Half Value - IRMS
TJ=25
°C
Pulse W idth (tp) is defined
as that point where the peak
current decays to 50%
of IRSM
10X1000 W aveform
as defined by R.E.A.
T, TIME(ms)
2
tp
1
0
2
3
4
100ms
www.sunmate.tw
ELECTRICAL CHARACTERISTICS Rating at 25 ° C ambient temperature unless otherwise specified


Similar Part No. - ULCE48CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
ULCE48CA SUNMATE-ULCE48CA Datasheet
89Kb / 3P
   Transient Voltage Suppressor
More results

Similar Description - ULCE48CA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SAC TSC-SAC Datasheet
83Kb / 4P
   Low Capacitance Transient Voltage Suppressor Diodes
logo
EIC discrete Semiconduc...
ULCE EIC-ULCE Datasheet
56Kb / 3P
   ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CFTVS5V0BULC CENTRAL-CFTVS5V0BULC Datasheet
1Mb / 6P
   ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Thinki Semiconductor Co...
GBLC03C THINKISEMI-GBLC03C Datasheet
3Mb / 4P
   Ultra Low Capacitance Transient Voltage Suppressor Arrays
logo
Rectron Semiconductor
ESD5.0LM9 RECTRON-ESD5.0LM9 Datasheet
125Kb / 3P
   Ultra Low Capacitance of Transient Voltage Suppressor
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
83Kb / 2P
   SURFACE MOUNT ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
SAC50 TAYCHIPST-SAC50 Datasheet
14Mb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SACB5.0 PACELEADER-SACB5.0 Datasheet
306Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CTLTVS5V0B CENTRAL-CTLTVS5V0B Datasheet
1,001Kb / 6P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com