Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CBTLV3383DWE4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBTLV3383DWE4
Description  LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CBTLV3383DWE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74CBTLV3383DWE4 Datasheet HTML 6Page - Texas Instruments SN74CBTLV3383DWE4 Datasheet HTML 7Page - Texas Instruments SN74CBTLV3383DWE4 Datasheet HTML 8Page - Texas Instruments SN74CBTLV3383DWE4 Datasheet HTML 9Page - Texas Instruments SN74CBTLV3383DWE4 Datasheet HTML 10Page - Texas Instruments SN74CBTLV3383DWE4 Datasheet HTML 11Page - Texas Instruments SN74CBTLV3383DWE4 Datasheet HTML 12Page - Texas Instruments SN74CBTLV3383DWE4 Datasheet HTML 13Page - Texas Instruments SN74CBTLV3383DWE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MECHANICAL DATA
MPDS006C – FEBRUARY 1996 – REVISED AUGUST 2000
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGV (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
24 PINS SHOWN
14
3,70
3,50
4,90
5,10
20
DIM
PINS **
4073251/E 08/00
1,20 MAX
Seating Plane
0,05
0,15
0,25
0,50
0,75
0,23
0,13
112
24
13
4,30
4,50
0,16 NOM
Gage Plane
A
7,90
7,70
38
24
16
4,90
5,10
3,70
3,50
A MAX
A MIN
6,60
6,20
11,20
11,40
56
9,60
9,80
48
0,08
M
0,07
0,40
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0,15 per side.
D. Falls within JEDEC: 24/48 Pins – MO-153
14/16/20/56 Pins – MO-194


Similar Part No. - SN74CBTLV3383DWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV3383DW TI-SN74CBTLV3383DW Datasheet
83Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383DW TI-SN74CBTLV3383DW Datasheet
237Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383DWR TI-SN74CBTLV3383DWR Datasheet
237Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
More results

Similar Description - SN74CBTLV3383DWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTL3383 TI-SN74CBTL3383 Datasheet
237Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383 TI-SN74CBTLV3383 Datasheet
83Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
logo
Integrated Device Techn...
IDT74CBTLV3383 IDT-IDT74CBTLV3383 Datasheet
72Kb / 5P
   LOW-VOLTAGE 10-BIT BUS-EXCHANGE SWITCH
logo
Texas Instruments
SN74CBTLV16212 TI-SN74CBTLV16212_06 Datasheet
186Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV16212DGGR TI1-SN74CBTLV16212DGGR Datasheet
350Kb / 13P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV16212 TI-SN74CBTLV16212 Datasheet
105Kb / 8P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBT3383 TI1-SN74CBT3383_16 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit Bus-Exchange Switch
logo
National Semiconductor ...
74LVX3L383 NSC-74LVX3L383 Datasheet
113Kb / 6P
   10-Bit Low Power Bus-Exchange Switch
logo
Texas Instruments
SN74CBT16213 TI-SN74CBT16213 Datasheet
83Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
logo
Fairchild Semiconductor
FST3383 FAIRCHILD-FST3383 Datasheet
50Kb / 5P
   10-Bit Low Power Bus-Exchange Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com