Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSM24 Datasheet(PDF) 1 Page - BOWEI Integrated Circuits CO.,LTD.

Part # PSM24
Description  24, 32, 48 ways 0째power splitter/combiner
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWEI [BOWEI Integrated Circuits CO.,LTD.]
Direct Link  http://www.cn-bowei.com
Logo BOWEI - BOWEI Integrated Circuits CO.,LTD.

PSM24 Datasheet(HTML) 1 Page - BOWEI Integrated Circuits CO.,LTD.

  PSM24 Datasheet HTML 1Page - BOWEI Integrated Circuits CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BOWEI INTEGRATED CIRCUITS CO.,LTD.
37
TEL:+86-311-87091891 87091887
FAX:+86-311-87091282
http://www.cn-bowei.com
E-mail:cjian @cn-bowei.com
2.0
1.0
300
600
Frequency(MHz)
33
Frequency(MHz)
23
28
18
Frequency(MHz)
1.6
1.4
1.2
Frequency(MHz)
1.0
1.4
1.2
3.0
4.0
5
300
600
5
300
600
5
300
600
5
24
32
PSM24-1-200
1~200
2.0
24 Δ
Δ
0.8
1.6:1
PSM24-10-500
10~500
3.0
20 Δ
14 °
Δ
1.0
1.6:1
PSM32-1-200
1~200
2.2
24 Δ
Δ
0.8
1.6:1
PSM32-10-500
10~500
3.2
20 Δ
12 °
Δ
1.2
1.6:1
PSM48-1-200
1~200
2.6
24 Δ
10°
Δ
1.0
1.6:1
PSM48-10-500
10~500
4.0
18 Δ
16 °
Δ
1.5
1.6:1
PSM24/PSM32/PSM48
PSM24 packaged in GFQ-3 PSM32/PSM48 packaged in GFQ-4.
48
GFQ-4
GFQ-3
1
2
3
4
5
6
7
8
n-3
n-2
n-1
n
D
K
2.0
H
J
D/2
A
A
2.0
J
K
D
H
D/2
1
3
n-1
2
4
n
GFQ-3
GFQ-4
GFQ-4
24
32
48
A
B
C
D
E
F
G
H
J
K
L
170.0 20
90.6 145.0 45.5 10.5 17.5 13.70 16.8 158.0
10
236.5 20
38.0 211.5 17.4 10.5 17.5 13.35 16.8 224.5
10
236.5 20
90.6 211.5 45.5 10.5 17.5 13.35 16.8 224.5
10
24, 32, 48 ways 0°power splitter/combiner
Note:Δtested at 25℃
Input power: 1W
Storage temp: +125℃
Maximum Ratings
Features
Max input power 1W(CW)
Low 1L,high isolation and good VSWR
50Ω Impedance
Operating temperature range:-55℃~+85℃
Specifications (50Ω,T =-55℃~+85℃)
A
Part number
Parameter
Range
Freq.
1L
Lsolation
Phase
Amplitude
Unbalance VSWR
Unbalance
(Max)
MHz
dB
deg
(Max)
(Max)
(Max)
(Min)
dB
dB
Way
Package information
Dimension of two packages
Unit (mm)
Application notes
1.Input/output pins should be connected
to 50Ω microstrip.
2.GFQ-1 and GFQ-2 use M4.0 and M2.5
screw to fix respectively.
3.BNC connectors available for GFQ-1.
Typical Performance (PSM32-10-500)
Lsolation vs. Frequency
Input VSWR vs. Frequency
1L vs. Frequency
Output VSWR vs. Frequency


Similar Part No. - PSM24

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
PSM2-0.5-3 BOWEI-PSM2-0.5-3 Datasheet
130Kb / 1P
   2 way 0 Power Combiner/Divider
PSM2-0.5-6 BOWEI-PSM2-0.5-6 Datasheet
130Kb / 1P
   2 way 0 Power Combiner/Divider
PSM2-0220G BOWEI-PSM2-0220G Datasheet
149Kb / 1P
   2 way 0 Broardband Power Combiner/Divider
PSM2-0226G BOWEI-PSM2-0226G Datasheet
151Kb / 1P
   2 way 0 Broardband Power Combiner/Divider
PSM2-1-2 BOWEI-PSM2-1-2 Datasheet
130Kb / 1P
   2 way 0 Power Combiner/Divider
More results

Similar Description - PSM24

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3866GE PCA-EPA3866GE Datasheet
22Kb / 1P
   Splitter/ Combiner
logo
BOWEI Integrated Circui...
PSM3-0220G BOWEI-PSM3-0220G Datasheet
90Kb / 1P
   3 ways 0째Broadband power combiner/divider
PSM8-0118G BOWEI-PSM8-0118G Datasheet
169Kb / 1P
   8 ways 0째Broadband power combiner/divider
logo
Mini-Circuits
LRPS-2-1J MINI-LRPS-2-1J Datasheet
282Kb / 1P
   Power Splitter/Combiner
LRPS-2-11A MINI-LRPS-2-11A Datasheet
297Kb / 1P
   Power Splitter/Combiner
LRPS-2-980 MINI-LRPS-2-980 Datasheet
261Kb / 1P
   Power Splitter/Combiner
QCN-5D MINI-QCN-5D Datasheet
283Kb / 1P
   Power Splitter/Combiner
QCN-25D MINI-QCN-25D Datasheet
282Kb / 1P
   Power Splitter/Combiner
QCN-27D MINI-QCN-27D Datasheet
294Kb / 1P
   Power Splitter/Combiner
BP4U1 MINI-BP4U1 Datasheet
279Kb / 1P
   Power Splitter/Combiner
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com