Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP692AEP Datasheet(PDF) 10 Page - Exar Corporation

Part # SP692AEP
Description  Low Power Microprocessor Supervisory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP692AEP Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP692AEP Datasheet HTML 6Page - Exar Corporation SP692AEP Datasheet HTML 7Page - Exar Corporation SP692AEP Datasheet HTML 8Page - Exar Corporation SP692AEP Datasheet HTML 9Page - Exar Corporation SP692AEP Datasheet HTML 10Page - Exar Corporation SP692AEP Datasheet HTML 11Page - Exar Corporation SP692AEP Datasheet HTML 12Page - Exar Corporation SP692AEP Datasheet HTML 13Page - Exar Corporation SP692AEP Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Date: 11/29/04
SP690A/692A Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2004 Sipex Corporation
10
The SP805L/M active-high RESET output is
the inverse of the SP690A/SP692A/SP802 RE-
SET output, and is valid with V
CC down to 1V.
Some
µP's, such as Intel's 80C51, require an
active-high reset pulse.
Watchdog Input
The watchdog circuit monitors the
µP's activity.
If the
µP does not toggle the watchdog input
(WDI) within 1.6sec, a reset pulse is triggered.
The internal 1.6sec timer is cleared by either a
reset pulse or by floating the WDI input. As long
as RESET is asserted or the WDI input is
floating, the timer remains cleared and does not
count. As soon as RESET is released and WDI
is driven high or low, the timer starts counting.
It can detect pulses as short as 50ns.
Power-Fail Comparator
The Power-Fail Comparator can be used as an
under-voltage detector to signal the failing of a
power supply (it is completely separate from the
rest of the circuitry and does not need to be
dedicated to this function). The PFI input is
compared to an internal 1.25V reference. If PFI
is less than 1.25V, PFO goes low. The external
voltage divider drives PFI to sense the
unregulated DC input to the +5V regulator. The
voltage-divider ratio can be chosen such that the
voltage at PFI falls below 1.25V just before the
+5V regulator drops out. PFO then triggers an
interrupt which signals the
µP to prepare for
power-down.
When V
BATT connects to VOUT, the power-fail
comparator is turned off and PFO is forced low
to conserve backup-battery power.
Backup-Battery Switchover
In the event of a brownout or power failure, it
may be necessary to preserve the contents of
RAM. With a backup battery installed at V
BATT,
the RAM is assured to have power if V
CC fails.
As long as V
CC exceeds the reset threshold,
V
OUT connects to VCC through a 0.6Ω PMOS
power switch. Once V
CC falls below the reset
threshold, V
CC or VBATT, whichever is higher,
switches to V
OUT.
V
BATT connects to VOUT
through a 5
Ω switch only when V
CC is below the
reset threshold and V
BATT is greater than VCC.
When V
CC exceeds the reset threshold, it is
connected to V
OUT, regardless of the voltage
applied to V
BATT Figure 13. During this time,
the diode (D1) between V
BATT and VOUT will
conduct current from V
BATT to VOUT if VBATT is
more than .6V above V
OUT.
When V
BATT connects to VOUT, backup mode is
activated and the internal circuitry will be pow-
ered from the battery Figure 14. When V
CC is
just below V
BATT, in the backup mode the
current drawn from V
BATT will be typically
30
µA. When V
CC drops to more than 1V below
V
BATT, the internal switchover comparator shuts
off and the supply current falls to less than 0.6
µA.
Reset Threshold = 4.65V in SP690A/802L/805L
Reset Threshold = 4.40V in SP692A/802M/805M
Figure 13. BACKUP-BATTERY Switchover Block Diagram
SW1
D1
D2
D3
SW2
VBATT
VCC
GND
VOUT
N
O
I
T
I
D
N
O
C1
W
S2
W
S
V
C
C
d
l
o
h
s
e
r
h
T
t
e
s
e
R
>n
e
p
Od
e
s
o
l
C
V
C
C
d
n
a
d
l
o
h
s
e
r
h
T
t
e
s
e
R
<
V
C
C
V
>
T
T
A
B
n
e
p
Od
e
s
o
l
C
V
C
C
d
n
a
d
l
o
h
s
e
r
h
T
t
e
s
e
R
<
V
C
C
V
<
T
T
A
B
d
e
s
o
l
Cn
e
p
O


Similar Part No. - SP692AEP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP692AEP SIPEX-SP692AEP Datasheet
631Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP692AEP SIPEX-SP692AEP Datasheet
631Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP692AEP SIPEX-SP692AEP Datasheet
411Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
More results

Similar Description - SP692AEP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP791 EXAR-SP791 Datasheet
219Kb / 19P
   Low Power Microprocessor Supervisory
SP691A EXAR-SP691A Datasheet
237Kb / 24P
   Low Power Microprocessor Supervisory
logo
Shanghai Consonance Ele...
CN705 CONSONANCE-CN705 Datasheet
390Kb / 14P
   Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706REN-L SIPEX-SP706REN-L Datasheet
201Kb / 18P
   Low Power Microprocessor Supervisory Circuits
SP707EN-L SIPEX-SP707EN-L Datasheet
201Kb / 18P
   Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP813LCN-L EXAR-SP813LCN-L Datasheet
1Mb / 17P
   Low Power Microprocessor Supervisory Circuits
SP705 EXAR-SP705 Datasheet
1Mb / 18P
   Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP705 SIPEX-SP705 Datasheet
197Kb / 18P
   Low Power Microprocessor Supervisory Circuits
SP705 SIPEX-SP705 Datasheet
197Kb / 18P
   Low Power Microprocessor Supervisory Circuits
SP705 SIPEX-SP705_06 Datasheet
429Kb / 18P
   Low Power Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com