Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6214EC5-3-0 Datasheet(PDF) 6 Page - Exar Corporation

Part # SP6214EC5-3-0
Description  Micropower, SC-70, 100mA CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6214EC5-3-0 Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP6214EC5-3-0 Datasheet HTML 2Page - Exar Corporation SP6214EC5-3-0 Datasheet HTML 3Page - Exar Corporation SP6214EC5-3-0 Datasheet HTML 4Page - Exar Corporation SP6214EC5-3-0 Datasheet HTML 5Page - Exar Corporation SP6214EC5-3-0 Datasheet HTML 6Page - Exar Corporation SP6214EC5-3-0 Datasheet HTML 7Page - Exar Corporation SP6214EC5-3-0 Datasheet HTML 8Page - Exar Corporation SP6214EC5-3-0 Datasheet HTML 9Page - Exar Corporation SP6214EC5-3-0 Datasheet HTML 10Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Date: 12/13/05
SP6213, SP6214 Micropower, SC-70, 100mA CMOS LDO Regulator
© Copyright 2005 Sipex Corporation
27°C, VIN=4V, IL = 0.1mA, CIN = COUT = 1µF unless otherwise specified.
0
50
100
150
200
250
025
50
75
100
Io (mA)
0
20
40
60
80
100
01
2
345
67
VIN (V)
0
1
2
3
4
5
6
EN = Vin
EN = 0V
0
50
100
150
200
025
50
75
100
Io (mA)
VIN = 4V
VIN = 5.5V
VIN = 7V
0
25
50
75
100
125
150
175
34
56
7
VIN (V)
Io=0.1mA
Io=10mA
Io=50mA
Io=100mA
Quiescent Current vs. Input Voltage
Ground Current vs. Output Current
Ground Current vs. Input Voltage
Dropout Voltage vs. Output Current
SP6213-3.0VOUT fixed
VEN is toggled, VIN=4VCTE
IOUT=100uA
CIN=COUT=1uF Cer. Cap
VOUT
VEN
3V
2V
1V
0V
4V
2V
0V
Turn-on Characteristic (V
IN = 4V, IOUT = 100µA)
Turn-on Characteristic (VIN = 4V, IOUT=100mA)
SP6213-3.0VOUT fixed
VEN is toggled, VIN=7VCTE
IOUT=100uA
CIN=COUT=1uF Cer. Cap
VOUT
VEN
3V
2V
1V
0V
4V
2V
0V
Turn-on Characteristic (VIN = 7V, IOUT = 100
µA)
SP6213-3.0VOUT fixed
VEN is toggled, VIN=7VCTE
IOUT=100mA
CIN=COUT=1uF Cer. Cap
VOUT
VEN
3V
2V
1V
0V
4V
2V
0V
Turn on Time (VIN = 7V, IOUT = 100mA)
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - SP6214EC5-3-0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6214EC5-3.0 SIPEX-SP6214EC5-3.0 Datasheet
260Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
SP6214EC5-3.0/TR SIPEX-SP6214EC5-3.0/TR Datasheet
260Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
SP6214EC5-3.3 SIPEX-SP6214EC5-3.3 Datasheet
260Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
SP6214EC5-3.3/TR SIPEX-SP6214EC5-3.3/TR Datasheet
260Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
More results

Similar Description - SP6214EC5-3-0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6214 SIPEX-SP6214 Datasheet
260Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
SP6213 SIPEX-SP6213 Datasheet
696Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
SP6213EC5-L-1-8 SIPEX-SP6213EC5-L-1-8 Datasheet
278Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
SP78LC00 SIPEX-SP78LC00 Datasheet
912Kb / 10P
   Micropower, 100mA CMOS LDO Regulator
logo
Exar Corporation
SP6201ER-L EXAR-SP6201ER-L Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201EM5 EXAR-SP6201EM5 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201EM5-L-5-0 EXAR-SP6201EM5-L-5-0 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
logo
Sipex Corporation
SP6200 SIPEX-SP6200 Datasheet
144Kb / 10P
   Micropower, 100mA and 200mA CMOS LDO Regulators
SP6200 SIPEX-SP6200 Datasheet
426Kb / 17P
   Micropower, 100mA and 200mA CMOS LDO Regulators
logo
Vishay Siliconix
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
   Micropower 500-mA CMOS LDO Regulator
Rev. B, 06-May-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com