Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6648ER Datasheet(PDF) 2 Page - Exar Corporation

Part # SP6648ER
Description  Ultra-low Quiescent Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6648ER Datasheet(HTML) 2 Page - Exar Corporation

  SP6648ER Datasheet HTML 1Page - Exar Corporation SP6648ER Datasheet HTML 2Page - Exar Corporation SP6648ER Datasheet HTML 3Page - Exar Corporation SP6648ER Datasheet HTML 4Page - Exar Corporation SP6648ER Datasheet HTML 5Page - Exar Corporation SP6648ER Datasheet HTML 6Page - Exar Corporation SP6648ER Datasheet HTML 7Page - Exar Corporation SP6648ER Datasheet HTML 8Page - Exar Corporation SP6648ER Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Date: 6/7/06 Rev B
SP6648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© 2006 Sipex Corporation
LX, Vo, VBATT , LBON, FB to GND pin ................................ -0.3 to 6.0V
SHDN, LBI ........................................................... -0.3V to VBATT +1.0V
Vo, GND, LX Current ....................................................................... 2A
Reverse VBATT Current .............................................................. 220mA
Forward VBATT Current .............................................................. 500mA
Storage Temperature .................................................. -65 °C to 150°C
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Input Voltage Operating Range, VBATT
0.7
4.5
V
After Startup
Output Voltage Range, VOUT
2.5
5.5
V
Start-up Input Voltage, VBATT
0.85
1.1
V
RLOAD = 3kΩ
Under Voltage Lock-out/UVLO
0.5
0.61
0.7
V
Output Voltage, VO
3.12
3.30
3.48
V
Internal Feedback Divider
Quiescent Current into VO, IQO
12
25
μA
VOUT = 3.3V, VFB = 1.5V, Toggle SHDN
Quiescent Current into VBATT, IQB
250
750
nA
VOUT = 3.3V, VFB = 1.5V
Shutdown Current into VO, ISDO
1
500
nA
VSHDN = 0.0V
Shutdown Current into VBATT, ISDB
250
750
nA
VSHDN = 0.0V, VBATT = 2.6V
Efficiency
84
%
VBATT = 1.3V, IOUT = 100mA, RLIM =2kΩ
92
%
VBATT = 2.6V, IOUT = 200mA, RLIM =2kΩ
Inductor Current Limit, IPK = 1600/RLIM
650
800
1000
mA
RLIM = 2kΩ
1300
1600
2000
mA
RLIM = 1kΩ
100
mA
VBATT = 1.3V, RLIM = 4kΩ
Output Current
200
mA
VBATT = 2.6V, RLIM = 4kΩ
150
mA
VBATT = 1.3V, RLIM =2kΩ
400
mA
VBATT = 2.6V, RLIM =2kΩ
Minimum Off-Time Constant KOFF
0.5
1.0
1.5
V*μs
KOFF ≤ TOFF (VOUT- VBATT)
Maximum On-Time Constant KON
2.5
4.0
5.5
V*μs
KON ≥ TON (VBATT)
Enable Valid to Output Stable
300
500
μsILOAD = 1mA
NMOS Switch Resistance
0.30
0.6
Ω♦
INMOS = 100mA
PMOS Switch Resistance
0.30
0.6
Ω♦
IPMOS = 100mA
FB Set Voltage, VFB
1.19
1.25
1.31
V
External feedback
FB Input Current
1
100
nA
VFB =1.3V
LBI Falling Trip Voltage
0.56
0.61
0.66
V
LBI Hysteresis
25
mV
Low Output Voltage for LBON, VOL
0.4
V
VBATT = 1.3V, ISINK = 1mA
Leakage current for LBON
1
μA
VBATT = 1.3V, VLBON = 3.3V
SHDN Input Voltage, Note 1
VIL
0.25
VBATT = 1.3V
VIH
1.0
V
VBATT = 1.3V
VIL
0.5
VBATT = 2.6V
VIH
2.0
VBATT = 2.6V
SHDN Input Current
1
100
nA
LX Pin Leakage
3
μA
ELECTRICAL SPECIFICATIONS
VBATT =VSHDN = 2.6V, VFB=0.0V, ILOAD = 0mA, TAMB = -40°C to +85°C, VOUT = +3.3V, typical values at 27°C unless
otherwise noted. The ♦ denotes the specifications which apply over full operating temperature range -40°C to +85°C, unless
otherwise specified.
Operating Temperature ................................................ -40°C to +85°C
ESD Rating ........................................................................ 1.5kV HBM
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
ABSOLUTE MAXIMUM RATINGS
Note 1: SHDN must transition faster than 1V/100mS for proper operation.


Similar Part No. - SP6648ER

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6648ER SIPEX-SP6648ER Datasheet
262Kb / 16P
   Ultra-low Quiescent Current, High Efficiency Boost Regulator
SP6648ER SIPEX-SP6648ER Datasheet
260Kb / 16P
   Ultra-low Quiescent Current, High Efficiency Boost Regulator
SP6648ER/TR SIPEX-SP6648ER/TR Datasheet
262Kb / 16P
   Ultra-low Quiescent Current, High Efficiency Boost Regulator
SP6648ER/TR SIPEX-SP6648ER/TR Datasheet
260Kb / 16P
   Ultra-low Quiescent Current, High Efficiency Boost Regulator
More results

Similar Description - SP6648ER

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9073 DIALOG-DA9073 Datasheet
3Mb / 130P
   Ultra-Low Quiescent Current PMIC
logo
Renesas Technology Corp
DA9070 RENESAS-DA9070 Datasheet
3Mb / 133P
   Ultra-Low Quiescent Current PMIC
21-Feb-2022
logo
Dialog Semiconductor
DA9230 DIALOG-DA9230 Datasheet
1Mb / 47P
   Ultra-Low Quiescent Current Buck
logo
Renesas Technology Corp
DA9230 RENESAS-DA9230 Datasheet
1Mb / 48P
   Ultra-Low Quiescent Current Buck
25-Feb-2022
logo
Dialog Semiconductor
DA9070 DIALOG-DA9070 Datasheet
2Mb / 130P
   Ultra-Low Quiescent Current PMIC
logo
Micrel Semiconductor
MIC5232 MICREL-MIC5232_12 Datasheet
265Kb / 10P
   10mA Ultra-Low Quiescent Current
logo
Dialog Semiconductor
DA9072 DIALOG-DA9072 Datasheet
2Mb / 113P
   Ultra-Low Quiescent Current PMIC
logo
Renesas Technology Corp
DA9073 RENESAS-DA9073 Datasheet
3Mb / 131P
   Ultra-Low Quiescent Current PMIC
13-Oct-2020
DA9072 RENESAS-DA9072 Datasheet
2Mb / 115P
   Ultra-Low Quiescent Current PMIC
21-Feb-2022
logo
National Semiconductor ...
LM2936-5.0 NSC-LM2936-5.0 Datasheet
414Kb / 10P
   Ultra-Low Quiescent Current 5V Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com