Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6132H Datasheet(PDF) 6 Page - Exar Corporation

Part # SP6132H
Description  High Voltage, 300KHz Synchronous PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6132H Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP6132H Datasheet HTML 2Page - Exar Corporation SP6132H Datasheet HTML 3Page - Exar Corporation SP6132H Datasheet HTML 4Page - Exar Corporation SP6132H Datasheet HTML 5Page - Exar Corporation SP6132H Datasheet HTML 6Page - Exar Corporation SP6132H Datasheet HTML 7Page - Exar Corporation SP6132H Datasheet HTML 8Page - Exar Corporation SP6132H Datasheet HTML 9Page - Exar Corporation SP6132H Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Date:2/14/06
SP6132H High Voltage, Synchronous PWM Controller
© Copyright 2006 Sipex Corporation
THEORY OF OPERATION: Continued
Error Amplifier and Voltage Loop
As stated before, the heart of the SP6132H
voltage error loop is a high performance, wide
bandwidth transconductance amplifier. Be-
cause of the amplifier’s current limited (+150
µA)
transconductance, there are many ways to com-
pensate the voltage loop or to control the COMP
pin externally. If a simple, single pole, single
zero response is required, then compensation
can be as simple as an RC circuit to ground. If a
more complex compensation is required, then
the amplifier has enough bandwidth (45
° at 4
MHz) and enough gain (60dB) to run Type III
compensation schemes with adequate gain and
phase margins at cross over frequencies greater
than 50kHz.
The common mode output of the error amplifier
is 0.9V to 2.2V. Therefore, the PWM voltage
ramp has been set between 1.1V and 2.2V to
ensure proper 0% to 100% duty cycle capability.
The voltage loop also includes two other very
important features. One is an asynchronous start
up mode. Basically, the GL driver cannot turn
on unless the GH driver has attempted to turn on
or the SS pin has exceeded 1.7V. This feature
prevents the controller from “dragging down”
the output voltage during startup or in fault
modes. The second feature is a 100% duty cycle
timeout that ensures synchronized refreshing of
the BST capacitor at very high duty ratios. In the
event that the GH driver is on for 20 continuous
clock cycles, a reset is given to the PWM flip
flop half way through the 21st cycle. This forces
GL to rise for the remainder of the cycle, in turn
refreshing the BST capacitor.
90%
10%
RISE TIME
2V
NON-OVERLAP
FALL TIME
2V
90%
10%
GH(GL)
GL(GH)
GATE DRIVER TEST CONDITIONS
V(BST)
GH
Voltage
V(VCC)
V(SWN)
GL
Voltage
V(VIN)
0V
-0V
-V(Diode) V
V(VIN)+V(VCC)
BST
Voltage
V(VCC)
TIME
SWN
Voltage
Gate Drivers
The SP6132H contains a pair of powerful 2
SOURCE and 1.5
Ω SINK drivers. These state-
of-the-art drivers are designed to drive external
NFETs capable of handling up to 30A. Rise,
fall, and non-overlap times have all been minized
to achieve maximum efficiency. All drive pins
GH, GL & SWN are monitored continuously to
ensure that only one external NFET is ever on at
any given time.


Similar Part No. - SP6132H

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6132H SIPEX-SP6132H Datasheet
264Kb / 14P
   High Voltage, 300KHz Synchronous PWM Controller
SP6132H SIPEX-SP6132H Datasheet
290Kb / 10P
   High Voltage, 300KHz Synchronous PWM Controller
SP6132HCU SIPEX-SP6132HCU Datasheet
290Kb / 10P
   High Voltage, 300KHz Synchronous PWM Controller
SP6132HCU/TR SIPEX-SP6132HCU/TR Datasheet
290Kb / 10P
   High Voltage, 300KHz Synchronous PWM Controller
SP6132HEU SIPEX-SP6132HEU Datasheet
264Kb / 14P
   High Voltage, 300KHz Synchronous PWM Controller
More results

Similar Description - SP6132H

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6132H SIPEX-SP6132H Datasheet
264Kb / 14P
   High Voltage, 300KHz Synchronous PWM Controller
SP6132H SIPEX-SP6132H_06 Datasheet
290Kb / 10P
   High Voltage, 300KHz Synchronous PWM Controller
logo
Microsemi Corporation
NX2124 MICROSEMI-NX2124 Datasheet
517Kb / 17P
   300kHz SYNCHRONOUS PWM CONTROLLER
NX2154 MICROSEMI-NX2154 Datasheet
556Kb / 17P
   300kHz SYNCHRONOUS PWM CONTROLLER
NX2114 MICROSEMI-NX2114 Datasheet
810Kb / 20P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
logo
Sipex Corporation
SP6132 SIPEX-SP6132 Datasheet
314Kb / 14P
   Wide Input, 300KHz Synchronous PWM Controller
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Microsemi Corporation
NX2113 MICROSEMI-NX2113 Datasheet
724Kb / 19P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
logo
International Rectifier
IR3651SPBF IRF-IR3651SPBF Datasheet
1Mb / 19P
   HIGH VOLTAGE SYNCHRONOUS PWM BUCK CONTROLLER
logo
Sipex Corporation
SP6134H SIPEX-SP6134H Datasheet
141Kb / 14P
   High Voltage, 600 KHz Synchronous PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com