Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP78LXX Datasheet(PDF) 3 Page - Exar Corporation

Part # SP78LXX
Description  100mA 3-Terminal Positive Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP78LXX Datasheet(HTML) 3 Page - Exar Corporation

  SP78LXX Datasheet HTML 1Page - Exar Corporation SP78LXX Datasheet HTML 2Page - Exar Corporation SP78LXX Datasheet HTML 3Page - Exar Corporation SP78LXX Datasheet HTML 4Page - Exar Corporation SP78LXX Datasheet HTML 5Page - Exar Corporation SP78LXX Datasheet HTML 6Page - Exar Corporation SP78LXX Datasheet HTML 7Page - Exar Corporation SP78LXX Datasheet HTML 8Page - Exar Corporation SP78LXX Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Date: 8/3/06 Rev H
SP78LXX 00mA 3-Terminal Positive Voltage Regulator
© 2006 Sipex Corporation
Parameter
Symbol
Value
Unit
Input Voltage
VCC
20
V
Operating Junction Temperature Range
TJ
0 to125
oC
Lead Temperature (Soldering, 10sec)
TLEAD
265
oC
Power Dissipation (TA=25oC)
PD
TO-92
0.65
W
NSOIC
0.6
SOT-223
0.7
SOT-89
0.65
Storage Temperature Range
TSTG
-65 to 150
oC
ESD (Machine Model)
300
V
N
ote 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Max-
imum Ratings" for extended periods may affect device reliability.
Parameter
Symbol
Min
Max
Unit
Operating Junction Temperature Range
TJ
0
125
oC
Recommended Operating conditions
Absolute Maximum Ratings (note 1)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VO
4.8
5
5.2
V
7.0V
VI
15V
1.0mA
IO
40mA (Note 2)
4.75
5.25
Line Regulation
VRLINE
7.0V
VI
15V
18
75
mV
Load Regulation
VRLOAD
1.0mA
IO
100mA
20
60
mV
Quiescent Current
IQ
3
5
mA
Quiescent Current Change
IQ
8.0V
VI
15V
1.0
mA
1.0mA
IO
40mA
0.1
Output Noise Voltage
NO
10Hz
f
100kHz (Note 3)
40
V
Ripple Rejection
VI/ VO f=120Hz, 8.0V
VI
15V
47
62
dB
Peak Output Current
IPK
150
mA
Average Temperature Coefficient of
Output Voltage
VO/ T
IO = 5.0mA
-0.65
mV/ oC
Minimum Value of Input Voltage
Required to Maintain Line Regula-
tion
VI(Min)
6.7
7
V
Limits in standard typeface are for TJ =25oC, Bold typeface applies over 0oC to 125oC, IO=40 mA, CI =0.33 F,
CO=0.1 F, VI =10V, unless otherwise specified.
Note 2: Power Dissipation
0.6W
Note 3: Recommended minimum load capacitance of 0.01 F to limit high frequency noise.
SP78L05 electrical characteristics
electrical characteristics


Similar Part No. - SP78LXX

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
More results

Similar Description - SP78LXX

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS78L06CX TSC-TS78L06CX Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS78L00 TSC-TS78L00 Datasheet
524Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06CS TSC-TS78L06CS Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06ACY TSC-TS78L06ACY Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L00 TSC-TS78L00_08 Datasheet
181Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L00 TSC-TS78L00_14 Datasheet
316Kb / 13P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06CT TSC-TS78L06CT Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
logo
AiT Semiconductor Inc.
A78L05 AITSEMI-A78L05 Datasheet
710Kb / 9P
   BIPOLAR LINEAR REGULATOR 100mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV3.1
logo
NTE Electronics
NTE950 NTE-NTE950 Datasheet
27Kb / 3P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com