Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5067 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM5067
Description  Negative Hot Swap / Inrush Current Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5067 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5067 Datasheet HTML 6Page - Texas Instruments LM5067 Datasheet HTML 7Page - Texas Instruments LM5067 Datasheet HTML 8Page - Texas Instruments LM5067 Datasheet HTML 9Page - Texas Instruments LM5067 Datasheet HTML 10Page - Texas Instruments LM5067 Datasheet HTML 11Page - Texas Instruments LM5067 Datasheet HTML 12Page - Texas Instruments LM5067 Datasheet HTML 13Page - Texas Instruments LM5067 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
GND
LOAD
VCC
VEE
SENSE
TIMER
GATE
OVLO
PGD
LM5067
PWR
OUT
RPG
RIN
CIN
Q1
RS
RPWR
CT
R1
R 2
R 3
VSYS
(- 48V)
UVLO / EN
GATE
Fault
Timer
1.25V
TIMER
1.23V/
2.5V
Current Limit
Threshold
8.4/8.3V
Enable POR
Power Limit
Threshold
Gate
Control
1.55 mA
End
Insertion
Time
0.3V
7.7V
Vcc
Insertion Timer POR
110
mA
VEE
SENSE
OUT
PWR
OVLO
UVLO/EN
Insertion
Timer
Fault
Discharge
PGD
Vcc
50 mV
2.2 mA
4.0V
2.5V
2.5V
23 PA
22 PA
22 PA
2.5 PA
85 PA
6 PA
52 PA
VDS
1 M:
13V
Vcc
VZ
Vee
VCC
Vee
Vee
Vee
Vee
Vee
Current Limit
Power Limit
Control
Vcc
LM5067
All voltages are with respect to VEE
ID
LM5067
SNVS532C – OCTOBER 2007 – REVISED MARCH 2013
www.ti.com
BLOCK DIAGRAM
Figure 4. Basic Application Circuit
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM5067


Similar Part No. - LM5067

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5067 NSC-LM5067 Datasheet
768Kb / 24P
   Negative Hot Swap / Inrush Current Controller with Power Limiting
logo
Texas Instruments
LM5067 TI1-LM5067 Datasheet
2Mb / 33P
[Old version datasheet]   Negative Hot Swap / Inrush Current Controller with Power Limiting
LM5067 TI-LM5067 Datasheet
4Mb / 49P
[Old version datasheet]   LM5067 Negative Hot Swap / Inrush Current Controller with Power Limiting
LM5067-1 TI-LM5067-1 Datasheet
4Mb / 49P
[Old version datasheet]   LM5067 Negative Hot Swap / Inrush Current Controller with Power Limiting
LM5067-2 TI-LM5067-2 Datasheet
4Mb / 49P
[Old version datasheet]   LM5067 Negative Hot Swap / Inrush Current Controller with Power Limiting
More results

Similar Description - LM5067

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5067 NSC-LM5067 Datasheet
768Kb / 24P
   Negative Hot Swap / Inrush Current Controller with Power Limiting
logo
Texas Instruments
LM5067 TI1-LM5067_14 Datasheet
2Mb / 33P
[Old version datasheet]   Negative Hot Swap / Inrush Current Controller with Power Limiting
LM5067 TI-LM5067_V01 Datasheet
4Mb / 49P
[Old version datasheet]   LM5067 Negative Hot Swap / Inrush Current Controller with Power Limiting
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT4250L LINER-LT4250L_15 Datasheet
242Kb / 14P
   Negative 48V Hot Swap Controller
LT4250H LINER-LT4250H_15 Datasheet
242Kb / 14P
   Negative 48V Hot Swap Controller
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT4250L LINER-LT4250L Datasheet
230Kb / 12P
   Negative 48V Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com