Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5020MM-1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM5020MM-1
Description  100V Current Mode PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5020MM-1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5020MM-1 Datasheet HTML 2Page - Texas Instruments LM5020MM-1 Datasheet HTML 3Page - Texas Instruments LM5020MM-1 Datasheet HTML 4Page - Texas Instruments LM5020MM-1 Datasheet HTML 5Page - Texas Instruments LM5020MM-1 Datasheet HTML 6Page - Texas Instruments LM5020MM-1 Datasheet HTML 7Page - Texas Instruments LM5020MM-1 Datasheet HTML 8Page - Texas Instruments LM5020MM-1 Datasheet HTML 9Page - Texas Instruments LM5020MM-1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
LOGIC
OSC
VIN
VCC
LOGIC
OUT
7.7V SERIES
REGULATOR
REFERENCE
SLOPECOMP
RAMP
GENERATOR
(LM5020-1 Only)
DRIVER
RT/SYNC
CLK
VCC
ENABLE
5V
1.25V
S
Q
R
Q
UVLO
HYSTERESIS
(20 PA)
UVLO
+
-
1.25V
GND
Max Duty Limit
LM5020-1 (80%)
LM5020-2 (50%)
10 PA
SS
CS
0.5V
PWM
50 PA
0
2k
FB
5k
5V
1.4V
2R
R
COMP
1.25V
SS
+
-
+
-
CLK + LEB
SS
LM5020
SNVS275F – MAY 2004 – REVISED APRIL 2006
www.ti.com
Block Diagram
6
Submit Documentation Feedback
Copyright © 2004–2006, Texas Instruments Incorporated
Product Folder Links: LM5020


Similar Part No. - LM5020MM-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5020MM-1 NSC-LM5020MM-1 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
LM5020MM-1 NSC-LM5020MM-1 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
LM5020MM-1 NSC-LM5020MM-1 Datasheet
629Kb / 13P
   100V Current Mode PWM Controller
logo
Texas Instruments
LM5020MM-1 TI-LM5020MM-1 Datasheet
892Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
More results

Similar Description - LM5020MM-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
LM5020 NSC-LM5020_06 Datasheet
629Kb / 13P
   100V Current Mode PWM Controller
logo
Texas Instruments
SM74202 TI1-SM74202 Datasheet
179Kb / 12P
[Old version datasheet]   100V Current Mode PWM Controller
LM5020 TI1-LM5020_14 Datasheet
899Kb / 19P
[Old version datasheet]   100V Current Mode PWM Controller
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
logo
Texas Instruments
LM5020MM-1 TI-LM5020MM-1 Datasheet
892Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
LM5020 TI-LM5020_15 Datasheet
865Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
logo
National Semiconductor ...
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
   100V Push-Pull Current Mode PWM Controller
LM5030 NSC-LM5030 Datasheet
230Kb / 11P
   100V Push-Pull Current Mode PWM Controller
logo
Texas Instruments
LM5030 TI1-LM5030_15 Datasheet
1Mb / 28P
[Old version datasheet]   100V Push-Pull Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com