Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTCSP2510CPG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDTCSP2510CPG
Description  3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTCSP2510CPG Datasheet(HTML) 1 Page - Integrated Device Technology

  IDTCSP2510CPG Datasheet HTML 1Page - Integrated Device Technology IDTCSP2510CPG Datasheet HTML 2Page - Integrated Device Technology IDTCSP2510CPG Datasheet HTML 3Page - Integrated Device Technology IDTCSP2510CPG Datasheet HTML 4Page - Integrated Device Technology IDTCSP2510CPG Datasheet HTML 5Page - Integrated Device Technology IDTCSP2510CPG Datasheet HTML 6Page - Integrated Device Technology IDTCSP2510CPG Datasheet HTML 7Page - Integrated Device Technology IDTCSP2510CPG Datasheet HTML 8Page - Integrated Device Technology IDTCSP2510CPG Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
0ºC TO 85ºC TEMPERATURE RANGE
IDTCSP2510C
3.3V PHASE-LOCK LOOP CLOCK DRIVER
OCTOBER 2000
1999
Integrated Device Technology, Inc.
DSC-5180/2
c
IDTCSP2510C
0ºººººC TO 85ºººººC TEMPERATURE RANGE
3.3V PHASE-LOCK LOOP
CLOCK DRIVER
ZERO DELAY BUFFER
DESCRIPTION:
The CSP2510C is a high performance, low-skew, low-jitter, phase-lock
loop (PLL) clock driver. It uses a PLL to precisely align, in both frequency
and phase, the feedback (FBOUT) output to the clock (CLK) input signal.
ItisspecificallydesignedforusewithsynchronousDRAMs.TheCSP2510C
operates at 3.3V.
One bank of ten outputs provide low-skew, low-jitter copies of CLK.
Output signal duty cycles are adjusted to 50 percent, independent of the
duty cycle at CLK. The outputs can be enabled or disabled via the control
Ginput.WhentheGinputishigh,theoutputsswitchinphaseandfrequency
with CLK; when the G input is low, the outputs are disabled to the logic-low
state.
Unlike many products containing PLLs, the CSP2510C does not require
external RC networks. The loop filter for the PLL is included on-chip,
minimizing component count, board space, and cost.
Because it is based on PLL circuitry, the CSP2510C requires a
stabilization time to achieve phase lock of the feedback signal to the
reference signal. This stabilization time is required, following power up and
application of a fixed-frequency, fixed-phase signal at CLK, as well as
following any changes to the PLL reference or feedback signals. The PLL
can be bypassed for the test purposes by strapping AVDD to ground.
The CSP2510C is specified for operation from 0°C to +85°C. This
device is also available (on special order) in Industrial temperature range
(-40°C to +85°C). See ordering information for details.
21
Y9
PLL
3
5
8
9
4
Y0
Y1
Y2
Y3
Y4
15
17
20
16
Y5
Y6
Y7
Y8
24
13
23
AV DD
FB IN
CLK
G
11
12
FBOUT
FUNCTIONAL BLOCK DIAGRAM
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FEATURES:
• Phase-Lock Loop Clock Distribution for Synchronous DRAM
Applications
• Distributes one clock input to one bank of ten outputs
• Output enable bank control
• External feedback (FBIN) pin is used to synchronize the
outputs to the clock input signal
• No external RC network required for PLL loop stability
• Operates at 3.3V VDD
• tpd Phase Error at 133MHz: < ±150ps
• Jitter (peak-to-peak) at 133MHz: < ±75ps @ 133MHz
• Spread Spectrum Compatible
• Operating frequency 25MHz to 140MHz
• Available in 24-Pin TSSOP package
APPLICATIONS:
• SDRAM Modules
• PC Motherboards
• Workstations


Similar Part No. - IDTCSP2510CPG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCSP2510D IDT-IDTCSP2510D Datasheet
65Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDTCSP2510DPG IDT-IDTCSP2510DPG Datasheet
72Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDTCSP2510DPG IDT-IDTCSP2510DPG Datasheet
65Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDTCSP2510DPGI IDT-IDTCSP2510DPGI Datasheet
72Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDTCSP2510DPGI IDT-IDTCSP2510DPGI Datasheet
65Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
More results

Similar Description - IDTCSP2510CPG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CSP2510C RENESAS-CSP2510C Datasheet
262Kb / 10P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
NOVEMBER 2008
logo
Integrated Device Techn...
CSP2510D IDT-CSP2510D Datasheet
72Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDTCSP2510D IDT-IDTCSP2510D Datasheet
65Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
logo
Renesas Technology Corp
CSP2510D RENESAS-CSP2510D Datasheet
251Kb / 10P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
OCTOBER 2001
logo
Integrated Device Techn...
IDT5V9352 IDT-IDT5V9352 Datasheet
81Kb / 10P
   3.3V/2.5V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDT5V2528 IDT-IDT5V2528 Datasheet
61Kb / 7P
   2.5V / 3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDT2309 IDT-IDT2309_12 Datasheet
125Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER Phase-Lock Loop Clock Distribution
logo
Integrated Circuit Syst...
ICS93705 ICST-ICS93705 Datasheet
65Kb / 7P
   DDR Phase Lock Loop Zero Delay Clock Buffer
logo
Renesas Technology Corp
ICS93705 RENESAS-ICS93705 Datasheet
343Kb / 9P
   DDR Phase Lock Loop Zero Delay Clock Buffer
2019
logo
Integrated Circuit Syst...
ICS93735 ICST-ICS93735 Datasheet
126Kb / 7P
   DDR Phase Lock Loop Zero Delay Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com