Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4954 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM4954
Description  Audio Power Amplifier Series High Voltage 3 Watt Audio Power Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4954 Datasheet(HTML) 5 Page - Texas Instruments

  LM4954 Datasheet HTML 1Page - Texas Instruments LM4954 Datasheet HTML 2Page - Texas Instruments LM4954 Datasheet HTML 3Page - Texas Instruments LM4954 Datasheet HTML 4Page - Texas Instruments LM4954 Datasheet HTML 5Page - Texas Instruments LM4954 Datasheet HTML 6Page - Texas Instruments LM4954 Datasheet HTML 7Page - Texas Instruments LM4954 Datasheet HTML 8Page - Texas Instruments LM4954 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LM4954
www.ti.com
SNAS292B – JUNE 2005 – REVISED APRIL 2013
Electrical Characteristics VDD = 5V
(1) (2)
The following specifications apply for VDD = 5V, AV-BTL = 6dB, and RL = 8Ω unless otherwise specified. Limits apply for TA =
25°C.
LM4954
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)(5)
IDD
Quiescent Power Supply Current
VIN = 0V, RL = 8Ω BTL
2.7
5
mA (max)
ISD
Shutdown Current
VSD = GND
(6)
0.01
1
µA (max)
VOS
Output Offset Voltage
8
25
mV (max)
Po
Output Power
THD+N = 1% (max); f = 1kHz
1.2
1.1
W (min)
THD+N
Total Harmonic Distortion + Noise
PO = 600mWrms; f = 1kHz
0.1
%
Vripple = 200mVsine p-p,
CB = 2.2µF, Input terminated
80
63
dB (min)
with 10
Ω to GND
fRipple = 217Hz, Input Referred
PSRR
Power Supply Rejection Ratio
Vripple = 200mVsine p-p,
CB = 2.2µF, Input terminated
80
dB
with 10
Ω to GND
fRipple = 1kHz, Input Referred
VSDIH
Shutdown High Input Voltage
1.2
V (min)
VSDIL
Shutdown Low Input Voltage
0.4
V (max)
TWU
Wake-up Time
CB = 2.2µF
130
ms
A-Wtg, Input terminated with 10
Ω to
OUT
Output Noise
GND,
20
µVRMS
Output referred
RPD
Pul Down Resistor on Shutdown
75
k
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typical specifications are specified at 25°C and represent the parametric norm.
(4)
Tested limits are specified to Texas Instruments' AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
(6)
Shutdown current is measured in a normal room environment. Exposure to direct sunlight in the TL package will increase ISD by a
minimum of 2
μA.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4954


Similar Part No. - LM4954

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4954 NSC-LM4954 Datasheet
975Kb / 16P
   HIgh Voltage 3 Watt Audio Power Amplifier
LM4954TL NSC-LM4954TL Datasheet
975Kb / 16P
   HIgh Voltage 3 Watt Audio Power Amplifier
LM4954TLX NSC-LM4954TLX Datasheet
975Kb / 16P
   HIgh Voltage 3 Watt Audio Power Amplifier
More results

Similar Description - LM4954

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4954 NSC-LM4954 Datasheet
975Kb / 16P
   HIgh Voltage 3 Watt Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
logo
Texas Instruments
LM4804 TI1-LM4804 Datasheet
1Mb / 22P
[Old version datasheet]   Audio Power Amplifier SerieLow Voltage High Power Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
   AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
logo
Texas Instruments
LM4781 TI1-LM4781 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
   1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8890 LYONTEK-LY8890 Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
logo
Texas Instruments
LM4879 TI1-LM4879_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8897 LYONTEK-LY8897_13 Datasheet
1Mb / 17P
   2.7 Watt Audio Power Amplifier
logo
List of Unclassifed Man...
HWD2190 ETC1-HWD2190 Datasheet
1Mb / 32P
   1 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com