Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT10XX Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT10XX
Description  Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT10XX Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT10XX Datasheet HTML 1Page - Holtek Semiconductor Inc HT10XX Datasheet HTML 2Page - Holtek Semiconductor Inc HT10XX Datasheet HTML 3Page - Holtek Semiconductor Inc HT10XX Datasheet HTML 4Page - Holtek Semiconductor Inc HT10XX Datasheet HTML 5Page - Holtek Semiconductor Inc HT10XX Datasheet HTML 6Page - Holtek Semiconductor Inc HT10XX Datasheet HTML 7Page - Holtek Semiconductor Inc HT10XX Datasheet HTML 8Page - Holtek Semiconductor Inc HT10XX Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Selection Guide
Item
Pin Assignment
Output Voltage
Tolerance
HT1015
HT1016
B
A
1.5V
±2.4%, ±5%
HT1030
HT1031
B
A
3.0V
±2.4%, ±5%
HT1033
HT1034
B
A
3.3V
±2.4%, ±5%
HT1036
HT1037
B
A
3.6V
±2.4%, ±5%
HT1044
HT1045
B
A
4.4V
±2.4%, ±5%
HT1050
HT1051
B
A
5.0V
±2.4%, ±5%
HT1070
HT1071
B
A
7.0V
±2.4%, ±5%
Electrical Characteristics
HT10XX series (HT1015, HT1016, +1.5V output type)
(Ta=25
°C)
Symbol
Parameter
Test Condition
Min.
Typ. Max.
Unit
VIN
Condition
VOUT
Output Voltage Tolerance
3.5V
IOUT=0.5mA
1.425
1.5
1.575
V
IOUT
Output Current
3.5V
7.0
mA
VOUT
Load Regulation
3.5V
1mA
IOUT7mA
80—mV
VDIF
Voltage Dropout
IOUT=0.5mA
300
mV
ISS
Current Consumption
3.5V
No load
2.2
5.0
µA
VOUT
VIN VOUT
Line Regulation
2.5V
VIN12V
IOUT=0.5mA
0.2
%/V
VIN
Input Voltage
12
V
VOUT
Ta
Temperature Coefficient
3.5V
IOUT=0.5mA
0°C<Ta<70°C
±0.25
mV/°C
HT10XX
3
3rd Oct ’96


Similar Part No. - HT10XX

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
HT10XX UTC-HT10XX Datasheet
118Kb / 8P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
More results

Similar Description - HT10XX

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com