Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0734040542 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0734040542
Description  50 Ohms, FAKRA/SMB Straight Plug Crimp RG-141
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0734040542 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0734040542 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 03/08/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0734040542
Status:
Active
Overview:
FAKRA II SMB and FAKRA RF Connector Systems
Description:
50 Ohms, FAKRA/SMB Straight Plug Crimp RG-141, RG-303 and RG-58 Cable, Code
C/Blue
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73404
Overview
FAKRA II SMB and FAKRA RF Connector Systems
Product Name
FAKRA, SMB
Style
Cable
UPC
800756522579
Wire/Cable Type
RG-141, RG-303, RG-58
Physical
Gender
Plug
Keying to Mating Part
Yes
Net Weight
4.220/g
Orientation
Straight
PCB Mounting
N/A
Packaging Type
Tray
Panel Mount
No
Panel Mount Method
N/A
Reverse Polar
No
Electrical
Impedance
50#
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73404-054
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
73404 Series
This document was generated on 03/08/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0734040542

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0734040540 MOLEX11-0734040540 Datasheet
68Kb / 1P
   50 Ohms, FAKRA/SMB Straight Plug Crimp RG-141, RG-303 and RG-58 Cable
0734040541 MOLEX11-0734040541 Datasheet
67Kb / 1P
   50 Ohms, FAKRA/SMB Straight Plug Crimp RG-141
0734040543 MOLEX11-0734040543 Datasheet
67Kb / 1P
   50 Ohms, FAKRA/SMB Straight Plug Crimp RG-141
0734040544 MOLEX11-0734040544 Datasheet
67Kb / 1P
   50 Ohms, FAKRA/SMB Straight Plug Crimp RG-141
0734040545 MOLEX11-0734040545 Datasheet
67Kb / 1P
   50 Ohms, FAKRA/SMB Straight Plug Crimp RG-141
More results

Similar Description - 0734040542

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0734040541 MOLEX11-0734040541 Datasheet
67Kb / 1P
   50 Ohms, FAKRA/SMB Straight Plug Crimp RG-141
0734040549 MOLEX11-0734040549 Datasheet
67Kb / 1P
   50 Ohms, FAKRA/SMB Straight Plug Crimp RG-141
0734040548 MOLEX11-0734040548 Datasheet
67Kb / 1P
   50 Ohms, FAKRA/SMB Straight Plug Crimp RG-141
0734040545 MOLEX11-0734040545 Datasheet
67Kb / 1P
   50 Ohms, FAKRA/SMB Straight Plug Crimp RG-141
0734040547 MOLEX11-0734040547 Datasheet
67Kb / 1P
   50 Ohms, FAKRA/SMB Straight Plug Crimp RG-141
0734040550 MOLEX11-0734040550 Datasheet
68Kb / 1P
   50 Ohms, FAKRA/SMB Straight Plug Crimp RG-141
0734040544 MOLEX11-0734040544 Datasheet
67Kb / 1P
   50 Ohms, FAKRA/SMB Straight Plug Crimp RG-141
0734040543 MOLEX11-0734040543 Datasheet
67Kb / 1P
   50 Ohms, FAKRA/SMB Straight Plug Crimp RG-141
0734040546 MOLEX11-0734040546 Datasheet
67Kb / 1P
   50 Ohms, FAKRA/SMB Straight Plug Crimp RG-141
0734040540 MOLEX11-0734040540 Datasheet
68Kb / 1P
   50 Ohms, FAKRA/SMB Straight Plug Crimp RG-141, RG-303 and RG-58 Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com