Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1773RGA Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1773RGA
Description  LINEOUT AMPLIFIER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1773RGA Datasheet(HTML) 5 Page - Texas Instruments

  PCM1773RGA Datasheet HTML 1Page - Texas Instruments PCM1773RGA Datasheet HTML 2Page - Texas Instruments PCM1773RGA Datasheet HTML 3Page - Texas Instruments PCM1773RGA Datasheet HTML 4Page - Texas Instruments PCM1773RGA Datasheet HTML 5Page - Texas Instruments PCM1773RGA Datasheet HTML 6Page - Texas Instruments PCM1773RGA Datasheet HTML 7Page - Texas Instruments PCM1773RGA Datasheet HTML 8Page - Texas Instruments PCM1773RGA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
www.ti.com
TERMINAL FUNCTIONS
PCM1772, PCM1773
SLES010G – SEPTEMBER 2001 – REVISED MARCH 2007
PCM1772PW
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND1
5
Analog ground. This is a return for VCC1.
AGND2
6
Analog ground. This is a return for VCC2.
AIN
10
I
Monaural analog signal mixer input. The signal can be mixed with the output of the L- and R-channel DACs.
BCK
3
I/O
Serial bit clock. Clocks the individual bits of the audio data input, DATA. In the slave interface mode, this clock is
input from an external device. In master interface mode, the PCM1772 device generates the BCK output to an
external device.
DATA
2
I
Serial audio data input
LRCK
1
I/O
Left and right clock. Determines which channel is being input on the audio data input, DATA. The frequency of
LRCK must be the same as the audio sampling rate. In the slave interface mode, this clock is input from an
external device. In the master interface mode, the PCM1772 device generates the LRCK output to an external
device.
MC
14
I
Mode control port serial bit clock input. Clocks the individual bits of the control data input, MD.
MD
13
I
Mode control port serial data input. Controls the operation mode on the PCM1772 device.
MS
15
I
Mode control port select. The control port is active when this terminal is low.
PD
4
I
Reset input. When low, the PCM1772 device is powered down, and all mode control registers are reset to default
settings.
SCKI
16
I
System clock input
VCC1
12
Power supply for all analog circuits except the lineout amplifier.
VCC2
11
Analog power supply for the lineout amplifier circuits. The voltage level must be the same as VCC1.
VCOM
7
Decoupling capacitor connection. An external 10-
µF capacitor connected from this terminal to analog ground is
required for noise filtering. Voltage level of this terminal is 0.5 VCC2 nominal.
VOUTL
9
O
L-channel analog signal output of the lineout amplifiers
VOUTR
8
O
R-channel analog signal output of the lineout amplifiers
5
Submit Documentation Feedback


Similar Part No. - PCM1773RGA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1773RGA BURR-BROWN-PCM1773RGA Datasheet
309Kb / 29P
   LOW VOLTAGE AND LOW POWER STEREO AUDIO DIGITAL TO ANALOG CONVERTER WITH LINEOUT AMPIIFIER
PCM1773RGAR BURR-BROWN-PCM1773RGAR Datasheet
309Kb / 29P
   LOW VOLTAGE AND LOW POWER STEREO AUDIO DIGITAL TO ANALOG CONVERTER WITH LINEOUT AMPIIFIER
More results

Similar Description - PCM1773RGA

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4342-B AKM-AKD4342-B Datasheet
1Mb / 52P
   24bit DAC with built-in 2Vrms lineout
AK7758 AKM-AK7758 Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK7756 AKM-AK7756 Datasheet
453Kb / 27P
   DSP with Mono CODEC Mic/Lineout Amp
AK7758VN AKM-AK7758VN Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK7755 AKM-AK7755 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN_16 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
logo
Burr-Brown (TI)
PCM1772 BURR-BROWN-PCM1772 Datasheet
309Kb / 29P
   LOW VOLTAGE AND LOW POWER STEREO AUDIO DIGITAL TO ANALOG CONVERTER WITH LINEOUT AMPIIFIER
logo
Analog Devices
HMC752LC4 AD-HMC752LC4 Datasheet
434Kb / 8P
   MMIC AMPLIFIER AMPLIFIER
logo
Marki Microwave
ADA-2052 MARKIMICROWAVE-ADA-2052 Datasheet
471Kb / 6P
   AMPLIFIER/DOUBLER/AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com