Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1702U-K Datasheet(PDF) 7 Page - Texas Instruments

Part # PCM1702U-K
Description  DIGITAL-TO-ANALOG CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1702U-K Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM1702U-K Datasheet HTML 3Page - Texas Instruments PCM1702U-K Datasheet HTML 4Page - Texas Instruments PCM1702U-K Datasheet HTML 5Page - Texas Instruments PCM1702U-K Datasheet HTML 6Page - Texas Instruments PCM1702U-K Datasheet HTML 7Page - Texas Instruments PCM1702U-K Datasheet HTML 8Page - Texas Instruments PCM1702U-K Datasheet HTML 9Page - Texas Instruments PCM1702U-K Datasheet HTML 10Page - Texas Instruments PCM1702U-K Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
®
PCM1702
in the serial input bit stream. Table II describes the exact
relationship of input data to voltage output coding. Any
number of bits can precede the 20 bits to be loaded, since
only the last 20 will be transferred to the parallel DAC
register after Latch Enable (Pin6 <PCM1702P>, Pin7
<PCM1702U>, LE) has gone low.
All DAC serial input data (Pin1, DATA) bit transfers are
triggered on positive clock (Pin2, CLOCK), edges. The
serial-to-parallel data transfer to the DAC occurs on the
falling edge of Latch Enable. The change in the output of the
DAC occurs at a rising edge of the 4th clock of the CLOCK
after the falling edge of Latch Enable. Refer to Figure 2 for
graphical relationships of these signals.
Maximum Clock Rate
A typical clock rate of 16.9MHz for the PCM1702 is derived
by multiplying the standard audio sample rate of 44.1kHz by
sixteen times (16X over-sampling) the standard audio word
bit length of 24 bits (44.1kHz x 16 x 24 = 16.9MHz). Note
that this clock rate accommodates a 24-bit word length, even
though only 20 bits are actually being used. The setup and
hold timing relationships are shown in Figure 3.
“Stopped Clock” Operation
The PCM1702 is normally operated with a continuous clock
input signal. If the clock is to be stopped between input data
words, the last 20 bits shifted in are not actually shifted from
the serial register to the latched parallel DAC register until
Latch Enable goes low. Latch Enable must remain low until
after the first clock cycle of the next data word to insure
proper DAC operation. In any case, the setup and hold times
for Data and LE must be observed as shown in Figure 3.
INSTALLATION
POWER SUPPLIES
Refer to CONNECTION DIAGRAM for proper connection
of the PCM1702. The PCM1702 only requires a
±5V sup-
ply. Both positive supplies should be tied together at a single
point. Similarly, both negative supplies should be connected
together. No real advantage is gained by using separate
analog and digital supplies. It is more important that both
these supplies be as “clean” as possible to reduce coupling
of supply noise to the output. Power supply decoupling
capacitors should be used at each supply pin to maximize
power supply rejection, as shown in CONNECTION DIA-
GRAM regardless of how good the supplies are. Both
commons should be connected to an analog ground plane as
close to the PCM1702 as possible.
FILTER CAPACITOR REQUIREMENTS
As shown in CONNECTION DIAGRAM, various size
decoupling capacitors can be used, with no special tolerances
being required. The size of the offset decoupling capacitor is
not critical either, with larger values (up to 100
µF) giving
slightly better SNR readings. All capacitors should be as close
to the appropriate pins of the PCM1702 as possible to reduce
noise pickup from surrounding circuitry.
> 15ns > 15ns
> 40ns
LSB
Data Input
MSB
> 20ns
> 20ns
> 15ns
> One Clock Cycle
> One Clock Cycle
Latch
Enable
Clock
Input
> 15ns
DIGITAL INPUT
ANALOG OUTPUT
CURRENT OUTPUT
1,048,576LSBs
Full Scale Range
2.40000000mA
1LSB
NA
2.28882054nA
7FFFF
HEX
+Full Scale
–1.19999771mA
00000
HEX
Bipolar Zero –1LSB
0.00000000mA
80000
HEX
–Full Scale
+1.20000000mA
TABLE II. Digital Input/Output Relationships.
FIGURE 3. Setup and Hold Timing Diagram.
FIGURE 2. Timing Diagram.
1234
13 14 15 16 17 18 19 20
1
MSB
LSB
Data
Clock
Latch
Enable
N
N-1
I
OUT
12
DATA "N"
NOTES : (1) If clock is stopped between input of 20-bit data words, "Latch" Enable (LE) must remain low until after the first clock cycle of the next 20-bit data
word stream. (2) Data format is binary two's complement (BTC). Individual data bits are clocked in on the corresponding positive clock edge. (3) Latch Enable
(LE) must remain low at least one clock cycle after going negative. (4) Latch Enable (LE) must be high for at least one clock cycle before going negative. (5)
I
OUT changes on positive going edge of the 4th clock after negative going edge of Latch Enable (LE).


Similar Part No. - PCM1702U-K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1702U-K BURR-BROWN-PCM1702U-K Datasheet
272Kb / 13P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
PCM1702U-K/2KE6 BURR-BROWN-PCM1702U-K/2KE6 Datasheet
272Kb / 13P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
PCM1702U-KE6 BURR-BROWN-PCM1702U-KE6 Datasheet
272Kb / 13P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1702U-K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com