Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1702U-K Datasheet(PDF) 2 Page - Texas Instruments

Part # PCM1702U-K
Description  DIGITAL-TO-ANALOG CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1702U-K Datasheet(HTML) 2 Page - Texas Instruments

  PCM1702U-K Datasheet HTML 1Page - Texas Instruments PCM1702U-K Datasheet HTML 2Page - Texas Instruments PCM1702U-K Datasheet HTML 3Page - Texas Instruments PCM1702U-K Datasheet HTML 4Page - Texas Instruments PCM1702U-K Datasheet HTML 5Page - Texas Instruments PCM1702U-K Datasheet HTML 6Page - Texas Instruments PCM1702U-K Datasheet HTML 7Page - Texas Instruments PCM1702U-K Datasheet HTML 8Page - Texas Instruments PCM1702U-K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
®
PCM1702
SPECIFICATIONS
All specifications at 25
°C, ±V
CC and +VDD = ±5V unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
PCM1702P/U, -J, -K
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
20
Bits
DYNAMIC RANGE, THD + N at –60dB Referred to Full Scale, with A-weight
110
dB
DIGITAL INPUT
Logic Family
TTL/CMOS Compatible
Logic Level:
V
IH
+2.4
+V
DD
V
V
IL
0
0.8
V
I
IH
V
IH = +VDD
±10
µA
I
IL
V
IL = 0V
±10
µA
Data Format
Serial, MSB First, BTC(1)
Input Clock Frequency
12.5
20.0
MHz
TOTAL HARMONIC DISTORTION + N(2)
P/U
V
O = 0dB
f
S = 352.8kHz
(3), f = 1002Hz(4)
–92
–88
dB
V
O = –20dB
f
S = 352.8kHz
(3), f = 1002Hz(4)
–82
–74
dB
V
O = –60dB
f
S = 352.8kHz
(3), f = 1002Hz(4)
–46
–40
dB
P/U, -J
V
O = 0dB
f
S = 352.8kHz
(3), f = 1002Hz(4)
–96
–92
dB
V
O = –20dB
f
S = 352.8kHz
(3), f = 1002Hz(4)
–83
–76
dB
V
O = –60dB
f
S = 352.8kHz
(3), f = 1002Hz(4)
–48
–42
dB
P/U, -K
V
O = 0dB
f
S = 352.8kHz
(3), f = 1002Hz(4)
–100
–96
dB
V
O = –20dB
f
S = 352.8kHz
(3), f = 1002Hz(4)
–84
–80
dB
V
O = –60dB
f
S = 352.8kHz
(3), f = 1002Hz(4)
–50
–44
dB
ACCURACY
Level Linearity
At –90dB Signal Level
±0.5
dB
Gain Error
±0.5
±3%
Bipolar Zero Error(5)
±0.25
%
Gain Drift
0
°C to 70°C
±25
ppm of FSR/
°C
Bipolar Zero Drift
0
°C to 70°C
±5
ppm of FSR/
°C
Warm-up Time
1
minute
IDLE CHANNEL SNR(6)
Bipolar Zero, A-weighted Filter
110
120
dB
ANALOG OUTPUT
Output Range
±1.2
mA
Output Impedance
1.0
k
Settling Time
(
±0.003% of FSR, 1.2mA Step)
200
ns
Glitch Energy
No Glitch Around Zero
POWER SUPPLY REQUIREMENTS
Supply Voltage Range: +V
CC = +VDD
+4.75
+5.00
+5.25
V
–V
CC = –VDD
–4.75
–5.00
–5.25
V
Combined Supply Current: +I
CC
+V
CC = +VDD = +5V
+5.00
+9.0
mA
Combined Supply Current: –I
CC
–V
CC = –VDD = –5V
–25.00
–41.0
mA
Power Dissipation
±V
CC = ±VDD = ±5V
150
250
mW
TEMPERATURE RANGE
Operating
–25
+85
°C
Storage
–55
+125
°C
NOTES: (1) Binary Two’s Complement coding. (2) Ratio of (Distortion
RMS + NoiseRMS) / SignalRMS. (3) D/A converter sample frequency (8 x 44.1kHz; 8x oversampling).
(4) D/A converter output frequency (signal level). (5) Offset error at bipolar zero. (6) Measured using an OPA627 and 5k
Ω feedback and an A-weighted filter.


Similar Part No. - PCM1702U-K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1702U-K BURR-BROWN-PCM1702U-K Datasheet
272Kb / 13P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
PCM1702U-K/2KE6 BURR-BROWN-PCM1702U-K/2KE6 Datasheet
272Kb / 13P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
PCM1702U-KE6 BURR-BROWN-PCM1702U-KE6 Datasheet
272Kb / 13P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1702U-K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com