Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1741 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1741
Description  DIGITAL-TO-ANALOG CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1741 Datasheet(HTML) 3 Page - Texas Instruments

  PCM1741 Datasheet HTML 1Page - Texas Instruments PCM1741 Datasheet HTML 2Page - Texas Instruments PCM1741 Datasheet HTML 3Page - Texas Instruments PCM1741 Datasheet HTML 4Page - Texas Instruments PCM1741 Datasheet HTML 5Page - Texas Instruments PCM1741 Datasheet HTML 6Page - Texas Instruments PCM1741 Datasheet HTML 7Page - Texas Instruments PCM1741 Datasheet HTML 8Page - Texas Instruments PCM1741 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
PCM1741
3
SBAS175
ANALOG FILTER PERFORMANCE
Frequency Response
f = 20kHz
–0.03
dB
f = 44kHz
–0.20
dB
POWER SUPPLY REQUIREMENTS(4)
Voltage Range, VDD
+2.7
+3.3
+3.6
VDC
VCC
+2.7
+3.0
+3.6
VDC
Supply Current, IDD
fS = 44.1kHz
6.0
10
mA
fS = 96kHz
13.0
mA
ICC
fS = 44.1kHz
7.0
11
mA
fS = 96kHz
7.0
mA
Power Dissipation
fS = 44.1kHz
43
88
mW
fS = 96kHz
66
mW
TEMPERATURE RANGE
Operation Temperature
–25
+85
°C
Thermal Resistance
θ
JA
SSOP-16
115
°C/W
NOTES: (1) Pins 1, 2, 3, 16 (SCK, BCK, LRCK, DATA). (2) Pins 13-15 (MD, MC, ML). (3) Pins 11, 12 (ZEROR, ZEROL). (4) Analog performance specifications
are tested with a Shibasoku #725 THD Meter with 400Hz HPF on, 30kHz LPF on, and an average mode with 20kHz bandwidth limiting. The load connected
to the analog output is 5k
Ω or larger, via capacitive coupling.
SPECIFICATIONS (Cont.)
All specifications at TA = +25°C, VCC = 5.0V, VDD = 3.3V, system clock = 384fS (fS = 44.1kHz), and 24-bit data, unless otherwise noted.
PCM1741E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
Power Supply Voltage, VDD .............................................................. +4.0V
VCC .............................................................. +6.5V
Ground Voltage Differences ..............................................................
±0.1V
Digital Input Voltage ................................................ –0.3V to (6.5V + 0.3V)
Input Current (except power supply) ...............................................
±10mA
Ambient Temperature Under Bias .................................. –40
°C to +125°C
Storage Temperature ...................................................... –55
°C to +150°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 5s) ................................................. +260
°C
Package Temperature (IR reflow, 10s) .......................................... +235
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
PCM1741E
SSOP-16
322
–25
°C to +85°C
PCM1741E
PCM1741E
Rails
""
"
"
"
PCM1741E/2K
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K indicates 2000 devices per reel). Ordering 2000 pieces
of “PCM1741E/2K” will yield a single 2000-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION


Similar Part No. - PCM1741

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1741 BURR-BROWN-PCM1741 Datasheet
325Kb / 20P
   3.3V Single-Supply, 24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1741/E2K BURR-BROWN-PCM1741/E2K Datasheet
325Kb / 20P
   3.3V Single-Supply, 24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1741E BURR-BROWN-PCM1741E Datasheet
325Kb / 20P
   3.3V Single-Supply, 24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com