Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS14185 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS14185
Description  EIA/TIA-232 3 Driver x 5 Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS14185 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS14185 Datasheet HTML 1Page - National Semiconductor (TI) DS14185 Datasheet HTML 2Page - National Semiconductor (TI) DS14185 Datasheet HTML 3Page - National Semiconductor (TI) DS14185 Datasheet HTML 4Page - National Semiconductor (TI) DS14185 Datasheet HTML 5Page - National Semiconductor (TI) DS14185 Datasheet HTML 6Page - National Semiconductor (TI) DS14185 Datasheet HTML 7Page - National Semiconductor (TI) DS14185 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DS14185
EIA/TIA-232
3 Driver x 5 Receiver
General Description
The DS14185 is a three driver, five receiver device which
conforms to the EIA/TIA-232-E standard.
The flow-through pinout facilitates simple non-crossover
board layout. The DS14185 provides a one-chip solution for
the common 9-pin serial RS-232 interface between data ter-
minal and data communications equipment.
Features
n Replaces one 1488 and two 1489s
n Conforms to EIA/TIA-232-E
n 3 drivers and 5 receivers
n Flow through pinout
n Failsafe receiver outputs
n 20-pin SOIC package
n LapLink® compatible −200 kbps data rate
Connection Diagram
Functional Diagram
LapLink® is a registered trademark of Travelling Software.
SOIC
DS011938-1
Order Number DS14185WM
See NS Package M20B
DS011938-2
April 1999
© 1999 National Semiconductor Corporation
DS011938
www.national.com


Similar Part No. - DS14185

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS14185WM TI1-DS14185WM Datasheet
900Kb / 15P
[Old version datasheet]   DS14185 EIA/TIA-232 3 Driver x 5 Receiver
DS14185WM/NOPB TI1-DS14185WM/NOPB Datasheet
900Kb / 15P
[Old version datasheet]   DS14185 EIA/TIA-232 3 Driver x 5 Receiver
DS14185WMX TI1-DS14185WMX Datasheet
900Kb / 15P
[Old version datasheet]   DS14185 EIA/TIA-232 3 Driver x 5 Receiver
DS14185WMX/NOPB TI1-DS14185WMX/NOPB Datasheet
900Kb / 15P
[Old version datasheet]   DS14185 EIA/TIA-232 3 Driver x 5 Receiver
More results

Similar Description - DS14185

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14196 NSC-DS14196 Datasheet
131Kb / 7P
   EIA/TIA-232 5 Driver x 3 Receiver
logo
Texas Instruments
DS14185WMX TI1-DS14185WMX Datasheet
900Kb / 15P
[Old version datasheet]   DS14185 EIA/TIA-232 3 Driver x 5 Receiver
logo
National Semiconductor ...
DS14C535 NSC-DS14C535 Datasheet
122Kb / 8P
   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
logo
Texas Instruments
DS14C335 TI1-DS14C335_15 Datasheet
897Kb / 16P
[Old version datasheet]   3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
National Semiconductor ...
DSV14196 NSC-DSV14196 Datasheet
153Kb / 9P
   3.3V Supply EIA/TIA-232 5 Driver x 3 Receiver
DS14C335 NSC-DS14C335 Datasheet
179Kb / 9P
   3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
Texas Instruments
DS14C535 TI1-DS14C535_15 Datasheet
794Kb / 14P
[Old version datasheet]   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
logo
National Semiconductor ...
DS14C239 NSC-DS14C239 Datasheet
120Kb / 8P
   Dual Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
Texas Instruments
DS14C335MSAX TI-DS14C335MSAX Datasheet
877Kb / 16P
[Old version datasheet]   DS14C335 3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
National Semiconductor ...
DS14C241 NSC-DS14C241 Datasheet
158Kb / 8P
   Single Supply TIA/EIA-232 4 x 5 Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com