Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1702P-K Datasheet(PDF) 9 Page - Texas Instruments

Part # PCM1702P-K
Description  DIGITAL-TO-ANALOG CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1702P-K Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM1702P-K Datasheet HTML 3Page - Texas Instruments PCM1702P-K Datasheet HTML 4Page - Texas Instruments PCM1702P-K Datasheet HTML 5Page - Texas Instruments PCM1702P-K Datasheet HTML 6Page - Texas Instruments PCM1702P-K Datasheet HTML 7Page - Texas Instruments PCM1702P-K Datasheet HTML 8Page - Texas Instruments PCM1702P-K Datasheet HTML 9Page - Texas Instruments PCM1702P-K Datasheet HTML 10Page - Texas Instruments PCM1702P-K Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
9-Mar-2016
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
PCM1702P
OBSOLETE
PDIP
N
16
TBD
Call TI
Call TI
PCM1702P
PCM1702P-J
OBSOLETE
PDIP
N
16
TBD
Call TI
Call TI
PCM1702P
J
PCM1702P-JG4
OBSOLETE
PDIP
N
16
TBD
Call TI
Call TI
PCM1702P-K
OBSOLETE
PDIP
N
16
TBD
Call TI
Call TI
PCM1702P
K
PCM1702P-KG4
OBSOLETE
PDIP
N
16
TBD
Call TI
Call TI
PCM1702PG4
OBSOLETE
PDIP
N
16
TBD
Call TI
Call TI
PCM1702U
OBSOLETE
SO
NS
20
TBD
Call TI
Call TI
PCM1702
PCM1702U-2/2K
OBSOLETE
SO
NS
20
TBD
Call TI
Call TI
PCM1702U-2/2KE6
OBSOLETE
SO
NS
20
TBD
Call TI
Call TI
PCM1702U-J
OBSOLETE
SO
NS
20
TBD
Call TI
Call TI
PCM1702
J
PCM1702U-JE6
OBSOLETE
SO
NS
20
TBD
Call TI
Call TI
PCM1702U-K
OBSOLETE
SO
NS
20
TBD
Call TI
Call TI
PCM1702
K
PCM1702U-KE6
OBSOLETE
SO
NS
20
TBD
Call TI
Call TI
PCM1702U/2K
OBSOLETE
SO
NS
20
TBD
Call TI
Call TI
PCM1702
PCM1702U/2KE6
OBSOLETE
SO
NS
20
TBD
Call TI
Call TI
PCM1702UE6
OBSOLETE
SO
NS
20
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.


Similar Part No. - PCM1702P-K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1702P-K BURR-BROWN-PCM1702P-K Datasheet
272Kb / 13P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1702P-K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com