Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1608KYG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM1608KYG4
Description  Delta-Sigma Digital-to-Analog Converter
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1608KYG4 Datasheet(HTML) 3 Page - Texas Instruments

  PCM1608KYG4 Datasheet HTML 1Page - Texas Instruments PCM1608KYG4 Datasheet HTML 2Page - Texas Instruments PCM1608KYG4 Datasheet HTML 3Page - Texas Instruments PCM1608KYG4 Datasheet HTML 4Page - Texas Instruments PCM1608KYG4 Datasheet HTML 5Page - Texas Instruments PCM1608KYG4 Datasheet HTML 6Page - Texas Instruments PCM1608KYG4 Datasheet HTML 7Page - Texas Instruments PCM1608KYG4 Datasheet HTML 8Page - Texas Instruments PCM1608KYG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PCM1608
SBAS164B – DECEMBER 2000 – REVISED JULY 2005
All specifications at T
A = 25°C, VCC = 5 V, VDD = 3.3 V, system clock = 384 fS (fS = 44.1 kHz), and 24-bit data, unless
otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
24
Bits
DATA FORMAT
Audio data interface formats
Standard, I2S, left-justified
Audio data bit length
16-, 18-, 20-, 24-bit, selectable
Audio data format
MSB-first, binary 2s complement
VOUT1, VOUT2, VOUT7, VOUT8
5
200
fS
Sampling frequency
kHz
VOUT3, VOUT4, VOUT5, VOUT6
5
100
128 fS, 192 fS, 256 fS,
System clock frequency
384 fS, 512 fS, 768 fS
DIGITAL INPUT/OUTPUT
Logic family
TTL-compatible
VIH
2
Input logic level
Vdc
VIL
0.8
IIH(1)
VIN = VDD
10
IIL(1)
VIN = 0 V
–10
Input logic current
µA
IIH(2)
VIN = VDD
65
100
IIL(2)
VIN = 0 V
–10
VOH
IOH = –4 mA
2.4
Output logic level
Vdc
VOL
IOL = 4 mA
1
DYNAMIC PERFORMANCE (3)(4)
PCM1608Y
VOUT = 0 dB, fS = 44.1 kHz
0.003%
0.01%
VOUT = 0 dB, fS = 96 kHz
0.005%
VOUT = 0 dB, fS = 192 kHz
0.006%
THD+N
Total harmonic distortion + noise
VOUT = –60 dB, fS = 44.1 kHz
1.25%
VOUT = –60 dB, fS = 96 kHz
1.4%
VOUT = –60 dB, fS = 192 kHz
1.65%
EIAJ, A-weighted, fS = 44.1 kHz
94
100
Dynamic range
A-weighted, fS = 96 kHz
99
dB
A-weighted, fS = 192 kHz
98
EIAJ, A-weighted, fS = 44.1 kHz
94
100
SNR
Signal-to-noise ratio
A-weighted, fS = 96 kHz
99
dB
A-weighted, fS = 192 kHz
98
fS = 44.1 kHz
91
98
Channel separation
fS = 96 kHz
97
dB
fS = 192 kHz
96
Level linearity error
VOUT = –90 dB
±0.5
dB
(1)
Pins 31, 38, 40, 41, 45–47 (DATA4, SCKI, BCK, LRCK, DATA1, DATA2, DATA3)
(2)
Pins 34–37 (MDI, MC, ML, RST)
(3)
Analog performance specifications are tested using a System Two™ Cascade audio measurement system by Audio Precision™ with
400-Hz HPF on, 30-kHz LPF on, average mode with 20-kHz bandwidth limiting. The load connected to the analog output is 5 k
Ω or
larger, via capacitive loading.
(4)
Conditions in 192-kHz operation are: system clock = 128 fS, DAC3 through DAC6 disabled in register 8, and oversampling rate = 64 fS
in register 12.
3


Similar Part No. - PCM1608KYG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1608KY TI-PCM1608KY Datasheet
455Kb / 29P
[Old version datasheet]   24-Bit, 192kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PCM1608KY/2K TI-PCM1608KY/2K Datasheet
455Kb / 29P
[Old version datasheet]   24-Bit, 192kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1608KYG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD58C TI-TLC320AD58C Datasheet
178Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57 TI1-TLC320AD57 Datasheet
135Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57C TI-TLC320AD57C Datasheet
133Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD58 TI1-TLC320AD58 Datasheet
192Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A_10 Datasheet
121Kb / 14P
   Six-channel, Delta-sigma Analog-to-digital Converter
logo
Texas Instruments
ADC12EU050 TI1-ADC12EU050 Datasheet
989Kb / 44P
[Old version datasheet]   45 MSPS Sigma-Delta Analog-to-Digital Converter
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A Datasheet
188Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
CS5451A CIRRUS-CS5451A_05 Datasheet
160Kb / 13P
   Six-channel, Delta-sigma Analog-to-digital Converter
logo
Motorola, Inc
MC145074 MOTOROLA-MC145074 Datasheet
183Kb / 14P
   Stero Audio Sigma-Delta Digital-to-Analog Converter
logo
List of Unclassifed Man...
CS5451 ETC-CS5451 Datasheet
365Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com