Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCI7510GHK Datasheet(PDF) 2 Page - Texas Instruments

Part # PCI7510GHK
Description  PC Card, Smart Card
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCI7510GHK Datasheet(HTML) 2 Page - Texas Instruments

  PCI7510GHK Datasheet HTML 1Page - Texas Instruments PCI7510GHK Datasheet HTML 2Page - Texas Instruments PCI7510GHK Datasheet HTML 3Page - Texas Instruments PCI7510GHK Datasheet HTML 4Page - Texas Instruments PCI7510GHK Datasheet HTML 5Page - Texas Instruments PCI7510GHK Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.ti.com
DESCRIPTION
PCI7510
SLLA249 – JULY 2006
Register bits give software control of
PCI power-management D0, D1, D2, and D3
contender bit, power class bits, link active
power states
control bit, and IEEE Std 1394a-2000 features
Initial bandwidth available and initial
Isochronous receive dual-buffer mode
channels available registers
Out-of-order pipelining for asynchronous
PME support per 1394 Open Host Controller
transmit requests
Interface Specification
Register access fail interrupt when the PHY
Advanced submicron, low-power CMOS
SCLK is not active
technology
The Texas Instruments PCI7510 device is an integrated single-socket PC Card controller with an IEEE 1394
open host controller link-layer controller (LLC) and two-port 1394 PHY. The PCI7510 device also includes a
dedicated interface that can be used as a Smart Card socket. This high performance integrated solution
provides the latest in PC Card, IEEE 1394, and Smart Card technology.
The PCI7510 CardBus controller is a four-function, 33-MHz PCI device compliant with the PCI Local Bus
Specification. Function 0 provides a PC Card socket controller compliant with the latest PC Card Standards.
Function 1 provides a dedicated socket for Smart Card. Function 2 of the PCI7510 device is an integrated IEEE
1394 OHCI host controller and two-port PHY. Function 3 is the interface to load the PCI7510 program RAM with
firmware. The PCI7510 device provides features that make it the best choice for bridging between the PCI bus
and PC Cards, and supports any combination of 16-bit and CardBus cards powered at 5 V or 3.3 V as required.
There is no PCMCIA card and socket service software changes required to move systems from the existing
CardBus socket controller to the PCI7510 device. The PCI7510 device is register compatible with the Intel
82365SL–DF ExCA controller and implements the host interface defined in the PC Card Standard. The PCI7510
internal data path logic allows the host to access 8-, 16-, and 32-bit cards using full 32-bit PCI cycles for
maximum performance. Independent buffering and the pipeline architecture provide an unsurpassed
performance level with sustained bursting. The PCI7510 device can be programmed to accept posted writes to
improve bus utilization. All card signals are internally buffered to allow hot insertion and removal without external
buffering.
Function 1 of the PCI7510 device provides a dedicated interface for a Smart Card socket. The PCI7510 device
supports asynchronous Smart Cards with contacts.
Function 2 of the PCI7510 device is an integrated 1394a-2000 OHCI PHY/link-layer controller (LLC) device that
is fully compliant with the PCI Local Bus Specification, the PCI Bus Power Management Interface Specification,
IEEE Std 1394-1995, IEEE Std 1394a-2000, and the 1394 Open Host Controller Interface Specification. It is
capable of transferring data between the 33-MHz PCI bus and the 1394 bus at 100M bits/s, 200M bits/s, and
400M bits/s. The PCI7510 device provides two 1394 ports that have separate cable bias (TPBIAS). The
PCI7510 device also supports the IEEE Std 1394a-2000 power-down features for battery-operated applications
and arbitration enhancements.
As required by the 1394 Open Host Controller Interface Specification (OHCI) and IEEE Std 1394a-2000, internal
control registers are memory-mapped and non-prefetchable. The PCI configuration header is accessed through
configuration cycles specified by PCI, and it provides plug-and-play (PnP) compatibility. Furthermore, the
PCI7510 device is compliant with the PCI Bus Power Management Interface Specification as specified by the
PC 2001 Design Guide requirements. The PCI7510 device supports the D0, D1, D2, and D3 power states.
Function 3 of the PCI7510 device is the interface to load the PCI7510 program RAM with firmware. This function
provides an I/O window that a software driver uses to load the PCI7510 firmware into the internal RAM.
The PCI7510 design provides PCI bus master bursting, and it is capable of transferring a cacheline of data at
132M bytes/s after connection to the memory controller. Because PCI latency can be large, deep FIFOs are
provided to buffer the 1394 data.
The PCI7510 device provides physical write posting buffers and a highly-tuned physical data path for SBP-2
performance. The PCI7510 device also provides multiple isochronous contexts, multiple cacheline burst
transfers, advanced internal arbitration, and bus-holding buffers.
2
Submit Documentation Feedback


Similar Part No. - PCI7510GHK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI7510 TI-PCI7510 Datasheet
1Mb / 234P
[Old version datasheet]   PC Card, Smart Card and Integrated
More results

Similar Description - PCI7510GHK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI7510 TI-PCI7510 Datasheet
1Mb / 234P
[Old version datasheet]   PC Card, Smart Card and Integrated
logo
ITT Industries
CCM02-MKI ITT-CCM02-MKI Datasheet
68Kb / 1P
   Smart Card
CCM04-MKII ITT-CCM04-MKII Datasheet
62Kb / 1P
   Smart Card
CCM-J ITT-CCM-J Datasheet
63Kb / 1P
   Smart Card
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
   SMART CARD INTERFACE
logo
Adam Technologies, Inc.
SCS-4-08-NC-SG-X ADAM-TECH-SCS-4-08-NC-SG-X Datasheet
93Kb / 1P
   SMART CARD SOCKET
SCS-6-08-NC-SG ADAM-TECH-SCS-6-08-NC-SG Datasheet
105Kb / 1P
   SMART CARD SOCKET
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
   Smart Card Interface
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
   Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
   Smart Card Interface
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com