Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9544AZQNR Datasheet(PDF) 7 Page - Texas Instruments

Part # PCA9544AZQNR
Description  SMBus Multiplexer With Interrupt Logic
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9544AZQNR Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCA9544AZQNR Datasheet HTML 3Page - Texas Instruments PCA9544AZQNR Datasheet HTML 4Page - Texas Instruments PCA9544AZQNR Datasheet HTML 5Page - Texas Instruments PCA9544AZQNR Datasheet HTML 6Page - Texas Instruments PCA9544AZQNR Datasheet HTML 7Page - Texas Instruments PCA9544AZQNR Datasheet HTML 8Page - Texas Instruments PCA9544AZQNR Datasheet HTML 9Page - Texas Instruments PCA9544AZQNR Datasheet HTML 10Page - Texas Instruments PCA9544AZQNR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
RL = 1 kΩ
VCC
CL = 50 pF
(See Note A)
tbuf
ticr
tsth
tsds
tsdh
ticf
ticr
tscl
tsch
tsts
tvd(ACK)
or tvdL
tvdH
0.3
× VCC
Stop
Condition
tsps
Repeat
Start
Condition
Start or Repeat
Start Condition
SCL
SDA
Start
Condition
(S)
Address
Bit 7
(MSB)
Data
Bit 0
(LSB)
Stop
Condition
(P)
Two Bytes for Complete
Device Programming
I2C-PORT LOAD CONFIGURATION
VOLTAGE WAVEFORMS
ticf
Stop
Condition
(P)
tsp
DUT
SDn, SCn
0.7
× VCC
0.3
× VCC
0.7
× VCC
R/W
Bit 0
(LSB)
ACK
(A)
Data
Bit 7
(MSB)
Address
Bit 1
Address
Bit 6
ACK
(A)
BYTE
DESCRIPTION
I2C address + R/W
Control register data
1
2
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr/tf ≤ 30 ns.
C. The outputs are measured one at a time, with one transition per measurement.
PCA9544A
www.ti.com
SCPS146E – OCTOBER 2005 – REVISED JUNE 2014
8 Parameter Measurement Information
Figure 1. I2C Interface Load Circuit, Byte Descriptions, and Voltage Waveforms
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: PCA9544A


Similar Part No. - PCA9544AZQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9544AZQNR TI-PCA9544AZQNR Datasheet
578Kb / 23P
[Old version datasheet]   4-CHANNEL IC AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
PCA9544AZQNR TI-PCA9544AZQNR Datasheet
823Kb / 27P
[Old version datasheet]   4-CHANNEL I2C AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
More results

Similar Description - PCA9544AZQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9544A TI-PCA9544A Datasheet
578Kb / 23P
[Old version datasheet]   4-CHANNEL IC AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
PCA9544A TI-PCA9544A_07 Datasheet
823Kb / 27P
[Old version datasheet]   4-CHANNEL I2C AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
TCA9544A TI1-TCA9544A Datasheet
892Kb / 29P
[Old version datasheet]   Low Voltage 4-Channel I2C and SMBus Multiplexer With Interrupt Logic
logo
NXP Semiconductors
PCA9544A PHILIPS-PCA9544A Datasheet
149Kb / 18P
   4-channel IC multiplexer with interrupt logic
2004 Sep 29
PCA9544A NXP-PCA9544A_09 Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
PCA9544A NXP-PCA9544A Datasheet
143Kb / 27P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 03-24 November 2008
PCA9544ABS-T NXP-PCA9544ABS-T Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
logo
NXP Semiconductors
PCA9542A NXP-PCA9542A Datasheet
130Kb / 22P
   2-channel I2C-bus multiplexer and interrupt logic
Rev. 04-15 June 2009
logo
Texas Instruments
PCA9545A TI-PCA9545A Datasheet
834Kb / 28P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com