Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9544ADW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9544ADW
Description  SMBus Multiplexer With Interrupt Logic
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9544ADW Datasheet(HTML) 5 Page - Texas Instruments

  PCA9544ADW Datasheet HTML 1Page - Texas Instruments PCA9544ADW Datasheet HTML 2Page - Texas Instruments PCA9544ADW Datasheet HTML 3Page - Texas Instruments PCA9544ADW Datasheet HTML 4Page - Texas Instruments PCA9544ADW Datasheet HTML 5Page - Texas Instruments PCA9544ADW Datasheet HTML 6Page - Texas Instruments PCA9544ADW Datasheet HTML 7Page - Texas Instruments PCA9544ADW Datasheet HTML 8Page - Texas Instruments PCA9544ADW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
PCA9544A
www.ti.com
SCPS146E – OCTOBER 2005 – REVISED JUNE 2014
7.4 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
VPOR
Power-on reset voltage(2)
No load,
VI = VCC or GND
VPOR
1.7
2.1
V
5 V
3.6
4.5 V to 5.5 V
2.6
4.5
3.3 V
1.9
Vpass
Switch output voltage
VSWin = VCC,
ISWout = –100 μA
V
3 V to 3.6 V
1.6
2.8
2.5 V
1.5
2.3 V to 2.7 V
1.1
2
IOH
INT
VO = VCC
2.3 V to 5.5 V
10
μA
VOL = 0.4 V
3
7
SCL, SDA
IOL
VOL = 0.6 V
2.3 V to 5.5 V
6
10
mA
INT
VOL = 0.4 V
3
7
SCL, SDA
±1
SC3–SC0, SD3–SD0
±1
II
VI = VCC or GND
2.3 V to 5.5 V
μA
A2–A0
±1
INT3–INT0
±1
5.5 V
3
12
Operating mode
fSCL = 100 kHz
VI = VCC or GND,
IO = 0
3.6 V
3
11
2.7 V
3
10
5.5 V
0.3
1
ICC
Low inputs
VI = GND,
IO = 0
3.6 V
0.1
1
μA
2.7 V
0.1
1
Standby mode
5.5 V
0.3
1
High inputs
VI = VCC,
IO = 0
3.6 V
0.1
1
2.7 V
0.1
1
One INT3–INT0 input at 0.6 V,
8
15
Other inputs at VCC or GND
INT3–INT0
One INT3–INT0 input at VCC – 0.6 V,
8
15
Other inputs at VCC or GND
Supply-current
ΔICC
2.3 V to 5.5 V
μA
change
SCL or SDA input at 0.6 V,
8
15
Other inputs at VCC or GND
SCL, SDA
SCL or SDA inputs at VCC – 0.6 V,
8
15
Other inputs at VCC or GND
A2–A0
4.5
6
Ci
VI = VCC or GND
2.3 V to 5.5 V
pF
INT3–INT0
4.5
6
SCL, SDA
15
19
Cio(OFF)
VI = VCC or GND,
Switch OFF
2.3 V to 5.5 V
pF
(3)
SC3–SC0, SD3–SD0
6
8
4.5 V to 5.5 V
4
9
16
VO = 0.4 V,
IO = 15 mA
RON
Switch-on resistance
3 V to 3.6 V
5
11
20
VO = 0.4 V,
IO = 10 mA
2.3 V to 2.7 V
7
16
45
(1)
All typical values are at nominal supply voltage (2.5-V, 3.3-V, or 5-V VCC), TA = 25°C.
(2)
The power-on reset circuit resets the I2C bus logic with VCC < VPOR. VCC must be lowered to 0.2 V to reset the device.
(3)
Cio(ON) depends on internal capacitance and external capacitance added to the SCn lines when channels(s) are ON.
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: PCA9544A


Similar Part No. - PCA9544ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9544ADW TI-PCA9544ADW Datasheet
578Kb / 23P
[Old version datasheet]   4-CHANNEL IC AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
PCA9544ADW TI-PCA9544ADW Datasheet
823Kb / 27P
[Old version datasheet]   4-CHANNEL I2C AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
PCA9544ADWR TI-PCA9544ADWR Datasheet
578Kb / 23P
[Old version datasheet]   4-CHANNEL IC AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
PCA9544ADWR TI-PCA9544ADWR Datasheet
823Kb / 27P
[Old version datasheet]   4-CHANNEL I2C AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
PCA9544ADWT TI-PCA9544ADWT Datasheet
578Kb / 23P
[Old version datasheet]   4-CHANNEL IC AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
More results

Similar Description - PCA9544ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9544A TI-PCA9544A Datasheet
578Kb / 23P
[Old version datasheet]   4-CHANNEL IC AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
PCA9544A TI-PCA9544A_07 Datasheet
823Kb / 27P
[Old version datasheet]   4-CHANNEL I2C AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
TCA9544A TI1-TCA9544A Datasheet
892Kb / 29P
[Old version datasheet]   Low Voltage 4-Channel I2C and SMBus Multiplexer With Interrupt Logic
logo
NXP Semiconductors
PCA9544A PHILIPS-PCA9544A Datasheet
149Kb / 18P
   4-channel IC multiplexer with interrupt logic
2004 Sep 29
PCA9544A NXP-PCA9544A_09 Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
PCA9544A NXP-PCA9544A Datasheet
143Kb / 27P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 03-24 November 2008
PCA9544ABS-T NXP-PCA9544ABS-T Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
logo
NXP Semiconductors
PCA9542A NXP-PCA9542A Datasheet
130Kb / 22P
   2-channel I2C-bus multiplexer and interrupt logic
Rev. 04-15 June 2009
logo
Texas Instruments
PCA9545A TI-PCA9545A Datasheet
834Kb / 28P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com