Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ-LC8.5A Datasheet(PDF) 4 Page - SUNMATE electronic Co., LTD

Part # SMBJ-LC8.5A
Description  SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMBJ-LC8.5A Datasheet(HTML) 4 Page - SUNMATE electronic Co., LTD

  SMBJ-LC8.5A Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMBJ-LC8.5A Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMBJ-LC8.5A Datasheet HTML 3Page - SUNMATE electronic Co., LTD SMBJ-LC8.5A Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RATING AND CHARACTERISTIC CURVES ( SMBJ-LC5.0 - SMBJ-LC188A )
FIG.1 - PULSE DERATING CURVE
FIG.2 - PEAK PULSE POWER RATING CURVE
FIG.3 - PULSE WAVEFORM
0
1.0
2.0
3.0
4.0
100
10
0.1
1.0
td, PULSE WIDTH, SEC.
0.1
μs
1.0
μs10μs
100
μs
10ms
1.0ms
50
100
0
tr
≤ 10μs
Peak Value
IPPM
Half Value - IPPM
2
Ta=25
°C
Pulse Width (td) is defined
as that point where the peak
current decays to 50%
of IPPM
td
t, TIME(ms)
10/1000ms. Waveform
as defined by R.E.A.
Ta, TEMPERATURE (
°C)
80
60
40
20
0
100
050
100
150
175
125
25
75
4 of 4
www.sunmate.tw


Similar Part No. - SMBJ-LC8.5A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ-LC8.5A EIC-SMBJ-LC8.5A Datasheet
125Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SMBJ-LC8.5A SUNMATE-SMBJ-LC8.5A Datasheet
295Kb / 4P
   Transient Voltage Suppressor
More results

Similar Description - SMBJ-LC8.5A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SLCD6.5A SUNMATE-SLCD6.5A Datasheet
607Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SMCJLCE6.5A SUNMATE-SMCJLCE6.5A Datasheet
758Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMBJ-LC5.0 EIC-SMBJ-LC5.0 Datasheet
125Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
83Kb / 2P
   SURFACE MOUNT ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
MSMCGLCE6.5A MICROSEMI-MSMCGLCE6.5A Datasheet
1Mb / 7P
   1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
Rev. C
SMCGLCE6.5 MICROSEMI-SMCGLCE6.5 Datasheet
241Kb / 4P
   1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SLCB6.5A SUNMATE-SLCB6.5A Datasheet
548Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLAGE SUPPRESSOR
logo
Central Semiconductor C...
CTLTVS5V0BULC CENTRAL-CTLTVS5V0BULC Datasheet
808Kb / 6P
   SURFACE MOUNT SILICON BI-DIRECTIONAL LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
R4 19-June 2019
logo
Shenzhen Taychipst Elec...
SAC50 TAYCHIPST-SAC50 Datasheet
14Mb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com