Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9534DWG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9534DWG4
Description  Interrupt Output and Configuration Registers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9534DWG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCA9534DWG4 Datasheet HTML 4Page - Texas Instruments PCA9534DWG4 Datasheet HTML 5Page - Texas Instruments PCA9534DWG4 Datasheet HTML 6Page - Texas Instruments PCA9534DWG4 Datasheet HTML 7Page - Texas Instruments PCA9534DWG4 Datasheet HTML 8Page - Texas Instruments PCA9534DWG4 Datasheet HTML 9Page - Texas Instruments PCA9534DWG4 Datasheet HTML 10Page - Texas Instruments PCA9534DWG4 Datasheet HTML 11Page - Texas Instruments PCA9534DWG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
PCA9534
SCPS124G – SEPTEMBER 2006 – REVISED JUNE 2014
www.ti.com
7.5 I
2C Interface Timing Requirements
over operating free-air temperature range (unless otherwise noted) (see Figure 14)
STANDARD MODE
FAST MODE
I2C BUS
I2C BUS
UNIT
MIN
MAX
MIN
MAX
fscl
I2C clock frequency
0
100
0
400
kHz
tsch
I2C clock high time
4
0.6
μs
tscl
I2C clock low time
4.7
1.3
μs
tsp
I2C spike time
50
50
ns
tsds
I2C serial-data setup time
250
100
ns
tsdh
I2C serial-data hold time
0
0
ns
ticr
I2C input rise time
1000 20 + 0.1Cb
(1)
300
ns
ticf
I2C input fall time
300 20 + 0.1Cb
(1)
300
ns
tocf
I2C output fall time
10-pF to 400-pF bus
300 20 + 0.1Cb
(1)
300
ns
tbuf
I2C bus free time between stop and start
4.7
1.3
μs
tsts
I2C Start or repeated Start condition setup
4.7
0.6
μs
tsth
I2C Start or repeated Start condition hold
4
0.6
μs
tsps
I2C Stop condition setup
4
0.6
μs
tvd(data) Valid data time
SCL low to SDA output valid
300
50
ns
ACK signal from SCL low to
tvd(ack)
Valid data time of ACK condition
0.3
3.45
0.1
0.9
μs
SDA (out) low
Cb
I2C bus capacitive load
400
400
ns
(1)
Cb = total capacitive of one bus in pF
7.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted) (see Figure 15 and Figure 16)
STANDARD MODE
FAST MODE
FROM
TO
I2C BUS
I2C BUS
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
tiv
Interrupt valid time
P port
INT
4
4
μs
tir
Interrupt reset delay time
SCL
INT
4
4
μs
tpv
Output data valid
SCL
P7–P0
200
200
ns
tps
Input data setup time
P port
SCL
100
100
ns
tph
Input data hold time
P port
SCL
1
1
μs
8
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: PCA9534


Similar Part No. - PCA9534DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9534DW TI-PCA9534DW Datasheet
657Kb / 32P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534DWR TI-PCA9534DWR Datasheet
657Kb / 32P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534DWR TI1-PCA9534DWR Datasheet
2Mb / 35P
[Old version datasheet]   Multi-Cal-System Evaluation Module
More results

Similar Description - PCA9534DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_08 Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9554 TI1-TCA9554 Datasheet
663Kb / 31P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com