Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C7V5LT1 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BZX84C7V5LT1
Description  225 mW SOT-23 Zener Voltage Regulator Diodes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BZX84C7V5LT1 Datasheet(HTML) 2 Page - Motorola, Inc

  BZX84C7V5LT1 Datasheet HTML 1Page - Motorola, Inc BZX84C7V5LT1 Datasheet HTML 2Page - Motorola, Inc BZX84C7V5LT1 Datasheet HTML 3Page - Motorola, Inc BZX84C7V5LT1 Datasheet HTML 4Page - Motorola, Inc BZX84C7V5LT1 Datasheet HTML 5Page - Motorola, Inc BZX84C7V5LT1 Datasheet HTML 6Page - Motorola, Inc BZX84C7V5LT1 Datasheet HTML 7Page - Motorola, Inc BZX84C7V5LT1 Datasheet HTML 8Page - Motorola, Inc BZX84C7V5LT1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
GENERAL DATA — 225 mW SOT-23
Motorola TVS/Zener Device Data
7-140
225 mW SOT-23 Data Sheet
TYPICAL CHARACTERISTICS
VZ, NOMINAL ZENER VOLTAGE (V)
–3
–2
–1
0
1
2
3
4
5
6
7
8
12
11
10
9
8
7
6
5
4
3
2
Figure 1. Temperature Coefficients
(Temperature Range – 55
°C to +150°C)
TYPICAL TC VALUES
FOR MMBZ5221BLT1 SERIES
VZ @ IZT
100
10
1
10
100
VZ, NOMINAL ZENER VOLTAGE (V)
Figure 2. Temperature Coefficients
(Temperature Range – 55
°C to +150°C)
TYPICAL TC VALUES
FOR MMBZ5221BLT1 SERIES
VZ @ IZT
100
VZ, NOMINAL ZENER VOLTAGE
Figure 3. Effect of Zener Voltage on
Zener Impedance
10
1
1000
100
10
1
TJ = 25°C
IZ(AC) = 0.1 IZ(DC)
f = 1 kHz
IZ = 1 mA
5 mA
20 mA
VF, FORWARD VOLTAGE (V)
Figure 4. Typical Forward Voltage
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
1000
100
10
1
75 V (MMBZ5267BLT1)
91 V (MMBZ5270BLT1)
150
°C
75
°C 25°C
0
°C


Similar Part No. - BZX84C7V5LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BZX84C7V5LT1 LRC-BZX84C7V5LT1 Datasheet
171Kb / 5P
   SEMICONDUCTOR(TECHNICAL DATA)
logo
ON Semiconductor
BZX84C7V5LT1 ONSEMI-BZX84C7V5LT1 Datasheet
80Kb / 8P
   Zener Voltage Regulators
December, 2004 ??Rev. 8
logo
E-Tech Electronics LTD
BZX84C7V5LT1 ETL-BZX84C7V5LT1 Datasheet
174Kb / 5P
   SEMICONDUCTOR
logo
ON Semiconductor
BZX84C7V5LT1 ONSEMI-BZX84C7V5LT1 Datasheet
79Kb / 7P
   Zener Voltage Regulators
October, 2005 ??Rev. 11
logo
PACELEADER INDUSTRIAL
BZX84C7V5LT1 PACELEADER-BZX84C7V5LT1 Datasheet
180Kb / 2P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - BZX84C7V5LT1

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
MMBZ5221B YEASHIN-MMBZ5221B Datasheet
814Kb / 5P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
ON Semiconductor
BZX84C2V4ET1 ONSEMI-BZX84C2V4ET1_05 Datasheet
75Kb / 6P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
August, 2005 ??Rev. 5
BZX84C2V4LT1 ONSEMI-BZX84C2V4LT1_05 Datasheet
79Kb / 7P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
October, 2005 ??Rev. 11
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1_05 Datasheet
72Kb / 6P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
July, 2005 ??Rev. 9
logo
SeCoS Halbleitertechnol...
BZD84C SECOS-BZD84C Datasheet
168Kb / 3P
   300 mW SOT-23 Series Dual Zener Voltage Regulator Diodes
BZX84CXXX SECOS-BZX84CXXX Datasheet
453Kb / 3P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
BZX84BXXX SECOS-BZX84BXXX Datasheet
77Kb / 2P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
MMBZ52XXB SECOS-MMBZ52XXB Datasheet
84Kb / 5P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
logo
ON Semiconductor
BZX84B4V7LT1 ONSEMI-BZX84B4V7LT1_09 Datasheet
182Kb / 7P
   Zener Voltage Regulators 225 mW SOT??3 Surface Mount
July, 2009 ??Rev. 13
MMBZ5221ELT1_0508 ONSEMI-MMBZ5221ELT1_0508 Datasheet
74Kb / 6P
   Zener Voltage Regulators 225 mW SOT??3 Surface Mount
August, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com