Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC16550DVX Datasheet(PDF) 8 Page - Texas Instruments

Part # PC16550DVX
Description  Universal Asynchronous Receiver/Transmitter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PC16550DVX Datasheet(HTML) 8 Page - Texas Instruments

Back Button PC16550DVX Datasheet HTML 4Page - Texas Instruments PC16550DVX Datasheet HTML 5Page - Texas Instruments PC16550DVX Datasheet HTML 6Page - Texas Instruments PC16550DVX Datasheet HTML 7Page - Texas Instruments PC16550DVX Datasheet HTML 8Page - Texas Instruments PC16550DVX Datasheet HTML 9Page - Texas Instruments PC16550DVX Datasheet HTML 10Page - Texas Instruments PC16550DVX Datasheet HTML 11Page - Texas Instruments PC16550DVX Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
PC16550D
SNLS378C – JUNE 1995 – REVISED MAY 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
All input or output voltages with respect to VSS
–0.5
7
V
Power Dissipation
1
W
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±1500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TA
Ambient Temperature
0
25
70
°C
VDD
Supply Voltage
4.5
5
5.5
V
7.4 Electrical Characteristics
TA = 0°C to 70°C, VDD = 5 V ± 10%, VSS = 0 V, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VILX
Clock input low voltage
–0.5
0.8
V
VIHX
Clock input high voltage
2.0
VDD
V
VIL
Input low voltage
–0.5
0.8
V
VIH
Input high voltage
2
VDD
V
VOL
Output low voltage
IOL = 1.6 mA on all
(1)
0.4
V
VOH
Output high voltage
IOH = –1.0 mA
(1)
2.4
V
VDD = 5.5 V, TA = 25°C, No Loads on output,
ICC(AV)
Average power supply current
SIN, DSR, DCD, CTS, RI = 2.0 V,
15
mA
All other inputs = 0.8 V
IIL
Input leakage
±10
mA
VDD = 5.5 V, VSS = 0 V, All other pins floating,
VIN = 0 V, 5.5 V
ICL
Clock leakage
±10
mA
VDD = 5.5 V, VSS = 0 V, VOUT = 0 V, 5.25 V
IOZ
TRI-STATE leakage
1) Chip deselected
±20
mA
2) WRITE mode, chip selected
VILMR
MR Schmitt VIL
0.8
V
VIHMR
MR Schmitt VIH
2
V
CAPACITANCE: TA = 25°C, VDD = VSS = 0 V
CXIN
Clock input capacitance
7
9
pF
CXOUT
Clock output capacitance
7
9
pF
CIN
Input capacitance
fc = 1 MHz, Unmeasured pins returned to VSS
5
7
pF
COUT
Output capacitance
6
8
pF
CI/O
Input/Output capacitance
10
12
pF
(1)
Does not apply to XOUT.
8
Submit Documentation Feedback
Copyright © 1995–2015, Texas Instruments Incorporated
Product Folder Links: PC16550D


Similar Part No. - PC16550DVX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC16550DVX NSC-PC16550DVX Datasheet
84Kb / 3P
   Engineering Project Manager
More results

Similar Description - PC16550DVX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
   Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
   Universal Asynchronous Receiver/Transmitter
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
   UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
Altera Corporation
A16450 ALTERA-A16450 Datasheet
282Kb / 16P
   Universal Asynchronous Receiver/Transmitter
logo
InnovASIC, Inc
IA16450 INNOVASIC-IA16450 Datasheet
97Kb / 10P
   Universal Asynchronous Receiver/Transmitter
logo
Texas Instruments
TL16PC564BLVI TI-TL16PC564BLVI Datasheet
525Kb / 34P
[Old version datasheet]   PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
   Universal Asynchronous Receiver Transmitter(UART)
06/15/99
logo
National Semiconductor ...
NSC858 NSC-NSC858 Datasheet
683Kb / 19P
   NSC858 Universal Asynchronous Receiver/Transmitter
logo
OKI electronic componet...
MSM82C51A-2RS OKI-MSM82C51A-2RS Datasheet
203Kb / 26P
   UNIVERSAL SYNCHRONOUS ASYNCHRONOUS RECEIVER TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com