Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2304NZZI-1T Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2304NZZI-1T
Description  Four Output PCI-X and General Purpose Buffer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2304NZZI-1T Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2304NZZI-1T Datasheet HTML 1Page - Cypress Semiconductor CY2304NZZI-1T Datasheet HTML 2Page - Cypress Semiconductor CY2304NZZI-1T Datasheet HTML 3Page - Cypress Semiconductor CY2304NZZI-1T Datasheet HTML 4Page - Cypress Semiconductor CY2304NZZI-1T Datasheet HTML 5Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CY2304NZ
Document #: 38-07099 Rev. *B
Page 2 of 5
Maximum Ratings
Supply Voltage to Ground Potential ........ –0.5V to VDD +0.5V
DC Input Voltage (Except REF) .............–0.5V to VDD +0.5V
DC Input Voltage REF............................. –0.5V to VDD +0.5V
Storage Temperature ................................. –65
°C to +150°C
Max. Soldering Temperature (10 sec.) ....................... 260
°C
Junction Temperature ................................................. 150
°C
Static Discharge Voltage
(per MIL-STD-883, Method 3015) ........................... >2,000V
Operating Conditions
Parameter
Description
Min.
Max.
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
-40
85
°C
CL
Load Capacitance
25
pF
CIN
Input Capacitance
7
pF
BUF_IN, OUTPUT [1:4] Operating Frequency
DC
140
MHz
tPU
Power-up time for all VDD's to reach minimum specified
voltage (power ramps must be monotonic)
0.05
50
ms
Electrical Characteristics
Parameter
Description
Test Conditions
Min.
Max.
Unit
VIL
Input LOW Voltage[1]
0.8
V
VIH
Input HIGH Voltage[1]
2.0
V
IIL
Input LOW Current
VIN = 0V
–55
µA
IIH
Input HIGH Current
VIN = VDD
–55
µA
VOL
Output LOW Voltage[2]
IOL = 24 mA
0.8
V
IOL = 12 mA
0.55
V
VOH
Output HIGH Voltage[2]
IOH = –24 mA
2.0
V
IOH = –12 mA
2.4
V
IDD
Supply Current
Unloaded outputs at 66.66 MHz
25
mA
Switching Characteristics[3] for Commercial and Industrial Temperature Devices
Parameter
Name
Description
Min.
Typ.
Max.
Unit
Duty Cycle[2] = t2 ÷ t1
Measured at 1.5V
40.0
50.0
60.0
%
t3
Rise Time[2]
Measured between 0.8V and 2.0V
1.50
ns
t4
Fall Time[2]
Measured between 0.8V and 2.0V
1.50
ns
t5
Output to Output Skew[2]
All outputs equally loaded
100
ps
t6
Propagation Delay,
BUF_IN Rising Edge to
OUTPUT
Rising Edge[2]
Measured at VDD/2
2.5
3.5
5
ns
Notes:
1.
BUF_IN input has a threshold voltage of VDD/2.
2.
Parameter is guaranteed by design and characterization. It is not 100% tested in production.
3.
All parameters specified with loaded outputs.


Similar Part No. - CY2304NZZI-1T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2304NZZI-1T CYPRESS-CY2304NZZI-1T Datasheet
118Kb / 5P
   Four Output PCI-X and General Purpose Buffer
CY2304NZZI-1T CYPRESS-CY2304NZZI-1T Datasheet
345Kb / 8P
   Four Output PCI-X and General Purpose Buffer
CY2304NZZI-1T CYPRESS-CY2304NZZI-1T Datasheet
345Kb / 8P
   Four Output PCI-X and General Purpose Buffer
CY2304NZZI-1T CYPRESS-CY2304NZZI-1T Datasheet
377Kb / 8P
   Four Output PCI-X and General Purpose Buffer
More results

Similar Description - CY2304NZZI-1T

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2P2304NZ ALSC-ASM2P2304NZ Datasheet
667Kb / 8P
   Four Output PCI-X and General Purpose Buffer
logo
Cypress Semiconductor
CY2304NZ CYPRESS-CY2304NZ_12 Datasheet
345Kb / 8P
   Four Output PCI-X and General Purpose Buffer
logo
PulseCore Semiconductor
ASM2P2304NZ PULSECORE-ASM2P2304NZ Datasheet
175Kb / 9P
   Four Output PCI-X and General Purpose Buffer
logo
Cypress Semiconductor
CY2304NZ CYPRESS-CY2304NZ_13 Datasheet
377Kb / 8P
   Four Output PCI-X and General Purpose Buffer
CY2304NZ CYPRESS-CY2304NZ_05 Datasheet
118Kb / 5P
   Four Output PCI-X and General Purpose Buffer
CY2304NZ CYPRESS-CY2304NZ_11 Datasheet
345Kb / 8P
   Four Output PCI-X and General Purpose Buffer
logo
ON Semiconductor
ASM2P2304NZ ONSEMI-ASM2P2304NZ Datasheet
106Kb / 7P
   Four Output PCI-X and General Purpose Buffer
August, 2011 ??Rev. 3
logo
Integrated Circuit Syst...
ICS9DB104 ICST-ICS9DB104 Datasheet
105Kb / 13P
   Four Output Differential Buffer for PCI-Express
logo
Renesas Technology Corp
9DB401C RENESAS-9DB401C Datasheet
321Kb / 18P
   Four Output Differential Buffer for PCI Express
1/27/11
logo
Integrated Device Techn...
ICS9DB401C IDT-ICS9DB401C Datasheet
244Kb / 17P
   Four Output Differential Buffer for PCI Express
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com