Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C6V2LT1 Datasheet(PDF) 7 Page - Motorola, Inc

Part # BZX84C6V2LT1
Description  225 mW SOT-23 Zener Voltage Regulator Diodes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BZX84C6V2LT1 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button BZX84C6V2LT1 Datasheet HTML 3Page - Motorola, Inc BZX84C6V2LT1 Datasheet HTML 4Page - Motorola, Inc BZX84C6V2LT1 Datasheet HTML 5Page - Motorola, Inc BZX84C6V2LT1 Datasheet HTML 6Page - Motorola, Inc BZX84C6V2LT1 Datasheet HTML 7Page - Motorola, Inc BZX84C6V2LT1 Datasheet HTML 8Page - Motorola, Inc BZX84C6V2LT1 Datasheet HTML 9Page - Motorola, Inc BZX84C6V2LT1 Datasheet HTML 10Page - Motorola, Inc BZX84C6V2LT1 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MOTOROLA
SEMICONDUCTOR
TECHNICAL DATA
Motorola TVS/Zener Device Data
7-145
500 mW Leadless (SOD-123) Data Sheet
Designer’s
™ Data Sheet
Surface Mount Silicon Zener Diodes
Plastic SOD123 Package
Three complete series of Zener Diodes are offered in the convenient, surface mount
plastic SOD-123 package. These devices provide a convenient alternative to the leadless
34 package style.
500 mW Rating on FR-4 or FR-5 Board
Package Designed for Optimal Automated Board Assembly
Corrosion Resistant Finish, Easily Solderable
ESD Rating of Class 3 (exceeding 16 kV) per the Human Body Model
Small Package Size for High Density Applications
Available in 8 mm Tape and Reel
Add “T1” to the device number to order the 7 inch / 3000 unit reel.
Add “T3” to the device number to order the 13 inch / 10,000 unit reel.
Wafer Fab Location: Phoenix, Arizona
Assembly/Test Location: Seremban, Malaysia
MMSZ5221BT1 thru MMSZ5270BT1
General Purpose, Medium Current
Wide Voltage Range — 2.4 to 91 Volts
MMSZ4678T1 thru MMSZ4717T1
Low Operating Currents, Low Leakage, Sharp Breakdown Characteristics
Wide Voltage Range — 1.8 to 43 Volts
MMSZ2V4T1 thru MMSZ75T1
Specified Similar to European BZV55C Series
Wide Voltage Range — 2.4 to 75 Volts
DEVICE RATING (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Power Dissipation on FR-4 or FR-5 Board [1]
Derate above TL = 75°C
PD
500
6.7
mW
mW/
°C
Thermal Resistance Junction to Lead [2]
Thermal Resistance Junction to Ambient [2]
R
θJL
R
θJA
150
340
°C/W
Junction Temperature Range
TJ
–55 to +150
°C
Storage Temperature Range
Tstg
–55 to +150
°C
Lead Solder Temperature – Maximum (10 sec. duration)
260
°C
[1] FR-4 or FR-5 = 3.5 x 1.5 inches, using the Motorola minimum recommended footprint as shown in Figure 11.
[2] Thermal Resistance measurement obtained via Infrared Scan Method
Designer’s Data for “Worst Case’’ Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. Limit curves — representing
boundaries on device characteristics — are given to facilitate “worst case’’ design.
Designer’s is a trademark of Motorola, Inc.
Thermal Clad is a trademark of the Bergquist Company.
Preferred devices are Motorola recommended choices for future use and best overall value.
MMSZ5221BT1-
MMSZ5270BT1*
MMSZ4678T1-
MMSZ4717T1
MMSZ2V4T1-
MMSZ75T1
PLASTIC SURFACE
MOUNT
ZENER DIODES
500 MILLIWATTS
1.8 – 91 VOLTS
CASE 425, STYLE 1
PLASTIC
*Motorola Preferred Device Series
1: CATHODE
2: ANODE
12


Similar Part No. - BZX84C6V2LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BZX84C6V2LT1 LRC-BZX84C6V2LT1 Datasheet
171Kb / 5P
   SEMICONDUCTOR(TECHNICAL DATA)
logo
ON Semiconductor
BZX84C6V2LT1 ONSEMI-BZX84C6V2LT1 Datasheet
80Kb / 8P
   Zener Voltage Regulators
December, 2004 ??Rev. 8
logo
E-Tech Electronics LTD
BZX84C6V2LT1 ETL-BZX84C6V2LT1 Datasheet
174Kb / 5P
   SEMICONDUCTOR
logo
ON Semiconductor
BZX84C6V2LT1 ONSEMI-BZX84C6V2LT1 Datasheet
79Kb / 7P
   Zener Voltage Regulators
October, 2005 ??Rev. 11
logo
PACELEADER INDUSTRIAL
BZX84C6V2LT1 PACELEADER-BZX84C6V2LT1 Datasheet
180Kb / 2P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - BZX84C6V2LT1

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
MMBZ5221B YEASHIN-MMBZ5221B Datasheet
814Kb / 5P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
ON Semiconductor
BZX84C2V4ET1 ONSEMI-BZX84C2V4ET1_05 Datasheet
75Kb / 6P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
August, 2005 ??Rev. 5
BZX84C2V4LT1 ONSEMI-BZX84C2V4LT1_05 Datasheet
79Kb / 7P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
October, 2005 ??Rev. 11
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1_05 Datasheet
72Kb / 6P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
July, 2005 ??Rev. 9
logo
SeCoS Halbleitertechnol...
BZD84C SECOS-BZD84C Datasheet
168Kb / 3P
   300 mW SOT-23 Series Dual Zener Voltage Regulator Diodes
BZX84CXXX SECOS-BZX84CXXX Datasheet
453Kb / 3P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
BZX84BXXX SECOS-BZX84BXXX Datasheet
77Kb / 2P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
MMBZ52XXB SECOS-MMBZ52XXB Datasheet
84Kb / 5P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
logo
ON Semiconductor
BZX84B4V7LT1 ONSEMI-BZX84B4V7LT1_09 Datasheet
182Kb / 7P
   Zener Voltage Regulators 225 mW SOT??3 Surface Mount
July, 2009 ??Rev. 13
MMBZ5221ELT1_0508 ONSEMI-MMBZ5221ELT1_0508 Datasheet
74Kb / 6P
   Zener Voltage Regulators 225 mW SOT??3 Surface Mount
August, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com