Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK6-170C Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # AK6-170C
Description  TRANSIENT VOLTAGE SUPPRESSION DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

AK6-170C Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  AK6-170C Datasheet HTML 1Page - SUNMATE electronic Co., LTD AK6-170C Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ElectricalCharacteristics(TA =25
oCunless otherwise noted)
Part Number
Reverse Stand-
Off
Voltag
Breakdown
Voltage
Test
Current
^
Current
Rating
Maximum
Clamping
Voltage
Reverse
Leakage
VAC(V)
VDC(V)
VBR(V)
MIN.@IT
IT(mA)
8/20us
(KA)
VC(V)
@IPP
IR(uA)
@VDC
AK1-076C
AK3-058C
40
10
3
110
20
66
70
3
125
20
76
85
10
3
140
20
380
401
10
3
520
20
430
440
10
3
625
20
170
180
10
6
260
20
190
200
10
6
290
20
240
250
10
6
340
20
380
401
10
6
520
20
430
440
10
6
625
20
58
64
10
10
110
20
66
70
10
125
20
76
83
10
10
135
20
170
180
10
10
260
20
190
200
10
10
290
20
200
222
10
10
330
20
240
250
10
10
340
20
380
401
10
10
520
20
430
440
10
10
625
20
58
64
10
15
110
20
76
85
10
15
145
20
58
66
76
54
76
58
64
83
10
1
135
20
20
20
20
2 of 2
www.sunmate.tw
AK15-058C
40
AK3-066C
45
AK3-076C
54
AK3-380C
275
AK3-430C
310
AK6-058C
40
AK6-066C
45
AK6-076C
54
AK6-170C
130
AK6-190C
145
AK6-240C
180
AK6-380C
275
AK6-430C
310
AK10-058C
40
AK10-066C
45
AK10-076C
54
AK10-170C
130
AK10-190C
145
AK10-200C
150
AK10-240C
180
AK10-380C
275
AK10-430C
310
AK15-076C
54
110
125
83
10
6
135
70
6
10
64
10
6
10
10


Similar Part No. - AK6-170C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AK6-170C LITTELFUSE-AK6-170C Datasheet
203Kb / 2P
   Silicon Avalanche Diodes - 6000W Transient Voltage Suppression For AC Line Protection
logo
Shenzhen Luguang Electr...
AK6-170C LUGUANG-AK6-170C Datasheet
678Kb / 2P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK6-170C LITTELFUSE-AK6-170C Datasheet
3Mb / 146P
   TVS Diode Products
logo
Micro Commercial Compon...
AK6-170C MCC-AK6-170C Datasheet
238Kb / 3P
   Micro Commercial Components 20736 Marilla Street Chatsworth CA 91311
AK6-170C MCC-AK6-170C Datasheet
762Kb / 4P
   AK Series TVS Diodes 58-430 Volts
More results

Similar Description - AK6-170C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com