Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24103RHLT Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ24103RHLT
Description  SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24103RHLT Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ24103RHLT Datasheet HTML 5Page - Texas Instruments BQ24103RHLT Datasheet HTML 6Page - Texas Instruments BQ24103RHLT Datasheet HTML 7Page - Texas Instruments BQ24103RHLT Datasheet HTML 8Page - Texas Instruments BQ24103RHLT Datasheet HTML 9Page - Texas Instruments BQ24103RHLT Datasheet HTML 10Page - Texas Instruments BQ24103RHLT Datasheet HTML 11Page - Texas Instruments BQ24103RHLT Datasheet HTML 12Page - Texas Instruments BQ24103RHLT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
10
0
0.5
1
1.5
2
30
20
50
40
70
60
80
100
90
EFFICIENCY
vs
OUTPUT CHARGE CURRENT
VIN = 9 V
VIN = 16 V
V(BAT) = 8.4 V
2 Cell
TA = 25°C
IO(CHARGE) = Output Charge Current - A
0
10
0
0.5
1
1.5
2
30
20
50
40
70
60
80
100
90
EFFICIENCY
vs
OUTPUT CHARGE CURRENT
IO(CHARGE) = Output Charge Current - A
VIN = 4.5 V
VIN = 16 V
V(BAT) = 4.2 V
1 Cell
TA = 25°C
4
IN
6
VCC
10 VSS
20
OUT
18
PGND
15
SNS
8
ISET1
bq24113RHL
9
12
16
1
3
OUT
ISET2
TS
CE
IN
2
STAT1
5
PG
TEMP
PACK+
PACK-
+
BATTERY
PACK
17
PGND
14
BAT
11
VTSB
7
CMODE
To System
UDG-04035
VIN
10
µF
COUT
10
µF
LOUT
10
µH
R(SNS)
RT1
RT2
0.1
µF
R(ISET1)
R(ISET2)
13 CELLS
bq24100, bq24103
bq24105, bq24108
bq24113, bq24115
SLUS606C – JUNE 2004 – REVISED SEPTEMBER 2005
Figure 1.
Figure 2.
Figure 3. Typical Application Circuit (System-Controlled Version)
9


Similar Part No. - BQ24103RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24103RHLR TI-BQ24103RHLR Datasheet
611Kb / 29P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
BQ24103RHLR TI-BQ24103RHLR Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24103RHLR TI1-BQ24103RHLR Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
BQ24103RHLR TI1-BQ24103RHLR Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
BQ24103RHLRG4 TI1-BQ24103RHLRG4 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
More results

Similar Description - BQ24103RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24100 TI-BQ24100_05 Datasheet
611Kb / 29P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
BQ24100 TI-BQ24100_10 Datasheet
1Mb / 40P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24105-Q1 TI-BQ24105-Q1 Datasheet
859Kb / 35P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24100 TI-BQ24100_07 Datasheet
1,017Kb / 36P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24100 TI-BQ24100_08 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24100 TI1-BQ24100 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ24100 TI1-BQ24100_17 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com