Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM49270SQ/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM49270SQ/NOPB
Description  Filterless 2.2W Stereo Class D Audio Subsystem with OCL Headphone Amplifier, 3D Enhancement, and Headphone Sense
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49270SQ/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM49270SQ/NOPB Datasheet HTML 1Page - Texas Instruments LM49270SQ/NOPB Datasheet HTML 2Page - Texas Instruments LM49270SQ/NOPB Datasheet HTML 3Page - Texas Instruments LM49270SQ/NOPB Datasheet HTML 4Page - Texas Instruments LM49270SQ/NOPB Datasheet HTML 5Page - Texas Instruments LM49270SQ/NOPB Datasheet HTML 6Page - Texas Instruments LM49270SQ/NOPB Datasheet HTML 7Page - Texas Instruments LM49270SQ/NOPB Datasheet HTML 8Page - Texas Instruments LM49270SQ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM49270
SNAS384B – DECEMBER 2006 – REVISED MARCH 2007
www.ti.com
Pin Descriptions (continued)
PIN
NAME
DESCRIPTION
28
GND
Headphone ground
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage (1)
6.0V
Storage Temperature
−65°C to +150°C
Input Voltage
–0.3V to VDD +0.3V
Power Dissipation (4)
Internally Limited
ESD Susceptibility(5)
2000V
ESD Susceptibility (6)
200V
Junction Temperature (TJMAX)
150°C
Thermal Resistance
θJA
35.1°C/W
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which specify performance limits. This assumes that the device is within the Operating
Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication of device
performance.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation is PDMAX = (TJMAX – TA)/ θJA or the number given in Absolute Maximum Ratings,
whichever is lower. For the LM49270 see power derating currents for more information.
(5)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(6)
Machine Model, 220pF–240pF discharged through all pins.
Operating Ratings
(1)
Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ 85°C
Supply Voltage
2.4V
≤ VDD ≤ 5.5V
(VDD, LSVDD, HPVDD)
I2C Voltage (I2CVDD)
2.4V
≤ I2CVDD ≤ 5.5V
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
4
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Links: LM49270


Similar Part No. - LM49270SQ/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM49270SQ/NOPB TI1-LM49270SQ/NOPB Datasheet
939Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
More results

Similar Description - LM49270SQ/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
LM4947 NSC-LM4947 Datasheet
1Mb / 32P
   Mono Class D and Stereo Audio Subsystem with OCL Headphone Amplifier and National 3D
logo
Maxim Integrated Produc...
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
logo
Texas Instruments
LM4947 TI1-LM4947_14 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and National 3D
logo
Maxim Integrated Produc...
MAX9702 MAXIM-MAX9702 Datasheet
1Mb / 32P
   1.8W, Filterless, Stereo, Class D Audio Power Amplifier and DirectDrive Stereo Headphone Amplifier
Rev 0; 6/05
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
National Semiconductor ...
LM49450 NSC-LM49450 Datasheet
1Mb / 38P
   I2S Input, 2.5W/Channel, Low EMI, Stereo, Class D Audio Sub-System with Ground Referenced Headphone Amplifier, 3D Enhancement, and Headphone Sense
logo
Texas Instruments
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
logo
Eutech Microelectronics...
EUA4832 EUTECH-EUA4832 Datasheet
212Kb / 1P
   3-W Stereo Audio Power Amplifier with I2C, Tone Control, 3D Enhancement and OCL Headphone Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com