Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30KPA48A Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 30KPA48A
Description  AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

30KPA48A Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  30KPA48A Datasheet HTML 1Page - SUNMATE electronic Co., LTD 30KPA48A Datasheet HTML 2Page - SUNMATE electronic Co., LTD 30KPA48A Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VOLTAGE RANGE: 28 - 400V
30KPA28A(CA) - 30KPA400A(CA)
POWER: 30000 Wa t t s
1 of 3
Plastic package.
Glass passivated junction.
Excellent clamping capability.
Low incremental surge resistance.
Features
Symbol
Value
Unit
Peak Pulse Power Dissipation (10 x 1000μs, see Fig.2 )
PPK
30,000
W
Steady State Power Dissipation
PD
7W
Peak Forward Surge Current, 8.3ms Single Half Sine Wave
(Uni-directional devices only)
Operating and Storage Temperature Range
TJ, TSTG
- 55 to + 175
°C
IFSM
250
A
Maximum Ratings @ TA = 25°C unless otherwise specified
www.sunmate.tw
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
Repetition rate (duty cycle): 0.05%.
!
!
!
!
!
!
!
Fast response time: typically less than 1.0
ps from 0 volt to BV.
High temperature soldering guaranteed: 265°C/10
seconds/.375", (9.5mm) lead length, 5lbs.
(2.3kg) tension.
Case: JEDEC R-6 Molded Plastic
Mechanical Data
Terminals: Axial Leads, Solderable per
MIL-STD-750, Method 2026
Polarity: Cathode Band or Cathode Notch
!
!
!
Weight : 2.1 grams
!
A
A
B
C
D
R-6
Dim
Min
Max
A
25.4
B
8.6
9.1
C
1.2
1.3
All Dimensions in mm
Characteristic


Similar Part No. - 30KPA48A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
30KPA48A PROTEC-30KPA48A Datasheet
81Kb / 4P
   POWER TVS COMPONENT
logo
New Jersey Semi-Conduct...
30KPA48A NJSEMI-30KPA48A Datasheet
157Kb / 3P
   STAND-OFF VOLTAGE-30 TO 288 Volts 30000 Watt Peak Pulse Power
logo
HuaXinAn Electronics CO...
30KPA48A HUAXINAN-30KPA48A Datasheet
424Kb / 5P
   30000W Transient Voltage Suppressors
logo
Protek Devices
30KPA48A PROTEC-30KPA48A Datasheet
60Kb / 4P
   POWER TVS COMPONENT
logo
Ruilongyuan Electronics...
30KPA48A RUILON-30KPA48A Datasheet
904Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - 30KPA48A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
5KP190A SUNMATE-5KP190A Datasheet
800Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
P4KE6.8A SUNMATE-P4KE6.8A_V01 Datasheet
1Mb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6302A SUNMATE-1N6302A Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
BZW50-5.0 SUNMATE-BZW50-5.0 Datasheet
507Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6303 SUNMATE-1N6303 Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6303A SUNMATE-1N6303A Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6302 SUNMATE-1N6302 Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
5KP5.0A SUNMATE-5KP5.0A_15 Datasheet
940Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6267 SUNMATE-1N6267_15 Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
3KE180A SUNMATE-3KE180A Datasheet
427Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com